Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AFC-24S Datasheet(PDF) 3 Page - Astrodyne Corporation

Part # AFC-24S
Description  PowerBlock Micro-Miniature Modular Switching Power Supplies
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTRODYNE [Astrodyne Corporation]
Direct Link  http://www.astrodyne.com
Logo ASTRODYNE - Astrodyne Corporation

AFC-24S Datasheet(HTML) 3 Page - Astrodyne Corporation

  AFC-24S Datasheet HTML 1Page - Astrodyne Corporation AFC-24S Datasheet HTML 2Page - Astrodyne Corporation AFC-24S Datasheet HTML 3Page - Astrodyne Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
PowerBlock Micro-Miniature Modular Switching Power Supplies
p w b series
300 Myles Standish blvd., Taunton, MA 02780
ph: 1-800-823-8082
Fax: 508-823-8181
www.ASTRODYNE.COM
SIDE VIEW
Dim. “H”
.20 (5.08) MIN.
.040 (1.016) DIA.
NOTES:
DIMENSIONS ARE IN INCH (mm)
TOLERANCES:
.XXX +/-.02(.508)
.XX +/-.05(1.27)
1.80 (45.72)
2.00 (50.80)
BOTTOM VIEW
ACL
ACN
-Vout
+Vout
.40 (10.16)
.10 (2.54)
MECHANICAL SpECIFICATIONS
pOwER bLOCk AppLICATION NOTES
Output Noise
The figure below ia a sample diagram to reduce Output Ripple
and Noise.
C1 = Electrolytic Capacitor
Capacitance = 22uF - 220uF
Voltage = Two times rated output voltage
L1 = 3uH - 10uH
C2 = Electrolytic Capacitor
Capacitance = 22uF - 47uF
Voltage = Two times rated output voltage
C3 = Ceramic Capacitor
Capacitance = 0.01uF - 0.1uF
Voltage = 50 volt
Notes:
1. The use of C1 alone may reduce noise to desired levels,
if not use L1, C2 and C3 in addition to C1.
2. The figure above is a suggested circuit. Only by trying true
application can levels be tested.
EMI
The figure below ia a suggested diagram to reduce
Electromagnetic Interference (EMI).
C1 = 0.22uF X Capacitor
L1 = 10mH - 30mH Common Mode, Choke
C2, C3 = 220pF Y Capacitors
Notes:
The diagram above is a recommended circuit, only by trying
true application can levels be measured.
Inrush Current
If desired, the use of a Choke, NTC or Inrush Current Limiter
may be used to reduce the Inrush Current
Dimension “H”
0.6 (15.24) for 5Watt/PWB Version
0.9 (22.86) for 10Watt/AFC Version


Similar Part No. - AFC-24S

ManufacturerPart #DatasheetDescription
logo
Arch Electronics Corp.
AFC-24S ARCH-AFC-24S Datasheet
495Kb / 5P
   AC-DC Power Module
logo
Astrodyne Corporation
AFC-24S ASTRODYNE-AFC-24S Datasheet
187Kb / 3P
   PowerBlock Micro-Miniature Modular Switching Power Supplies
logo
Arch Electronics Corp.
AFC-24S-DN ARCH-AFC-24S-DN Datasheet
197Kb / 2P
   AC-DC Switching Power Supply
AFC-24S-E1 ARCH-AFC-24S-E1 Datasheet
495Kb / 5P
   AC-DC Power Module
AFC-24S-E1 ARCH-AFC-24S-E1 Datasheet
247Kb / 3P
   AC-DC Power Module
More results

Similar Description - AFC-24S

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
PWB ASTRODYNE-PWB_16 Datasheet
266Kb / 5P
   PowerBlock Micro-Miniature Modular Switching Power Supplies
AFC ASTRODYNE-AFC Datasheet
187Kb / 3P
   PowerBlock Micro-Miniature Modular Switching Power Supplies
PWC ASTRODYNE-PWC Datasheet
638Kb / 5P
   PowerBlock Micro-Miniature 5 Watt Switching Power Supplies
PWC ASTRODYNE-PWC_16 Datasheet
275Kb / 4P
   PowerBlock Micro-Miniature 5 Watt Switching Power Supplies
logo
List of Unclassifed Man...
MCA-15 ETC2-MCA-15 Datasheet
1Mb / 5P
   15W Ultraminiature Modular Switching Power Supplies
logo
Astrodyne Corporation
MCA-5 ASTRODYNE-MCA-5 Datasheet
1Mb / 5P
   5W Ultraminiature Modular Switching Power Supplies
MCA-10 ASTRODYNE-MCA-10 Datasheet
1Mb / 5P
   10W Ultraminiature Modular Switching Power Supplies
MCA-30 ASTRODYNE-MCA-30 Datasheet
1Mb / 5P
   30W Ultraminiature Modular Switching Power Supplies
MCA10 ASTRODYNE-MCA10 Datasheet
1,000Kb / 6P
   10W Ultraminiature Modular Switching Power Supplies
MCA5 ASTRODYNE-MCA5 Datasheet
496Kb / 6P
   5W Ultraminiature Modular Switching Power Supplies
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com