Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QP-375-5E Datasheet(PDF) 3 Page - Astrodyne Corporation

Part # QP-375-5E
Description  375W Quad Output with PFC Function
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTRODYNE [Astrodyne Corporation]
Direct Link  http://www.astrodyne.com
Logo ASTRODYNE - Astrodyne Corporation

QP-375-5E Datasheet(HTML) 3 Page - Astrodyne Corporation

  QP-375-5E Datasheet HTML 1Page - Astrodyne Corporation QP-375-5E Datasheet HTML 2Page - Astrodyne Corporation QP-375-5E Datasheet HTML 3Page - Astrodyne Corporation QP-375-5E Datasheet HTML 4Page - Astrodyne Corporation QP-375-5E Datasheet HTML 5Page - Astrodyne Corporation QP-375-5E Datasheet HTML 6Page - Astrodyne Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
q p - 3 7 5 series
375W Quad Output with PFC Function
300 Myles Standish Blvd., Taunton, MA 02780
ph: 1-800-823-8082
Fax: 508-823-8181
WWW.ASTRODYNE.COM
Mechanical�Specification
Derating�Curve
Output�Derating�VS�Input�Voltage
AMBIENT�TEMPERATURE�(
)
INPUT�VOLTAGE�(VAC)�60Hz
85
95
105
115
125
135
180
264
230
20
40
60
80
100
-10
0
10
20
30
40
50
60
7
+V4 ADJ.
+V3 ADJ.
10
8
9
+V2 ADJ.
63.5
2
4
6
5
3
LED
O/P
TB2
1
CN62
6
1
I/P
TB1
3
2
1
8-M4
6-M3�L=6
2-M4
42.5
165.1
280
250
5
240
31.7
165.1
42.4
165.1
92
Air�flow
direction
AC�Input Terminal
Pin.�No. Assignment
Pin�No.
1
3
2
Assignment
FG
AC/N
AC/L
DC�Output Terminal�Pin.�No Assignment
Pin�No.
Pin�No.
1,2
8
3,4,5
9
6
10
7
Assignment
Assignment
+V1
-V3
COM(V1�and�V2)
+V4
+V2
-V4
+V3
CN62�Pin.�No Assignment�:�JST S6B-XH�uses�XHP-6�housing
Pin�No.
Pin�No.
5
1
6
2
3
4
Assignment
Assignment
RC-
PF(Power�good�/�Fail�signal)
RC+
GND
RS-
RS+
I/P
EMI
ACTIVE
RECTIFIERS
POWER
POWER�SWITCHING
FAN
RECTIFIERS
RECTIFIERS
RECTIFIERS
REGULATOR
+V4
-V4
+V3
-V3
+S
+V1
COM
-S
+V2
PF
+RC
-RC
RECTIFIERS
MA &
MA &
CONTROL
CONTROL
PF
O.V.P.
DETECTION
CIRCUIT
&
&
&
&
FILTER
FILTER
FILTER
FILTER
PWM�CONTROL
P.F.C.
O.L.P.
PWM
CONTROL
O.T.P.
ING
&
SWITCH-
INRUSH
CURRENT
LIMITING
FILTER
FG
90
100
80
70
60
50
40
File�Name:QP-375-SPEC���2005-09-13
375W�Quad�Output�with�PFC�Function
Q P - 3 7 5 series
Block�Diagram
fosc�:�100KHz
Case�No.�927A
Unit:mm


Similar Part No. - QP-375-5E

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
QP-375-5E TOTAL-POWER-QP-375-5E Datasheet
150Kb / 5P
   SWITCHING POWER SUPPLY ISO-9001 CERTIFIED MANUFACTURER
logo
Mean Well Enterprises C...
QP-375-5E MEANWELL-QP-375-5E Datasheet
770Kb / 7P
   375W Quad Output with PFC Function
QP-375-5E MEANWELL-QP-375-5E Datasheet
777Kb / 7P
   375W Quad Output with PFC Function
More results

Similar Description - QP-375-5E

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
QP375 ASTRODYNE-QP375 Datasheet
2Mb / 6P
   375W Quad Output with PFC Function
logo
Mean Well Enterprises C...
QP-375 MEANWELL-QP-375_11 Datasheet
786Kb / 7P
   375W Quad Output with PFC Function
logo
Total Power Internation...
QP-375 TOTAL-POWER-QP-375_17 Datasheet
994Kb / 7P
   375W Quad Output with PFC Function
logo
RSG Electronic Componen...
QP-375 RSG-QP-375 Datasheet
294Kb / 7P
   375W Quad Output with PFC Function
logo
Mean Well Enterprises C...
QP-375 MEANWELL-QP-375_10 Datasheet
777Kb / 7P
   375W Quad Output with PFC Function
QP-375 MEANWELL-QP-375 Datasheet
770Kb / 7P
   375W Quad Output with PFC Function
logo
CUI INC
VPPQ-1003C CUI-VPPQ-1003C Datasheet
84Kb / 2P
   100W Quad Output with PFC Function
logo
Mean Well Enterprises C...
QP-150 MEANWELL-QP-150_10 Datasheet
770Kb / 5P
   150W Quad Output with PFC Function
QP-320 MEANWELL-QP-320_10 Datasheet
256Kb / 2P
   320W Quad Output with PFC Function
logo
Astrodyne Corporation
QP-200 ASTRODYNE-QP-200 Datasheet
451Kb / 4P
   200W Quad Output with PFC Function
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com