Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QP-375-5E Datasheet(PDF) 6 Page - Astrodyne Corporation

Part # QP-375-5E
Description  375W Quad Output with PFC Function
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTRODYNE [Astrodyne Corporation]
Direct Link  http://www.astrodyne.com
Logo ASTRODYNE - Astrodyne Corporation

QP-375-5E Datasheet(HTML) 6 Page - Astrodyne Corporation

  QP-375-5E Datasheet HTML 1Page - Astrodyne Corporation QP-375-5E Datasheet HTML 2Page - Astrodyne Corporation QP-375-5E Datasheet HTML 3Page - Astrodyne Corporation QP-375-5E Datasheet HTML 4Page - Astrodyne Corporation QP-375-5E Datasheet HTML 5Page - Astrodyne Corporation QP-375-5E Datasheet HTML 6Page - Astrodyne Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
q p - 3 7 5 series
375W Quad Output with PFC Function
300 Myles Standish Blvd., Taunton, MA 02780
ph: 1-800-823-8082
Fax: 508-823-8181
WWW.ASTRODYNE.COM
-V4
+V4
+V2
+V3
-V3
COM
COM
+V1
+V1
COM
V3,V4 All�Negative(-)
V3�Plus�V4�Positive(+)
-V3
+V4
-V4
+V3
+V2
COM
COM
COM
+V1
+V1
V3,V4 All�Positive(+)
V3�Puls�Negative(-)
-V3
+V4
-V4
+V3
+V2
-V3
-V4
+V4
+V2
+V3
COM
COM
COM
+V1
+V1
COM
COM
COM
+V1
+V1
COM
-V3
-V4
COM
+V3+V4
COM
+V3
+V4
-V3+(-V4)
COM
Remote�Sensing
Power�Fail�Signal
Power�Fail�Signal
PF�Signal�is�the�voltage�difference�between
"GND"�and�"PF"�pin�output
Power�ON:�When�V
,
=0�~�0.8V�or�Open
RC+ RC-
Power�OFF:�When�V
,
=4�~�10V
RC+ RC-
File�Name:QP-375-SPEC���2005-09-13
375W�Quad�Output�with�PFC�Function
Q P - 3 7 5 series
���
���
��
-V4
+V4
+V3
-V3
+V2
COM
COM
COM
+V1
+V1
+
-
Load
Load
-
+
+V1
+V1
COM
COM
COM
+V2
-V3
+V3
+V4
-V4
-V4
+V4
+V3
-V3
+V2
COM
COM
COM
+V1
+V1
DC�0~15V
+
-
Load
Control�terminal�instruction�manual


Similar Part No. - QP-375-5E

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
QP-375-5E TOTAL-POWER-QP-375-5E Datasheet
150Kb / 5P
   SWITCHING POWER SUPPLY ISO-9001 CERTIFIED MANUFACTURER
logo
Mean Well Enterprises C...
QP-375-5E MEANWELL-QP-375-5E Datasheet
770Kb / 7P
   375W Quad Output with PFC Function
QP-375-5E MEANWELL-QP-375-5E Datasheet
777Kb / 7P
   375W Quad Output with PFC Function
More results

Similar Description - QP-375-5E

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
QP375 ASTRODYNE-QP375 Datasheet
2Mb / 6P
   375W Quad Output with PFC Function
logo
Mean Well Enterprises C...
QP-375 MEANWELL-QP-375_11 Datasheet
786Kb / 7P
   375W Quad Output with PFC Function
logo
Total Power Internation...
QP-375 TOTAL-POWER-QP-375_17 Datasheet
994Kb / 7P
   375W Quad Output with PFC Function
logo
RSG Electronic Componen...
QP-375 RSG-QP-375 Datasheet
294Kb / 7P
   375W Quad Output with PFC Function
logo
Mean Well Enterprises C...
QP-375 MEANWELL-QP-375_10 Datasheet
777Kb / 7P
   375W Quad Output with PFC Function
QP-375 MEANWELL-QP-375 Datasheet
770Kb / 7P
   375W Quad Output with PFC Function
logo
CUI INC
VPPQ-1003C CUI-VPPQ-1003C Datasheet
84Kb / 2P
   100W Quad Output with PFC Function
logo
Mean Well Enterprises C...
QP-150 MEANWELL-QP-150_10 Datasheet
770Kb / 5P
   150W Quad Output with PFC Function
QP-320 MEANWELL-QP-320_10 Datasheet
256Kb / 2P
   320W Quad Output with PFC Function
logo
Astrodyne Corporation
QP-200 ASTRODYNE-QP-200 Datasheet
451Kb / 4P
   200W Quad Output with PFC Function
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com