Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

REL185-1004 Datasheet(PDF) 3 Page - Astrodyne Corporation

Part # REL185-1004
Description  185 Watt Open Frame Switching Power Supply with PFC
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTRODYNE [Astrodyne Corporation]
Direct Link  http://www.astrodyne.com
Logo ASTRODYNE - Astrodyne Corporation

REL185-1004 Datasheet(HTML) 3 Page - Astrodyne Corporation

  REL185-1004 Datasheet HTML 1Page - Astrodyne Corporation REL185-1004 Datasheet HTML 2Page - Astrodyne Corporation REL185-1004 Datasheet HTML 3Page - Astrodyne Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
185 Watt Open Frame Switching Power Supply with PFC
R E L 1 8 5 series
300 Myles Standish Blvd., Taunton, MA 02780
Ph: 1-800-823-8082
Fax: 508-823-8181
WWW.ASTRODYNE.COM
MECHANICAL DIMENSIONS
THERMAL PERFORMANCE
CONNECTOR SPECIFICATIONS
P1 AC Input
.156 friction lock header mates with Molex 09-50-3031 crimp terminal
housing with Molex 2478 crimp terminal
P2 DC Output (Single)
6-32 screw down terminal accepts #6 ring tongue terminal
P2 DC Output (Multiple)
.156 friction lock header mates with Molex 09-50-3181 crimp terminal
housing with Molex 2478 crimp terminal
G
Ground
.187 quick disconnect terminal
P3 Option Sense (Single)
.100 breakaway header mates with Molex 50-57-9008 crimp terminal
housing with Molex 71851crimp terminal
P3 Option Sense (Multiple)
.100 breakaway header mates with Molex 22-55-2081 crimp terminal
housing with Molex 71851 crimp terminal
OPEN FRAME
.128 DIA
MTG HOLE
(4 PLACES)
P3
1
2
3
4
5
6
7
8
(-)
(-)
(+)
(+)
(-)
(-)
(+)
(+)
P.F. RTN
REMOTE RTN
REMOT SIG
P.F.SIG
OUTPUT 1
SENSE
SENSE
OUTPUT 1
P2-2 (-)
4
P2-1 (+)
3
2
1
P1
GND
L
N
INPUT
AC
1
P3
P3
P1
N
L
P2
1
5
2
6
1
SINGLE OUTPUT MODEL
MULTIPLE OUTPUT MODEL
3.95 (100.3)
4.25 (107.9)
7.00 (177.8)
6.70 (170.2)
.15 (3.81)
1.31 (33.3)
1.50 (38.1)
SENSE
(-)
3
P.F. RTN
P.F.SIG
REMOTE RTN
REMOTE SIG
OUTPUT 1
(-)
(+)
8
7
(-)
(-)
(+)
4
5
6
SENSE
OUTPUT 1
(+)
(+)
1
2
P3
OUTPUT 2
OUTPUT 2
P2
7
(+)
8
(+)
OUTPUT 4
OUTPUT 4
OUTPUT 3
OUTPUT 2
OUTPUT 2
OUTPUT 3
(-)
6
5
4
(-)
(-)
(+)
2
1
(+)
(-)
3
OUTPUT 1
OUTPUT 1
(+)
13
OUTPUT 1
OUTPUT 1
(+)
14
(+)
16
(+)
15
OUTPUT 1
OUTPUT 1
OUTPUT 1
OUTPUT 1
(-)
9
11
(-)
10
(-)
12
(-)
5.20 (132.1)
V1 ADJUST
V1 ADJUST
OUTPUT 1
OUTPUT 11
2
P2
(-)
(+)
.56 (14.2)
GND
INPUT
AC
CHASSIS & COVER
4-40
(2 PLACES)
MTG HOLE
(4 PLACES-BASE)
MTG HOLE
4-40
4
2
1
3
3.95 (100.3)
4.36 (110.7)
7.23 (183.6)
6.70 (170.2)
1.74 (44.2)
.76 (19.3)
6.70 (170.2)
ALL DIMENSIONS IN INCHES (MM)
1 – Optimum
2 – Good
3 – Good
4 - Fair
CONVECTION COOLING
CONVECTION COOLING
WITH CHASIS / COVER
FORCED AIR COOLING
CONVECTION COOLING
CONVECTION COOLING
WITH CHASIS / COVER
FORCED AIR COOLING
RECOMMENDED AIR FLOW DIRECTION


Similar Part No. - REL185-1004

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
REL185-1004 ASTRODYNE-REL185-1004 Datasheet
302Kb / 3P
   185 Watt Open Frame Switching Power Supply with PFC
More results

Similar Description - REL185-1004

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
REL185 ASTRODYNE-REL185_16 Datasheet
302Kb / 3P
   185 Watt Open Frame Switching Power Supply with PFC
REL110 ASTRODYNE-REL110_16 Datasheet
249Kb / 3P
   110 Watt Open Frame Switching Power Supply with PFC
REL150 ASTRODYNE-REL150_16 Datasheet
246Kb / 3P
   150 Watt Open Frame Switching Power Supply with PFC
REL150 ASTRODYNE-REL150 Datasheet
407Kb / 3P
   150 Watt Open Frame Switching Power Supply with PFC
REL70 ASTRODYNE-REL70_16 Datasheet
251Kb / 3P
   70 Watt Open Frame Switching Power Supply with PFC
PMK150 ASTRODYNE-PMK150 Datasheet
619Kb / 4P
   150 Watt Open Frame Switching Power Supply with PFC
REL70 ASTRODYNE-REL70 Datasheet
371Kb / 3P
   70 Watt Open Frame Switching Power Supply with PFC
PMK150 ASTRODYNE-PMK150_16 Datasheet
705Kb / 6P
   150 Watt Open Frame Switching Power Supply with PFC
REL110 ASTRODYNE-REL110 Datasheet
400Kb / 3P
   110 Watt Open Frame Switching Power Supply with PFC
logo
Total Power Internation...
TPS40-1 TOTAL-POWER-TPS40-1 Datasheet
102Kb / 3P
   40 WATT OPEN - FRAME SWITCHING POWER SUPPLY
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com