Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TA8216H Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TA8216H
Description  Dual Audio Power Amplifier
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TA8216H Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TA8216H_02 Datasheet HTML 1Page - Toshiba Semiconductor TA8216H_02 Datasheet HTML 2Page - Toshiba Semiconductor TA8216H_02 Datasheet HTML 3Page - Toshiba Semiconductor TA8216H_02 Datasheet HTML 4Page - Toshiba Semiconductor TA8216H_02 Datasheet HTML 5Page - Toshiba Semiconductor TA8216H_02 Datasheet HTML 6Page - Toshiba Semiconductor TA8216H_02 Datasheet HTML 7Page - Toshiba Semiconductor TA8216H_02 Datasheet HTML 8Page - Toshiba Semiconductor TA8216H_02 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
TA8216H
2002-02-13
1
TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic
TA8216H
Dual Audio Power Amplifier
The TA8216H is dual audio power amplifier for consumer
applications.
This IC provides an output power of 13 watts per channel
(at VCC = 28V, f = 1kHz, THD = 10%, RL = 8 Ω).
It is suitable for power amplifier of music center.
Features
· High output power: Pout = 13 W/channel (Typ.)
(VCC = 28 V, RL = 8 Ω, f = 1 kHz, THD = 10%)
· Low noise: Vno = 0.14 mVrms (Typ.)
(VCC = 28 V, RL = 8 Ω, GV = 34dB, Rg = 10 kΩ,
BW = 20 Hz~20 kHz)
· Very few external parts.
· Built in audio muting circuit.
· Built in thermal shut down protector circuit.
· Operation supply voltage range (Ta = 25°C)
: VCC (opr) = 10~37 V (RL = 8 Ω)
: VCC (opr) = 10~24 V (RL = 4 Ω)
Weight: 4.04 g (typ.)


Similar Part No. - TA8216H_02

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA8216HQ TOSHIBA-TA8216HQ Datasheet
379Kb / 11P
   Dual Audio Power Amplifier
More results

Similar Description - TA8216H_02

ManufacturerPart #DatasheetDescription
logo
Wuxi Youda electronics ...
YD6282 YOUDA-YD6282 Datasheet
155Kb / 4P
   DUAL AUDIO POWER AMPLIFIER
YD8207 YOUDA-YD8207 Datasheet
154Kb / 4P
   DUAL AUDIO POWER AMPLIFIER
logo
Texas Instruments
LM1877 TI1-LM1877_16 Datasheet
1Mb / 15P
[Old version datasheet]   Dual Audio Power Amplifier
logo
Toshiba Semiconductor
TA8258H TOSHIBA-TA8258H Datasheet
371Kb / 12P
   Dual Audio Power Amplifier
2002-02-13
TA8265K TOSHIBA-TA8265K Datasheet
353Kb / 9P
   DUAL AUDIO POWER AMPLIFIER
logo
NEC
UPC1316 NEC-UPC1316 Datasheet
1Mb / 8P
   DUAL AUDIO POWER AMPLIFIER
logo
Toshiba Semiconductor
TA8200AH TOSHIBA-TA8200AH_02 Datasheet
230Kb / 11P
   Dual Audio Power Amplifier
TB2922HQ TOSHIBA-TB2922HQ Datasheet
337Kb / 15P
   Dual Audio Power Amplifier
TA8258HQ TOSHIBA-TA8258HQ_06 Datasheet
345Kb / 13P
   Dual Audio Power Amplifier
logo
Texas Instruments
LM1896 TI1-LM1896 Datasheet
516Kb / 12P
[Old version datasheet]   Dual Audio Power Amplifier
logo
Toshiba Semiconductor
TA7230P TOSHIBA-TA7230P Datasheet
454Kb / 4P
   DUAL AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com