Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TA8256BH Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TA8256BH
Description  Audio Power Amplifier 6 W 횞 3 Ch
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TA8256BH Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TA8256BH_02 Datasheet HTML 1Page - Toshiba Semiconductor TA8256BH_02 Datasheet HTML 2Page - Toshiba Semiconductor TA8256BH_02 Datasheet HTML 3Page - Toshiba Semiconductor TA8256BH_02 Datasheet HTML 4Page - Toshiba Semiconductor TA8256BH_02 Datasheet HTML 5Page - Toshiba Semiconductor TA8256BH_02 Datasheet HTML 6Page - Toshiba Semiconductor TA8256BH_02 Datasheet HTML 7Page - Toshiba Semiconductor TA8256BH_02 Datasheet HTML 8Page - Toshiba Semiconductor TA8256BH_02 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
TA8256BH
2002-02-13
1
TOSHIBA Bipolar Linear Integrated Circuit
Silicon Monolithic
TA8256BH
Audio Power Amplifier 6 W × 3 Ch
TA8256BH is 3 channel audio power amplifier for Consumer
applications.
This IC provides an output power of 6 watts per channel
(at VCC = 20 V, f = 1 kHz, THD = 10%, RL = 8 Ω).
It is suitable for power amplifier of TV and home Stereo.
Features
· High output power: Pout = 6 W (Typ.)
(VCC = 20 V、RL = 8 Ω、f = 1 kHz、THD = 10%)
· Built-in audio muting circuit.
· NF terminal capacitor less
: Fixed gain (Gv = 34dB), needless external capacitor.
· Protectors
: Thermal shut down protection circuit, over voltage protection circuit
· Low poping noise
· High THD ratio
· High input dynamic range
· Available for using same PCB layout with 2 channel IC: TA8246AH
· Operating supply voltage range
: VCC (opr) = 10~30 V (Ta = 25°C)
Weight: 4.04 g (typ.)


Similar Part No. - TA8256BH_02

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA8256BH TOSHIBA-TA8256BH Datasheet
358Kb / 10P
   AUDIO POWER AMPLIFIER 6W x 3CH
More results

Similar Description - TA8256BH_02

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA8246AHQ TOSHIBA-TA8246AHQ Datasheet
286Kb / 11P
   Dual Audio Power Amplifier 6 W 횞 2 Ch
TA8246AH TOSHIBA-TA8246AH_02 Datasheet
192Kb / 11P
   Dual Audio Power Amplifier 6 W 횞 2 Ch
logo
Unisonic Technologies
PA1517 UTC-PA1517 Datasheet
209Kb / 7P
   2 횞 6 W STEREO POWER AMPLIFIER
logo
Toshiba Semiconductor
TA8276H TOSHIBA-TA8276H Datasheet
249Kb / 14P
   Max Power 35 W BTL 횞 4 ch Audio Power IC
TA8276HQ TOSHIBA-TA8276HQ Datasheet
258Kb / 14P
   Max Power 35 W BTL 횞 4 ch Audio Power IC
TB2902HQ TOSHIBA-TB2902HQ Datasheet
446Kb / 38P
   Maximum Power 41 W BTL 횞 4-ch Audio Power IC
TB2901H TOSHIBA-TB2901H Datasheet
333Kb / 17P
   Maximum Power 47 W BTL 횞 4-ch Audio Power IC
TB2901HQ TOSHIBA-TB2901HQ Datasheet
359Kb / 16P
   Maximum Power 47 W BTL 횞 4-ch Audio Power IC
logo
Texas Instruments
TPA1517 TI-TPA1517_07 Datasheet
455Kb / 20P
[Old version datasheet]   6-W STEREO AUDIO POWER AMPLIFIER
logo
Toshiba Semiconductor
TB2913HQ TOSHIBA-TB2913HQ Datasheet
328Kb / 15P
   Maximum Power 47 W BTL 횞 4-ch Audio Power IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com