Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TA8470AF Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TA8470AF
Description  3 PHASE FULL WAVE BRUSHLESS DC MOTOR DRIVER IC
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TA8470AF Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TA8470AF_06 Datasheet HTML 1Page - Toshiba Semiconductor TA8470AF_06 Datasheet HTML 2Page - Toshiba Semiconductor TA8470AF_06 Datasheet HTML 3Page - Toshiba Semiconductor TA8470AF_06 Datasheet HTML 4Page - Toshiba Semiconductor TA8470AF_06 Datasheet HTML 5Page - Toshiba Semiconductor TA8470AF_06 Datasheet HTML 6Page - Toshiba Semiconductor TA8470AF_06 Datasheet HTML 7Page - Toshiba Semiconductor TA8470AF_06 Datasheet HTML 8Page - Toshiba Semiconductor TA8470AF_06 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
TA8470AF/AFG
2006-3-2
1
TOSHIBA BIPOLAR LINEAR INTEGRATED CIRCUIT SILICON MONOLITHIC
TA8470AF/AFG
3 PHASE FULL WAVE BRUSHLESS DC MOTOR DRIVER IC
TA8470AF/AFG is a low-noise type 3 Phase Bi-direction Motor
Driver IC, developed as a 3 Phase Hall motor driver for VTRs
(capstan, cylinder), etc.
FEATURES
Operating Voltage Range : VCC = 7~17 V
Output Current
: IO (MAX.) = 1.2 A
Three Phase Bi-direction, current control mode
Low Noise (Quasi Sinusoidal Drive)
Built-in FG Amplifier
Low Output Impedance with B Class Push-Pull Driver,
Capable of Short Brakes (Dumping Brakes)
Position Detecting Circuit (Hall Input) with High Sensitivity
: VH = 50 mVp−p
Enclosed in Space-saving Power Flat Package
Built-in Thermal Shutdown Circuit
Weight : 0.79 g (Typ.)
TA8470AFG:
The TA8470AFG is a Pb-free product.
The following conditions apply to solderability:
*Solderability
1. Use of Sn-37Pb solder bath
*solder bath temperature = 230°C
*dipping time = 5 seconds
*number of times = once
*use of R-type flux
2. Use of Sn-3.0Ag-0.5Cu solder bath
*solder bath temperature = 245°C
*dipping time = 5 seconds
*the number of times = once
*use of R-type flux


Similar Part No. - TA8470AF_06

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA8470AF TOSHIBA-TA8470AF Datasheet
382Kb / 13P
   3 PHASE FULL WAVE BRUSHLESS DC MOTOR DRIVER IC
More results

Similar Description - TA8470AF_06

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA8466AF TOSHIBA-TA8466AF Datasheet
273Kb / 8P
   3 PHASE FULL WAVE BRUSHLESS DC MOTOR DRIVER IC
TA8470AF TOSHIBA-TA8470AF Datasheet
382Kb / 13P
   3 PHASE FULL WAVE BRUSHLESS DC MOTOR DRIVER IC
TA7745P TOSHIBA-TA7745P_06 Datasheet
385Kb / 11P
   3-Phase Full-Wave (Half-Wave) Brushless DC Motor Driver IC
TA8492P TOSHIBA-TA8492P_06 Datasheet
245Kb / 14P
   Three-Phase Full-Wave Brushless DC Motor Driver IC
TA8492P TOSHIBA-TA8492P Datasheet
178Kb / 13P
   Three-Phase Full-Wave Brushless DC Motor Driver IC
TA7712P TOSHIBA-TA7712P_07 Datasheet
605Kb / 16P
   3-Phase, Full-Wave Brushless DC Motor Controller IC
TA8479F TOSHIBA-TA8479F Datasheet
621Kb / 19P
   3 PHASE FULL WAVE BRUSHLESS DC MOTOR DRIVER IC FOR VIDEO CAMERA
TA8493F TOSHIBA-TA8493F Datasheet
250Kb / 25P
   3-PHASE FULL WAVE BRUSHLESS DC MOTOR DRIVER IC FOR CD-ROM DRIVES
logo
Panasonic Semiconductor
AN8480NSB PANASONIC-AN8480NSB Datasheet
65Kb / 6P
   3-phase full-wave motor driver IC
logo
Toshiba Semiconductor
TA8490F TOSHIBA-TA8490F Datasheet
783Kb / 21P
   3-PHASE FULL WAVE BRUSHLESS DC MOTOR DRIVER IC FOR CD-ROM DRIVES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com