Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QID0630006 Datasheet(PDF) 2 Page - Powerex Power Semiconductors

Part # QID0630006
Description  Dual IGBT H-Series Hermetic Module (300 Amperes/600 Volts)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

QID0630006 Datasheet(HTML) 2 Page - Powerex Power Semiconductors

  QID0630006 Datasheet HTML 1Page - Powerex Power Semiconductors QID0630006 Datasheet HTML 2Page - Powerex Power Semiconductors QID0630006 Datasheet HTML 3Page - Powerex Power Semiconductors QID0630006 Datasheet HTML 4Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
QID0630006
Powerex Inc., 200 Hillis St., Youngwood, PA 15697 (724) 925-7272
Dual IGBT H-Series
Hermetic Module
300 Amperes/600 Volts
Page 2
4/11/2001
Maximum Ratings, Tj=25
°°°°C unless otherwise specified
Ratings
Symbol
Units
Collector Emitter Voltage
VCES
600
Volts
Gate Emitter Voltage
VGES
±20
Volts
Collector Current
IC
300
Amperes
Peak Collector Current
ICM
600*
Amperes
Diode Forward Current
IFM
300
Amperes
Diode Forward Surge Current
IFM
600*
Amperes
Power Dissipation
Pd
1100
Watts
V Isolation
VRMS
2500
Volts
Static Electrical Characteristics, Tj=25
°°°°C unless otherwise specified
Characteristic
Symbol
Test
Conditions
Min
Typ
Max
Units
Collector Cutoff Current
ICES
VCE=VCES
1.0
mA
Gate Leakage Current
IGES
VCE=0V
0.5
µA
Gate-Emitter Threshold Voltage
VGE(th)
IC=30mA,
VCE=10V
4.5
6.0
7.5
Volts
Collector-Emitter Saturation Voltage
VCE(sat)
IC=300A,
VGE=15V
2.1
2.8
Volts
VCE(sat)
IC=300A,
VGE=15V,
Tj=150
°C
2.15
Volts
Total Gate Charge
QG
VCC=300V,
IC=300A,
VGS=15V
900
nC
Diode Forward Voltage
VFM
IE=300A,
VGS=0V
2.8
Volts
Dynamic Electrical Characteristics, Tj=25
°°°°C unless otherwise specified
Characteristic
Symbol
Test
Conditions
Min
Typ
Max
Units
Input Capacitance
Cies
VGE=0V
30
nF
Output Capacitance
Coes
VCE=10V
10.5
nF
Reverse Transfer Capacitance
Cres
f=1MHz
6
nF
Turn on Delay time
td(on)
VCC=300V
350
nS
Rise Time
tr
IC=300A
600
nS
Turn off delay time
td(off)
VGE1=VGE2=15
V
350
nS
Fall Time
tf
RG=2.1Ω
300
nS
Diode Reverse Recovery Time
trr
IE=300A
150
nS
Diode reverse Recovery Charge
Qrr
diE/dt=-
600A/
µS
0.81
µC
Thermal and Mechanical Characteristics, Tj=25
°°°°C unless otherwise specified
Characteristic
Symbol
Test
Conditions
Min
Typ
Max
Units
Thermal Resistance, Junction to Case
RθJC
Per IGBT
0.11
°C/W
Thermal Resistance, Junction to Case
RθJC
Per Diode
0.24
°C/W


Similar Part No. - QID0630006

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
QID0640020 POWEREX-QID0640020 Datasheet
642Kb / 5P
   Dual IGBTMOD NX-Series Module 400 Amperes/600 Volts
QID0660023 POWEREX-QID0660023 Datasheet
323Kb / 3P
   Dual IGBT Module 600 Amperes/600 Volts
More results

Similar Description - QID0630006

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
QIS0660001 POWEREX-QIS0660001 Datasheet
167Kb / 3P
   Single IGBT H-Series Hermetic Module (600 Amperes/600 Volts)
QIQ0660001 POWEREX-QIQ0660001 Datasheet
168Kb / 3P
   IGBT H-Series Chopper Hermetic Module (600 Amperes/600 Volts)
QIR0620001 POWEREX-QIR0620001 Datasheet
57Kb / 3P
   IGBT H-Series Chopper Module (200/300 Amperes/600 Volts)
QIP0640001 POWEREX-QIP0640001 Datasheet
25Kb / 4P
   Asymmetrical Half Bridge IGBT H-Series Hermetic Module (400 Amperes/600 Volts)
QID0660023 POWEREX-QID0660023 Datasheet
323Kb / 3P
   Dual IGBT Module 600 Amperes/600 Volts
CM300DU-12H POWEREX-CM300DU-12H Datasheet
376Kb / 4P
   Dual IGBTMOD??U-Series Module 300 Amperes/600 Volts
CM300DU-12NFH POWEREX-CM300DU-12NFH Datasheet
458Kb / 4P
   Dual IGBTMOD NFH-Series Module 300 Amperes/600 Volts
CM300DY-12NF POWEREX-CM300DY-12NF Datasheet
69Kb / 4P
   Dual IGBTMOD NF-Series Module 300 Amperes/600 Volts
CM300DX-24S POWEREX-CM300DX-24S Datasheet
1Mb / 9P
   Dual IGBT NX-Series Module 300 Amperes/1200 Volts
QID3330001 POWEREX-QID3330001 Datasheet
485Kb / 6P
   Dual IGBT HVIGBT Module 300 Amperes/3300 Volts
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com