Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TA8552AFN Datasheet(PDF) 9 Page - Toshiba Semiconductor

Part # TA8552AFN
Description  PLL Data Synchronizer For DAT Streamer
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TA8552AFN Datasheet(HTML) 9 Page - Toshiba Semiconductor

Back Button TA8552AFN Datasheet HTML 5Page - Toshiba Semiconductor TA8552AFN Datasheet HTML 6Page - Toshiba Semiconductor TA8552AFN Datasheet HTML 7Page - Toshiba Semiconductor TA8552AFN Datasheet HTML 8Page - Toshiba Semiconductor TA8552AFN Datasheet HTML 9Page - Toshiba Semiconductor TA8552AFN Datasheet HTML 10Page - Toshiba Semiconductor TA8552AFN Datasheet HTML 11Page - Toshiba Semiconductor TA8552AFN Datasheet HTML 12Page - Toshiba Semiconductor TA8552AFN Datasheet HTML 13Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
TA8552AFN
2002-10-30
9
Function Description:
The angular frequency (ωn) and dumping facter (ζ) are adjusted by external devices.
The setting procedure is shown as following.
The setting conditions to lock PLL inside a constant time;
· Data transfer rate: 28.224Mbps (fM = 28.244MHz)
· The capturing signal of PLL: The rectangle wave of 14.112MHz (data pattern is 101010...),
The term of this data is continuous 180 bits.
· The capturing time of PLL: 1 / (14.114×106) ×180 = 12.75×10-6s
12.75×10-6×0.9 = 11.5µs (this 0.9 is a factor of margin.)
The transfer function of PLL】
The transfer function (F (S)), the angular frequency (ωn), and the dumping facter (ζ) of the above composition
are defined as following (However CL2 is ignored as CL2≪CL1):
2
1
/
=
w
)
L1
C
K
(
n
2
n
L1
C
L
R
w
=
z
Calculation of ζ】
The dumping factor (ζ) is set to 0.7 as the most stable response characteristic. Besides ωn t is assumed to set
as 6.
Phase comparater
Loop filter
VCO
1 / 2 counter
K0 / s
Z (s)
K
f
1 / 2
θi
θo
+
CL1
CL2
RL
Z (s)


Similar Part No. - TA8552AFN

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA8552AFN TOSHIBA-TA8552AFN Datasheet
535Kb / 15P
   PLL DATA SYNCHRONIZER FOR DAT STREAMER
More results

Similar Description - TA8552AFN

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA8552AFN TOSHIBA-TA8552AFN Datasheet
535Kb / 15P
   PLL DATA SYNCHRONIZER FOR DAT STREAMER
logo
Hitachi Semiconductor
HD49227FS HITACHI-HD49227FS Datasheet
216Kb / 7P
   RAM CONTROLLER FOR DATA/DAT
logo
Advantech Co., Ltd.
LDVDSV2-1587 ADVANTECH-LDVDSV2-1587 Datasheet
518Kb / 2P
   Advanced OBDII Data Streamer
logo
Raltron Electronics Cor...
SY02-PLL RALTRON-SY02-PLL Datasheet
262Kb / 5P
   CLOCK/SYNCHRONIZER - SY02-PLL
logo
Hitachi Semiconductor
HA12062AMP HITACHI-HA12062AMP Datasheet
374Kb / 16P
   Data Strobe IC Developed For R-DAT
logo
National Semiconductor ...
DP8459 NSC-DP8459 Datasheet
403Kb / 35P
   All-Code Data Synchronizer
logo
Advantech Co., Ltd.
AVAS-212 ADVANTECH-AVAS-212 Datasheet
693Kb / 3P
   Medical-Grade Video Streamer
12-Aug-2020
logo
NXP Semiconductors
MC33493A NXP-MC33493A Datasheet
503Kb / 22P
   PLL Tuned UHF Transmitter for Data Transfer
Rev. 2, 07/2007
logo
Freescale Semiconductor...
MC33493 FREESCALE-MC33493 Datasheet
414Kb / 22P
   PLL Tuned UHF Transmitter for Data Transfer
logo
NXP Semiconductors
MC33493 NXP-MC33493 Datasheet
502Kb / 22P
   PLL Tuned UHF Transmitter for Data Transfer
Rev. 1.7, 03/2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com