Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TA8552AFN Datasheet(PDF) 10 Page - Toshiba Semiconductor

Part # TA8552AFN
Description  PLL Data Synchronizer For DAT Streamer
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TA8552AFN Datasheet(HTML) 10 Page - Toshiba Semiconductor

Back Button TA8552AFN Datasheet HTML 6Page - Toshiba Semiconductor TA8552AFN Datasheet HTML 7Page - Toshiba Semiconductor TA8552AFN Datasheet HTML 8Page - Toshiba Semiconductor TA8552AFN Datasheet HTML 9Page - Toshiba Semiconductor TA8552AFN Datasheet HTML 10Page - Toshiba Semiconductor TA8552AFN Datasheet HTML 11Page - Toshiba Semiconductor TA8552AFN Datasheet HTML 12Page - Toshiba Semiconductor TA8552AFN Datasheet HTML 13Page - Toshiba Semiconductor TA8552AFN Datasheet HTML 14Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
TA8552AFN
2002-10-30
10
Calculation of ωn
The capturing time of PLL is expected as above 11.5µs. Therefore (ωn) is deternimated as the following:
ωn = 6 / (11.5×10-6) = 552krad / s
Calculation of K0 (VCO control gain)】
K0 is determined as the following;
K0 = 40MHz / V = 251.3Mrad / V
Calculation of Kf (phase detector gain)】
Kf is estimated as the following (the current of charge pump is set as ±50µA.)
Kf =
2
1
F
2
1 ×50×10-6 = 3.98×10-6(A / rad)
The current of charge pump (Ichp) is set by an external resister (Rcp1), connected with Rcp1 (26pin). When
"H"level voltage inputs to MODESEL (12pin), Ichp is set as the following:
Ichp = 2×1.3 / RCP1→RCP1 = 2×1.3 / Ichp = 2×1.3 / 50×10-6 = 52×103
Therefore, when RCP1 is 52kΩ, Ichp is set as ±50µA
Calculation of external devices of loop-filter】
F
6
-
10
1800
2
)
3
10
(522
2
6
10
251.3
-6
10
3.98
n
2
0
K
K
L1
C
´
=
´
´
´
´
´
=
w
´
f
=
W
´
=
´
´
´
´
=
w
z
=
3
10
1.5
3
10
522
12
-
10
1800
0.7
2
n
L1
C
2
L
R
CL2 = CL1 / 10 = 180pF


Similar Part No. - TA8552AFN

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA8552AFN TOSHIBA-TA8552AFN Datasheet
535Kb / 15P
   PLL DATA SYNCHRONIZER FOR DAT STREAMER
More results

Similar Description - TA8552AFN

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA8552AFN TOSHIBA-TA8552AFN Datasheet
535Kb / 15P
   PLL DATA SYNCHRONIZER FOR DAT STREAMER
logo
Hitachi Semiconductor
HD49227FS HITACHI-HD49227FS Datasheet
216Kb / 7P
   RAM CONTROLLER FOR DATA/DAT
logo
Advantech Co., Ltd.
LDVDSV2-1587 ADVANTECH-LDVDSV2-1587 Datasheet
518Kb / 2P
   Advanced OBDII Data Streamer
logo
Raltron Electronics Cor...
SY02-PLL RALTRON-SY02-PLL Datasheet
262Kb / 5P
   CLOCK/SYNCHRONIZER - SY02-PLL
logo
Hitachi Semiconductor
HA12062AMP HITACHI-HA12062AMP Datasheet
374Kb / 16P
   Data Strobe IC Developed For R-DAT
logo
National Semiconductor ...
DP8459 NSC-DP8459 Datasheet
403Kb / 35P
   All-Code Data Synchronizer
logo
Advantech Co., Ltd.
AVAS-212 ADVANTECH-AVAS-212 Datasheet
693Kb / 3P
   Medical-Grade Video Streamer
12-Aug-2020
logo
NXP Semiconductors
MC33493A NXP-MC33493A Datasheet
503Kb / 22P
   PLL Tuned UHF Transmitter for Data Transfer
Rev. 2, 07/2007
logo
Freescale Semiconductor...
MC33493 FREESCALE-MC33493 Datasheet
414Kb / 22P
   PLL Tuned UHF Transmitter for Data Transfer
logo
NXP Semiconductors
MC33493 NXP-MC33493 Datasheet
502Kb / 22P
   PLL Tuned UHF Transmitter for Data Transfer
Rev. 1.7, 03/2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com