Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TA4805BF Datasheet(PDF) 7 Page - Toshiba Semiconductor

Part # TA4805BF
Description  1 A Three-Terminal Low-Dropout Voltage Regulator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TA4805BF Datasheet(HTML) 7 Page - Toshiba Semiconductor

Back Button TA4805BF Datasheet HTML 3Page - Toshiba Semiconductor TA4805BF Datasheet HTML 4Page - Toshiba Semiconductor TA4805BF Datasheet HTML 5Page - Toshiba Semiconductor TA4805BF Datasheet HTML 6Page - Toshiba Semiconductor TA4805BF Datasheet HTML 7Page - Toshiba Semiconductor TA4805BF Datasheet HTML 8Page - Toshiba Semiconductor TA4805BF Datasheet HTML 9Page - Toshiba Semiconductor TA4805BF Datasheet HTML 10Page - Toshiba Semiconductor TA4805BF Datasheet HTML 11Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
TA48015,018,025,033,05,08,09BF
2007-06-25
7
Electrical Characteristics for All Products
• Tj = 25°C in the measurement conditions of each item is the standard condition when a pulse test is carried
out, and any drift in the electrical characteristic due to a rise in the junction temperature of the chip may be
disregarded.
Standard Application Circuit
• Be sure to connect a capacitor near the input terminal and output terminal between both terminals and GND.
The use of a monolithic ceramic capacitor (B Characteristic or X7R) of low ESR (equivalent series resistance)
is recommended. The IC may oscillate due to external conditions (output current, temperature, or the type of
the capacitor used). The type of capacitor required must be determined by the actual application circuit in
which the IC is used.
Precautions in application
• The IC might be destroyed if a voltage greater than the input terminal voltage is applied to the output
terminal, or if the input terminal is connected to GND during operation. To prevent such an occurrence,
connect a diode as in the following diagram.
1
2
VIN
TA48xxxBF
3
VOUT
COUT
CIN
0.33
μF
2.2
μF
VIN
1
2
TA48xxxBF
3
VOUT


Similar Part No. - TA4805BF

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA4805BF TOSHIBA-TA4805BF Datasheet
235Kb / 12P
   1 A Three-Terminal Low-Dropout Voltage Regulator
More results

Similar Description - TA4805BF

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA48015BF TOSHIBA-TA48015BF_09 Datasheet
235Kb / 12P
   1 A Three-Terminal Low-Dropout Voltage Regulator
logo
NEC
UPC2400A NEC-UPC2400A Datasheet
103Kb / 14P
   THREE TERMINAL LOW DROPOUT VOLTAGE REGULATOR
UPC29L00 NEC-UPC29L00 Datasheet
86Kb / 14P
   THREE TERMINAL LOW DROPOUT VOLTAGE REGULATOR
logo
Sipex Corporation
SPX116 SIPEX-SPX116 Datasheet
95Kb / 6P
   Low Dropout Voltage Three Terminal Regulator
logo
NEC
UPC29M00 NEC-UPC29M00 Datasheet
128Kb / 20P
   THREE TERMINAL LOW DROPOUT VOLTAGE REGULATOR
UPC29M33A NEC-UPC29M33A Datasheet
86Kb / 16P
   THREE-TERMINAL LOW DROPOUT VOLTAGE REGULATOR
logo
Sipex Corporation
SPX116 SIPEX-SPX116 Datasheet
669Kb / 6P
   Low Dropout Voltage Three Terminal Regulator
logo
NEC
UPC24A00 NEC-UPC24A00 Datasheet
69Kb / 7P
   THREE TERMINAL LOW DROPOUT VOLTAGE REGULATOR
logo
Toshiba Semiconductor
TA48M025F TOSHIBA-TA48M025F_07 Datasheet
350Kb / 12P
   Three-Terminal Low Dropout Voltage Regulator
TA78DL05AS TOSHIBA-TA78DL05AS Datasheet
182Kb / 9P
   Three-Terminal Low Dropout Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com