Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TA48033F Datasheet(PDF) 7 Page - Toshiba Semiconductor

Part # TA48033F
Description  1.8 V, 2 V, 2.5 V, 3 V, 3.3 V, 5 V Three-Terminal Low Dropout Voltage Regulator with Output Current of 1 A
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TA48033F Datasheet(HTML) 7 Page - Toshiba Semiconductor

Back Button TA48033F Datasheet HTML 3Page - Toshiba Semiconductor TA48033F Datasheet HTML 4Page - Toshiba Semiconductor TA48033F Datasheet HTML 5Page - Toshiba Semiconductor TA48033F Datasheet HTML 6Page - Toshiba Semiconductor TA48033F Datasheet HTML 7Page - Toshiba Semiconductor TA48033F Datasheet HTML 8Page - Toshiba Semiconductor TA48033F Datasheet HTML 9Page - Toshiba Semiconductor TA48033F Datasheet HTML 10Page - Toshiba Semiconductor TA48033F Datasheet HTML 11Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
TA48018,02,025,03,033,05F/S
2006-11-02
7
TA48**F
PDmax – Ta
TA48**S
PDmax – Ta
VOUT – Tj
VOUT – VIN
IB – VIN
IB – Tj
Ambient temperature Ta (°C)
Ambient temperature Ta (°C)
Junction temperature Tj (°C)
Input voltage VIN (V)
Input voltage VIN (V)
Junction temperature Tj (°C)
0
12
2
160
0
100
60
8
6
10
20
80
140
Ta
= Tc
4
40
120
30
× 30 × 0.8 mmt
Single
50
× 50 × 0.8 mmt
Condition:
Number of IC = 1
Reflow soldering on
a ceramic substrate
0
24
4
160
0
100
60
16
12
20
20
80
140
Ta
= Tc
8
40
120
No heat sink
Thermal resistance
Rth (j-a): 62.5°C/W
Rth (j-c): 6.25°C/W
3.1
3.5
150
−50
3.3
3.4
50
3.2
0
100
TA48033F/S
VIN = 5 V
IOUT = 5 mA
IOUT = 1 A
0
20
8
16
4
150
−50
50
0
100
TA48033F/S
VIN = 5 V
12
IOUT = 0 A
IOUT = 0.5 A
0
10
4
8
2
8
0
4
2
6
TA48033F/S
Tj = 25°C
6
IOUT = 0.1 A
IOUT = 10 mA
0
4
8
0
2
3
4
1
2
6
TA48033F/S
Tj = 25°C
0.5 A
0.1 A
IOUT = 10 mA


Similar Part No. - TA48033F

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA48033F TOSHIBA-TA48033F Datasheet
265Kb / 12P
   1.8 V, 2 V, 2.5 V, 3 V, 3.3 V, 5 V Three-Terminal Low Dropout Voltage Regulator with Output Current of 1 A
More results

Similar Description - TA48033F

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA48018F TOSHIBA-TA48018F Datasheet
265Kb / 12P
   1.8 V, 2 V, 2.5 V, 3 V, 3.3 V, 5 V Three-Terminal Low Dropout Voltage Regulator with Output Current of 1 A
TA48L018F TOSHIBA-TA48L018F Datasheet
188Kb / 10P
   1.8 V, 2 V, 2.5 V, 3 V, 3.3 V, 5 V Three-Terminal Low Dropout Voltage Regulator with Output Current of 0.15 A
logo
Allegro MicroSystems
SI-3006KWM ALLEGRO-SI-3006KWM Datasheet
369Kb / 9P
   1 A, Low-Dropout, Dual Output, 1.8 V & 3.3 V Regulator
logo
Sanken electric
SI-3003KWM SANKEN-SI-3003KWM Datasheet
369Kb / 9P
   1 A, Low-Dropout, Dual Output, 1.8 V & 2.5 V Regulator
logo
Allegro MicroSystems
SI-3002KWF ALLEGRO-SI-3002KWF Datasheet
261Kb / 6P
   1 A, Low-Dropout, Dual Output, 2.5 V & 3.3 V Regulator
SI-3002KWD ALLEGRO-SI-3002KWD Datasheet
440Kb / 9P
   1 A, Low-Dropout, Dual Output, 2.5 V & 3.3 V Regulator
SI-3002KWM ALLEGRO-SI-3002KWM Datasheet
368Kb / 9P
   1 A, Low-Dropout, Dual Output, 2.5 V & 3.3 V Regulator
logo
Toshiba Semiconductor
TA48015F TOSHIBA-TA48015F Datasheet
242Kb / 9P
   1.5 V Three-Terminal Low Dropout Voltage Regulator with Output Current of 1 A
logo
Allegro MicroSystems
SI-3018KM ALLEGRO-SI-3018KM Datasheet
371Kb / 9P
   1 A, Low-Dropout, 1.8 V Regulator
SI-3033KM ALLEGRO-SI-3033KM Datasheet
330Kb / 9P
   1 A, Low-Dropout, 3.3 V Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com