Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TA76432AFR Datasheet(PDF) 6 Page - Toshiba Semiconductor

Part # TA76432AFR
Description  1.26-V Adjustable High-Precision Shunt Regulators
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TA76432AFR Datasheet(HTML) 6 Page - Toshiba Semiconductor

Back Button TA76432AFR Datasheet HTML 2Page - Toshiba Semiconductor TA76432AFR Datasheet HTML 3Page - Toshiba Semiconductor TA76432AFR Datasheet HTML 4Page - Toshiba Semiconductor TA76432AFR Datasheet HTML 5Page - Toshiba Semiconductor TA76432AFR Datasheet HTML 6Page - Toshiba Semiconductor TA76432AFR Datasheet HTML 7Page - Toshiba Semiconductor TA76432AFR Datasheet HTML 8Page - Toshiba Semiconductor TA76432AFR Datasheet HTML 9Page - Toshiba Semiconductor TA76432AFR Datasheet HTML 10Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
TA76432AFT/AF/AFR/AS
2006-11-07
6
Cathode voltage VKA (V)
ΔVREF – VKA
−10
−2
−8
−6
−4
0
5
10
15
20
0
Input
VKA
IK
VREF
IK = 5 mA
Ta
= 25°C
Ambient temperature Ta (°C)
IREF – Ta
0.0
4.0
1.0
2.0
3.0
−40
0
40
80
120
160
IK = 5 mA
Input
VKA
IK
IREF
Frequency f (Hz)
ZKA – f
10 k
100 k
1 M
1 k
0.3
50
5
0.5
0.1
1
3
10
30
100
eo
IK
220
Ω
RS
GND
ei
S
R
i
e
o
e
KA
Z
KA
Z
S
R
i
e
o
e
KA
Z
S
R
KA
Z
KA
Z
S
R
i
e
o
e
=
=
+
=
Ta
= 25°C
VKA = VREF
0.5 mA ≦
−IK ≦ 15 mA
Frequency f (Hz)
AV – f
10 M
1 M
100 k
1 k
−10
0
10
10 k
20
30
40
50
60
IK = 5 mA
Ta
= 25°C
IK
10
μF
VIN
VOUT
GND
Time t (
μs)
Pulse response
1.5
0
0.5
0
5
1.0
0
1
2
3
5
6
4
Input
Output
Output
220
Ω
GND
Pulse
Generator
f
= 100 kHz
Input
monitor


Similar Part No. - TA76432AFR

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA76432F TOSHIBA-TA76432F Datasheet
248Kb / 12P
   1.26-V Adjustable High-Precision Shunt Regulators
TA76432F TOSHIBA-TA76432F Datasheet
292Kb / 13P
   1.26-V Adjustable High-Precision Shunt Regulators
TA76432FC TOSHIBA-TA76432FC Datasheet
248Kb / 12P
   1.26-V Adjustable High-Precision Shunt Regulators
TA76432FC TOSHIBA-TA76432FC Datasheet
292Kb / 13P
   1.26-V Adjustable High-Precision Shunt Regulators
TA76432FR TOSHIBA-TA76432FR Datasheet
248Kb / 12P
   1.26-V Adjustable High-Precision Shunt Regulators
More results

Similar Description - TA76432AFR

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA76432FT TOSHIBA-TA76432FT_06 Datasheet
292Kb / 13P
   1.26-V Adjustable High-Precision Shunt Regulators
TA76432FC TOSHIBA-TA76432FC Datasheet
248Kb / 12P
   1.26-V Adjustable High-Precision Shunt Regulators
TA76L431FB TOSHIBA-TA76L431FB Datasheet
202Kb / 8P
   2.495 V Adjustable High-Precision Shunt Regulators
TA76L431FT TOSHIBA-TA76L431FT Datasheet
253Kb / 9P
   2.49-V Adjustable High-Precision Shunt Regulators
logo
BCD Semiconductor Manuf...
AN431 BCDSEMI-AN431 Datasheet
130Kb / 14P
   ADJUSTABLE PRECISION SHUNT REGULATORS
logo
Cystech Electonics Corp...
TL431XM3 CYSTEKEC-TL431XM3 Datasheet
162Kb / 5P
   Adjustable Precision Shunt Regulators
logo
NXP Semiconductors
TL431C PHILIPS-TL431C Datasheet
189Kb / 16P
   Adjustable precision shunt regulators
1997 Feb 25
logo
Diodes Incorporated
AN431 DIODES-AN431 Datasheet
361Kb / 13P
   ADJUSTABLE PRECISION SHUNT REGULATORS
logo
Cystech Electonics Corp...
TL431M3 CYSTEKEC-TL431M3 Datasheet
198Kb / 6P
   Adjustable Precision Shunt Regulators
logo
Texas Instruments
TL431B TI-TL431B Datasheet
787Kb / 40P
[Old version datasheet]   ADJUSTABLE PRECISION SHUNT REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com