Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TA48025S Datasheet(PDF) 6 Page - Toshiba Semiconductor

Part # TA48025S
Description  1.8 V, 2 V, 2.5 V, 3 V, 3.3 V, 5 V Three-Terminal Low Dropout Voltage Regulator with Output Current of 1 A
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TA48025S Datasheet(HTML) 6 Page - Toshiba Semiconductor

Back Button TA48025S Datasheet HTML 2Page - Toshiba Semiconductor TA48025S Datasheet HTML 3Page - Toshiba Semiconductor TA48025S Datasheet HTML 4Page - Toshiba Semiconductor TA48025S Datasheet HTML 5Page - Toshiba Semiconductor TA48025S Datasheet HTML 6Page - Toshiba Semiconductor TA48025S Datasheet HTML 7Page - Toshiba Semiconductor TA48025S Datasheet HTML 8Page - Toshiba Semiconductor TA48025S Datasheet HTML 9Page - Toshiba Semiconductor TA48025S Datasheet HTML 10Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
TA48018,02,025,03,033,05F/S
2006-11-02
6
TA4805F/S
Electrical Characteristics
(Unless otherwise specified, CIN = 0.33 μF, COUT = 10 μF, Tj = 25°C)
Characteristics
Symbol
Test Conditions
Min
Typ.
Max
Unit
VIN = 7 V, IOUT = 0.5 A
4.85
5.0
5.15
Output voltage
VOUT
6.0 V <= VIN <= 12 V, 5 mA <= IOUT <= 1 A,
0°C <= Tj <= 125°C
4.775
5.0
5.225
V
Line regulation
Reg・line
6.0 V <= VIN <= 12 V, IOUT = 0.5 A
5
20
mV
Load regulation
Reg・load
VIN = 7.0 V, 5 mA <= IOUT <= 1 A
5
20
mV
6.0 V <= VIN <= 12 V, IOUT = 0 A
0.8
1.8
Quiescent current
IB
6.0 V <= VIN <= 12 V, IOUT = 1 A
10
20
mA
VIN = 2.1 V, IOUT = 0 A
1.3
5
Starting quiescent current
IBstart
VIN = 3.0 V, IOUT = 1 A
14
30
mA
Output noise voltage
VNO
VIN = 7.0 V, IOUT = 50 mA
10 Hz <= f <= 100 kHz
150
μVrms
Ripple rejection
R.R.
6.0 V <= VIN ≤ 12 V, IOUT = 50 mA
f = 120 Hz
50
64
dB
IOUT = 0.5 A
0.3
0.5
Dropout voltage
VD
IOUT = 1 A
0.4
V
Average temperature coefficient of
output voltage
TCVO
VIN = 7.0 V, IOUT = 5 mA,
0°C <= Tj <= 125°C
0.45
mV/°C
Electrical Characteristics for All Products
Generally, the characteristics of power supply ICs change according to temperature fluctuations.
The specification Tj = 25℃ is based on a state where temperature increase has no effect (assuming no fluctuation
in the characteristics) as ascertained by pulse tests.
Standard Application Circuit
Be sure to connect a capacitor near the input terminal and output terminal between both terminals and GND.
The capacitances should be determined experimentally. In particular, adequate investigation should be made so
that there is no problem even in high or low temperature.
1
2
VIN
TA48xxF/S
3
VOUT
COUT
CIN
0.33
μF
33
μF


Similar Part No. - TA48025S

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA48025S TOSHIBA-TA48025S Datasheet
265Kb / 12P
   1.8 V, 2 V, 2.5 V, 3 V, 3.3 V, 5 V Three-Terminal Low Dropout Voltage Regulator with Output Current of 1 A
More results

Similar Description - TA48025S

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA48018F TOSHIBA-TA48018F Datasheet
265Kb / 12P
   1.8 V, 2 V, 2.5 V, 3 V, 3.3 V, 5 V Three-Terminal Low Dropout Voltage Regulator with Output Current of 1 A
TA48L018F TOSHIBA-TA48L018F Datasheet
188Kb / 10P
   1.8 V, 2 V, 2.5 V, 3 V, 3.3 V, 5 V Three-Terminal Low Dropout Voltage Regulator with Output Current of 0.15 A
logo
Allegro MicroSystems
SI-3006KWM ALLEGRO-SI-3006KWM Datasheet
369Kb / 9P
   1 A, Low-Dropout, Dual Output, 1.8 V & 3.3 V Regulator
logo
Sanken electric
SI-3003KWM SANKEN-SI-3003KWM Datasheet
369Kb / 9P
   1 A, Low-Dropout, Dual Output, 1.8 V & 2.5 V Regulator
logo
Allegro MicroSystems
SI-3002KWF ALLEGRO-SI-3002KWF Datasheet
261Kb / 6P
   1 A, Low-Dropout, Dual Output, 2.5 V & 3.3 V Regulator
SI-3002KWD ALLEGRO-SI-3002KWD Datasheet
440Kb / 9P
   1 A, Low-Dropout, Dual Output, 2.5 V & 3.3 V Regulator
SI-3002KWM ALLEGRO-SI-3002KWM Datasheet
368Kb / 9P
   1 A, Low-Dropout, Dual Output, 2.5 V & 3.3 V Regulator
logo
Toshiba Semiconductor
TA48015F TOSHIBA-TA48015F Datasheet
242Kb / 9P
   1.5 V Three-Terminal Low Dropout Voltage Regulator with Output Current of 1 A
logo
Allegro MicroSystems
SI-3018KM ALLEGRO-SI-3018KM Datasheet
371Kb / 9P
   1 A, Low-Dropout, 1.8 V Regulator
SI-3033KM ALLEGRO-SI-3033KM Datasheet
330Kb / 9P
   1 A, Low-Dropout, 3.3 V Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com