Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TA79010SB Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TA79010SB
Description  Output Current of 1A, Three-Terminal Negative Voltage Regulators
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TA79010SB Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TA79010SB Datasheet HTML 1Page - Toshiba Semiconductor TA79010SB Datasheet HTML 2Page - Toshiba Semiconductor TA79010SB Datasheet HTML 3Page - Toshiba Semiconductor TA79010SB Datasheet HTML 4Page - Toshiba Semiconductor TA79010SB Datasheet HTML 5Page - Toshiba Semiconductor TA79010SB Datasheet HTML 6Page - Toshiba Semiconductor TA79010SB Datasheet HTML 7Page - Toshiba Semiconductor TA79010SB Datasheet HTML 8Page - Toshiba Semiconductor TA79010SB Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
TA79005,06,07,08,09,10,12,15,18,20,24SB
2007-02-07
1
TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic
TA79005SB, TA79006SB, TA79007SB, TA79008SB, TA79009SB, TA79010SB,
TA79012SB, TA79015SB, TA79018SB, TA79020SB, TA79024SB
Output Current of 1A, Three-Terminal Negative Voltage Regulators
−5 V, −6 V, −7 V, −8 V, −9 V, −10 V, −12 V, −15 V, −18 V, −20 V, −24 V
Features
Suitable for CMOS, TTL, and the and the power supply of
other digital ICs
Internal thermal overload protection
Internal short circuit current limiting
Maximum output current of 1.0 A
Package in the plastic case TPL (PD = 1.8 W)
Pin Assignment
GND
1
3
IN
OUT
Marking side
2
Marking
SIP3-P-2.50A
Weight: 1.5 g (typ.)
A line indicates
lead (Pb)-free package or
lead (Pb)-free finish.
Lot No.
Part No. (or abbreviation code)
79***SB


Similar Part No. - TA79010SB

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA79010SB TOSHIBA-TA79010SB Datasheet
516Kb / 16P
   1A THREE TERMINAL NEGATIVE VOLTAGE REGULATORS
More results

Similar Description - TA79010SB

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA79005S TOSHIBA-TA79005S Datasheet
516Kb / 16P
   1A THREE TERMINAL NEGATIVE VOLTAGE REGULATORS
logo
Cystech Electonics Corp...
LM79L05A3 CYSTEKEC-LM79L05A3 Datasheet
231Kb / 4P
   Three Terminal Low Current Negative Voltage Regulators
PL79L05XA3 CYSTEKEC-PL79L05XA3 Datasheet
157Kb / 3P
   Three Terminal Low Current Negative Voltage Regulators
logo
List of Unclassifed Man...
79600A ETC-79600A Datasheet
82Kb / 7P
   Three-Terminal Low Current Negative Voltage Regulators
79LXXA ETC1-79LXXA Datasheet
85Kb / 7P
   Three-Terminal Low Current Negative Voltage Regulators
logo
Cystech Electonics Corp...
PL79L12XA3 CYSTEKEC-PL79L12XA3 Datasheet
157Kb / 3P
   Three Terminal Low Current Negative Voltage Regulators
LM79L12A3 CYSTEKEC-LM79L12A3 Datasheet
231Kb / 4P
   Three Terminal Low Current Negative Voltage Regulators
logo
KEC(Korea Electronics)
KIA79L05F KEC-KIA79L05F Datasheet
285Kb / 14P
   THREE TERMINAL NEGATIVE VOLTAGE REGULATORS
logo
Motorola, Inc
MC7900 MOTOROLA-MC7900 Datasheet
186Kb / 12P
   THREE-TERMINAL NEGATIVE VOLTAGE REGULATORS
logo
Integral Corp.
IL79 INTEGRAL-IL79 Datasheet
136Kb / 5P
   THREE-TERMINAL NEGATIVE VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com