Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TAR5S15 Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # TAR5S15
Description  Point Regulators (Low-Dropout Regulator)
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TAR5S15 Datasheet(HTML) 2 Page - Toshiba Semiconductor

  TAR5S15 Datasheet HTML 1Page - Toshiba Semiconductor TAR5S15 Datasheet HTML 2Page - Toshiba Semiconductor TAR5S15 Datasheet HTML 3Page - Toshiba Semiconductor TAR5S15 Datasheet HTML 4Page - Toshiba Semiconductor TAR5S15 Datasheet HTML 5Page - Toshiba Semiconductor TAR5S15 Datasheet HTML 6Page - Toshiba Semiconductor TAR5S15 Datasheet HTML 7Page - Toshiba Semiconductor TAR5S15 Datasheet HTML 8Page - Toshiba Semiconductor TAR5S15 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
TAR5S15~TAR5S50
2007-11-01
2
List of Products Number and Marking
Marking on the Product
Products No.
Marking
Products No.
Marking
TAR5S15
1V5
TAR5S33
3V3
TAR5S16
1V6
TAR5S34
3V4
TAR5S17
1V7
TAR5S35
3V5
TAR5S18
1V8
TAR5S36
3V6
TAR5S19
1V9
TAR5S37
3V7
TAR5S20
2V0
TAR5S38
3V8
TAR5S21
2V1
TAR5S39
3V9
TAR5S22
2V2
TAR5S40
4V0
TAR5S23
2V3
TAR5S41
4V1
TAR5S24
2V4
TAR5S42
4V2
TAR5S25
2V5
TAR5S43
4V3
TAR5S26
2V6
TAR5S44
4V4
TAR5S27
2V7
TAR5S45
4V5
TAR5S28
2V8
TAR5S46
4V6
TAR5S29
2V9
TAR5S47
4V7
TAR5S30
3V0
TAR5S48
4V8
TAR5S31
3V1
TAR5S49
4V9
TAR5S32
3V2
TAR5S50
5V0
Absolute Maximum Ratings (Ta = 25°C)
Characteristics
Symbol
Rating
Unit
Supply voltage
VIN
15
V
Output current
IOUT
200
mA
200
(Note 1)
Power dissipation
PD
380
(Note 2)
mW
Operation temperature range
Topr
−40 to 85
°C
Storage temperature range
Tstg
−55 to 150
°C
Note:
Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the
significant change in temperature, etc.) may cause this product to decrease in the reliability significantly
even if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute
maximum ratings and the operating ranges.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/“Derating Concept and Methods”) and individual reliability data (i.e. reliability test
report and estimated failure rate, etc).
Note 1: Unit Ratintg
Note 2: Mounted on a glass epoxy circuit board of 30
× 30 mm. Pad dimension of 50 mm
2
3 V 0
Example: TAR5S30 (3.0 V output)


Similar Part No. - TAR5S15

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TAR5S15 TOSHIBA-TAR5S15 Datasheet
625Kb / 22P
   Point Regulators (Low-Dropout Regulator)
TAR5S15U TOSHIBA-TAR5S15U Datasheet
619Kb / 23P
   Point Regulators (Low-Dropout Regulator)
More results

Similar Description - TAR5S15

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TAR5SB15 TOSHIBA-TAR5SB15 Datasheet
395Kb / 23P
   Point Regulators (Low-Dropout Regulator)
2014-03-01
TAR5S15 TOSHIBA-TAR5S15 Datasheet
625Kb / 22P
   Point Regulators (Low-Dropout Regulator)
TAR5S15U TOSHIBA-TAR5S15U Datasheet
619Kb / 23P
   Point Regulators (Low-Dropout Regulator)
TCR5SB15U TOSHIBA-TCR5SB15U Datasheet
269Kb / 18P
   200-mA CMOS Low-Dropout Regulators (Point Regulators)
TCR5SB15 TOSHIBA-TCR5SB15 Datasheet
285Kb / 17P
   200mA CMOS Low-Dropout Regulator (Point Regulator)
TCR5SC15FE TOSHIBA-TCR5SC15FE Datasheet
206Kb / 16P
   150 mA CMOS Low-Dropout Regulator (Point regulator)
TCR5SB15A TOSHIBA-TCR5SB15A Datasheet
262Kb / 17P
   150 mA CMOS Low-Dropout Regulator (Point Regulator)
TCR5SB12 TOSHIBA-TCR5SB12 Datasheet
179Kb / 7P
   200 mA CMOS Low-Dropout Regulator (Point Regulator)
logo
AiT Semiconductor Inc.
A6301 AITSEMI-A6301 Datasheet
638Kb / 9P
   LOW DROPOUT VOLTAGE REGULATOR 300mA LOW DROPOUT CMOS VOLTAGE REGULATORS
REV1.2
A6301A AITSEMI-A6301A Datasheet
397Kb / 9P
   LOW DROPOUT VOLTAGE REGULATOR 300mA LOW DROPOUT CMOS VOLTAGE REGULATORS
REV1.1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com