Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QM75DY-2HB Datasheet(PDF) 2 Page - Mitsubishi Electric Semiconductor

Part # QM75DY-2HB
Description  HIGH POWER SWITCHING USE INSULATED TYPE
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

QM75DY-2HB Datasheet(HTML) 2 Page - Mitsubishi Electric Semiconductor

  QM75DY-2HB Datasheet HTML 1Page - Mitsubishi Electric Semiconductor QM75DY-2HB Datasheet HTML 2Page - Mitsubishi Electric Semiconductor QM75DY-2HB Datasheet HTML 3Page - Mitsubishi Electric Semiconductor QM75DY-2HB Datasheet HTML 4Page - Mitsubishi Electric Semiconductor QM75DY-2HB Datasheet HTML 5Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Feb.1999
ABSOLUTE MAXIMUM RATINGS (Tj=25
°C, unless otherwise noted)
ELECTRICAL CHARACTERISTICS (Tj=25
°C, unless otherwise noted)
Unit
mA
mA
mA
V
V
V
µs
µs
µs
°C/W
°C/W
°C/W
Limits
Min.
750
Symbol
VCEX (SUS)
VCEX
VCBO
VEBO
IC
–IC
PC
IB
–ICSM
Tj
Tstg
Viso
Parameter
Collector-emitter voltage
Collector-emitter voltage
Collector-base voltage
Emitter-base voltage
Collector current
Collector reverse current
Collector dissipation
Base current
Surge collector reverse current
(forward diode current)
Junction temperature
Storage temperature
Isolation voltage
Mounting torque
Weight
Conditions
IC=1A, VEB=2V
VEB=2V
Emitter open
Collector open
DC
DC (forward diode current)
TC=25
°C
DC
Peak value of one cycle of 60Hz (half wave)
Charged part to case, AC for 1 minute
Main terminal screw M5
Mounting screw M6
Typical value
Ratings
1000
1000
1000
7
75
75
500
4
750
–40~+150
–40~+125
2500
1.47~1.96
15~20
1.96~2.94
20~30
250
Unit
V
V
V
V
A
A
W
A
A
°C
°C
V
N·m
kg·cm
N·m
kg·cm
g
Symbol
ICEX
ICBO
IEBO
VCE (sat)
VBE (sat)
–VCEO
hFE
ton
ts
tf
Rth (j-c) Q
Rth (j-c) R
Rth (c-f)
Parameter
Collector cutoff current
Collector cutoff current
Emitter cutoff current
Collector-emitter saturation voltage
Base-emitter saturation voltage
Collector-emitter reverse voltage
DC current gain
Switching time
Thermal resistance
(junction to case)
Contact thermal resistance
(case to fin)
Test conditions
VCE=1000V, VEB=2V
VCB=1000V, Emitter open
VEB=7V
IC=75A, IB=100mA
–IC=75A (diode forward voltage)
IC=75A, VCE=4V
VCC=600V, IC=75A, IB1=150mA, IB2=–1.5A
Transistor part (per 1/2 module)
Diode part (per 1/2 module)
Conductive grease applied (per 1/2 module)
Typ.
Max.
2.0
2.0
50
4.0
4.0
1.8
2.5
15
3.0
0.25
1.2
0.13
MITSUBISHI TRANSISTOR MODULES
QM75DY-2HB
HIGH POWER SWITCHING USE
INSULATED TYPE


Similar Part No. - QM75DY-2HB

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
QM75DY-2H MITSUBISHI-QM75DY-2H Datasheet
83Kb / 5P
   HIGH POWER SWITCHING USE INSULATED TYPE
More results

Similar Description - QM75DY-2HB

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
CM75DY-24H MITSUBISHI-CM75DY-24H Datasheet
48Kb / 4P
   HIGH POWER SWITCHING USE INSULATED TYPE
CM1000HA-28H MITSUBISHI-CM1000HA-28H Datasheet
54Kb / 4P
   HIGH POWER SWITCHING USE INSULATED TYPE
QM75DY-HB MITSUBISHI-QM75DY-HB Datasheet
85Kb / 5P
   HIGH POWER SWITCHING USE INSULATED TYPE
CM400DY-12H MITSUBISHI-CM400DY-12H Datasheet
50Kb / 4P
   HIGH POWER SWITCHING USE INSULATED TYPE
QM200DY-2HB MITSUBISHI-QM200DY-2HB Datasheet
86Kb / 5P
   HIGH POWER SWITCHING USE INSULATED TYPE
CM150TF-12H MITSUBISHI-CM150TF-12H Datasheet
53Kb / 4P
   HIGH POWER SWITCHING USE INSULATED TYPE
QM200DY-HB MITSUBISHI-QM200DY-HB Datasheet
68Kb / 5P
   HIGH POWER SWITCHING USE INSULATED TYPE
CM100DY-12H MITSUBISHI-CM100DY-12H Datasheet
47Kb / 4P
   HIGH POWER SWITCHING USE INSULATED TYPE
QM300HA-24 MITSUBISHI-QM300HA-24 Datasheet
77Kb / 5P
   HIGH POWER SWITCHING USE INSULATED TYPE
QM75E2Y-H MITSUBISHI-QM75E2Y-H Datasheet
90Kb / 6P
   HIGH POWER SWITCHING USE INSULATED TYPE
CM100E3U-24H MITSUBISHI-CM100E3U-24H Datasheet
44Kb / 4P
   HIGH POWER SWITCHING USE INSULATED TYPE
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com