Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SU20-48-5S Datasheet(PDF) 1 Page - Astrodyne Corporation

Part # SU20-48-5S
Description  Isolated and Regulated 20 WATT Modular DC/DC Converters
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTRODYNE [Astrodyne Corporation]
Direct Link  http://www.astrodyne.com
Logo ASTRODYNE - Astrodyne Corporation

SU20-48-5S Datasheet(HTML) 1 Page - Astrodyne Corporation

  SU20-48-5S Datasheet HTML 1Page - Astrodyne Corporation SU20-48-5S Datasheet HTML 2Page - Astrodyne Corporation SU20-48-5S Datasheet HTML 3Page - Astrodyne Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Isolated and Regulated 20 WATT Modular DC/DC Converters
S U 2 0 series
300 Myles Standish Blvd., Taunton, MA 02780
Ph: 1-800-823-8082
Fax: 508-823-8181
WWW.ASTRODYNE.COM
Order On-Line!
astrodyne.com
VER : A_1
update : 94.05.05
Encapsulated DC-DC Converter
SU20 SERIES
20 Watts
http://www.archcorp.com.tw
TEL: +886-2-26989508 FAX: +886-2-26981319
-1-
ELECTRICAL SPECIFICATIONS
Model No. ( Single Output )
SU20-12-3.3S
SU20-12-5S
SU20-12-12S
SU20-12-15S
SU20-12-24S
Input Voltage (V.DC.)
12V (9-18V)
12V (9-18V)
12V (9-18V)
12V (9-18V)
12V (9-18V)
Efficiency
76%
78%
81%
82%
83%
Model No. ( Single Output )
SU20-24-3.3S
SU20-24-5S
SU20-24-12S
SU20-24-15S
SU20-24-24S
Input Voltage (V.DC.)
24V (18-36V)
24V (18-36V)
24V (18-36V)
24V (18-36V)
24V (18-36V)
Efficiency
78%
81%
86%
85%
88%
Model No. ( Single Output )
SU20-24F-3.3S
SU20-24F-5S
SU20-24F-12S
SU20-24F-15S
Input Voltage (V.DC.)
24V (10-40V)
24V (10-40V)
24V (10-40V)
24V (10-40V)
Efficiency
72%
75%
77%
77%
Model No. ( Single Output )
SU20-48-3.3S
SU20-48-5S
SU20-48-12S
SU20-48-15S
SU20-48-24S
Input Voltage (V.DC.)
48V (36-75V)
48V (36-75V)
48V (36-75V)
48V (36-75V)
48V (36-75V)
Efficiency
76%
82%
84%
85%
87%
Model No. ( Single Output )
SU20-48F-3.3S
SU20-48F-5S
SU20-48F-12S
SU20-48F-15S
Input Voltage (V.DC.)
48V (18-75V)
48V (18-75V)
48V (18-75V)
48V (18-75V)
Efficiency
74%
77%
79%
79%
Model No.
( Single Output )
SU20-12-3.3S
SU20-24-3.3S
SU20-24F-3.3S
SU20-48-3.3S
SU20-48F-3.3S
SU20-12-5S
SU20-24-5S
SU20-24F-5S
SU20-48-5S
SU20-48F-5S
SU20-12-12S
SU20-24-12S
SU20-24F-12S
SU20-48-12S
SU20-48F-12S
SU20-12-15S
SU20-24-15S
SU20-24F-15S
SU20-48-15S
SU20-48F-15S
SU20-12-24S
SU20-24-24S
SU20-48-24S
Max Output Wattage (W)
13.2W
20W
20W
20W
20W
Input
Input Filter
� type
Voltage (V.DC.)
3.3
5
12
15
24
Voltage Accuracy
�2%
Current (mA) max
4000
4000
1670
1330
833
Line Regulation (LL-HL) (typ.)
�0.5%
Load Regulation (10-100%) (typ.)
�0.5%
Ripple
<0.2% Vout +20mV max (Vp-p)
Noise
<0.5% Vout +50mV max (Vp-p)
Trim
�10%
Output
Switching Frequency
200KHz
Over Power Protection
Works over 120% of rating and recovers automatically.
Over Voltage Protection
Zener diode clamp
Protection
Short Circuit Protection
Hiccup, auto-recovery
Voltage
1600 VDC.
Resistance
108 ohms
Isolation
Capacitance
1000 pF
Operating Temperature
2:1 Range: -25°C…+70°C (at Full Load)
4:1 Range: -25°C…+70°C (with derating)
Storage Temperature
-55°C…+105°C
Case Temperature
+100°C max.
Temperature Coefficient
�0.02% Per°C
Humidity
95% RH
Environment
MTBF
>550,000 h @ 25°C (MIL-HDBK-217F)
Dimension (L x W x H)
2.0 x 2.0 x 0.45 Inches ( 50.8 x 50.8 x 11.4 mm ) Tolerance
�0.5 mm
Case Material
Nickel-Coated Copper with Non-Conductive Base, Six-side shielded.
Weight
70 g
Physical
Cooling Method
Free-air convection
Safety
Agency Approvals
CE (Pending)
EMC
EMI (Conducted & Radiated Emission)
EN 55022 class A
All specifications valid at nominal input voltage, full load and +25°C after warm-up time unless otherwise stated.
KEY FEATURES
� Power Module for PCB Mountable
� 2:1 & 4:1 Input Range
� Low Ripple and Noise
� Regulated Output
� Vout Trim and ON/OFF Control Function
� 2-Year Product Warranty


Similar Part No. - SU20-48-5S

ManufacturerPart #DatasheetDescription
logo
Arch Electronics Corp.
SU20-48-5S ARCH-SU20-48-5S Datasheet
222Kb / 4P
   Encapsulated DC-DC Converter
logo
Astrodyne Corporation
SU20-48-5S ASTRODYNE-SU20-48-5S Datasheet
208Kb / 3P
   Isolated and Regulated 20 WATT Modular DC/DC Converters
logo
Arch Electronics Corp.
SU20-48-5S ARCH-SU20-48-5S Datasheet
291Kb / 4P
   Power Module for PCB Mountable
SU20-48-5S12D ARCH-SU20-48-5S12D Datasheet
222Kb / 4P
   Encapsulated DC-DC Converter
SU20-48-5S15D ARCH-SU20-48-5S15D Datasheet
222Kb / 4P
   Encapsulated DC-DC Converter
More results

Similar Description - SU20-48-5S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SU20 ETC2-SU20 Datasheet
288Kb / 3P
   Isolated and Regulated 20 WATT Modular DC/DC Converters
logo
Astrodyne Corporation
FDC20 ASTRODYNE-FDC20 Datasheet
600Kb / 4P
   Isolated and Regulated 20 WATT Modular DC/DC Converters
logo
List of Unclassifed Man...
FDC20-12S33 ETC2-FDC20-12S33 Datasheet
600Kb / 4P
   Isolated and Regulated 20 WATT Modular DC/DC Converters
logo
Astrodyne Corporation
ASD20 ASTRODYNE-ASD20_16 Datasheet
162Kb / 3P
   Isolated and Regulated 20 WATT Modular DC/DC Converters
ASD20 ASTRODYNE-ASD20 Datasheet
282Kb / 3P
   Isolated and Regulated 20 WATT Modular DC/DC Converters
FDC20 ASTRODYNE-FDC20_16 Datasheet
202Kb / 4P
   Isolated and Regulated 20 WATT Modular DC/DC Converters
SU20 ASTRODYNE-SU20_16 Datasheet
208Kb / 3P
   Isolated and Regulated 20 WATT Modular DC/DC Converters
FED20W ASTRODYNE-FED20W_16 Datasheet
225Kb / 3P
   Isolated and Regulated 20 WATT Modular DC/DC Converters
FED20W ASTRODYNE-FED20W Datasheet
225Kb / 3P
   Isolated and Regulated 20 WATT Modular DC/DC Converters
ASD30 ASTRODYNE-ASD30 Datasheet
462Kb / 3P
   Isolated and Regulated 30 WATT Modular DC/DC Converters
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com