Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TB1305FG Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # TB1305FG
Description  Component SW, Sync Separation and H/V Frequency Counter IC for TVs
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TB1305FG Datasheet(HTML) 4 Page - Toshiba Semiconductor

  TB1305FG Datasheet HTML 1Page - Toshiba Semiconductor TB1305FG Datasheet HTML 2Page - Toshiba Semiconductor TB1305FG Datasheet HTML 3Page - Toshiba Semiconductor TB1305FG Datasheet HTML 4Page - Toshiba Semiconductor TB1305FG Datasheet HTML 5Page - Toshiba Semiconductor TB1305FG Datasheet HTML 6Page - Toshiba Semiconductor TB1305FG Datasheet HTML 7Page - Toshiba Semiconductor TB1305FG Datasheet HTML 8Page - Toshiba Semiconductor TB1305FG Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 33 page
background image
TB1305FG, TB1308FG
2007-07-11
4
Pin
No.
Pin Name
Function
Interface Circuit
Input Signal/Output Signal
24
26
HD1-IN
HD2-IN
HD input pin.
Input a separated horizontal sync signal
(1.0 to 2.0 Vp-p) via a resister and a
coupling capacitor.
The polarity of the input signal is detected
and its leading edge becomes a timing
trigger.
23
25
VD1-IN
VD2-IN
VD input pin.
Input a separated vertical sync signal (1.0 to
2.0 Vp-p) via a resister and a coupling
capacitor.
The polarity of the input signal is detected
and its leading edge becomes a timing
trigger.
22
200Ω
20
23
24
25
26
1.45 V bias (typ.)
or
6
15
LINE1-1
LINE1-2
LINE1 (number of lines) detection pin.
Connect LINE1 of D-pin.
DC
2
11
LINE3-1
LINE3-2
LINE3 (aspect ratio) detection pin.
Connect LINE3 of D-pin.
46
1kΩ
44
Th1
Th2
2
6
11
15
200Ω
DC
4
13
LINE2-1
LINE2-2
LINE2 (i/p) detection pin.
Connect LINE2 of D-pin.
DC
48
9
SW LINE1
SW LINE2
SW LINE detection pin.
Connect SW LINE of D-pin.
46
1kΩ
44
4
9
13
48
200Ω
DC
32
Y-OUT
Y, G or CVBS signal output pin.
34
Cb-OUT
Cb, Pb, B or C signal output pin.
36
Cr-OUT
Cr, Pr or R signal output pin.
46
44
32
34
36
100Ω
AC: 0 dB or +6 dB (typ.)
28
SYNC-OUT
Separated composite sync output pin.
0.1V(typ.)
3.4V(typ.)
29
30
VD-OUT
HD-OUT
HD or VD output pin.
The polarity of the output is selectable by
HV-POL register.
The tailing edge of the VD-OUT has a jitter.
Use the leading edge only.
31
33
28
29
30
100Ω
0.1V(typ.)
3.4V(typ.)
or
0.1V(typ.)
3.4V(typ.)
17
42
DAC1
DAC2
1-bit DAC output pin.
Open-collector pin.
31
33
17
42
100Ω
100Ω
DAC
TEST
DC


Similar Part No. - TB1305FG

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TB1305A TAI-SAW-TB1305A Datasheet
348Kb / 7P
   IF SAW Filter 867.5MHz SMD 5.0X5.0mm
More results

Similar Description - TB1305FG

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TB1311AFG TOSHIBA-TB1311AFG_06 Datasheet
948Kb / 46P
   Audio SW, Video SW, Sync Separation and H/V Frequency Counter IC for TVs
TB1328FG TOSHIBA-TB1328FG Datasheet
822Kb / 47P
   Audio SW, Video SW, Sync Separation and H/V Frequency Counter IC for TVs
TB1311AFG TOSHIBA-TB1311AFG Datasheet
1Mb / 46P
   Audio SW, Video SW, Sync Separation and H/V Frequency Counter IC for TVs
TA1370FG TOSHIBA-TA1370FG Datasheet
637Kb / 42P
   SYNC Processor, Frequency Counter IC for TV Component Signals
TA1370FG TOSHIBA-TA1370FG_05 Datasheet
902Kb / 42P
   SYNC Processor, Frequency Counter IC for TV Component Signals
TA1318AFG TOSHIBA-TA1318AFG Datasheet
376Kb / 42P
   SYNC Processor, Frequency Counter IC for TV Component Signals
TA1318AF TOSHIBA-TA1318AF Datasheet
637Kb / 42P
   SYNC Processor, Frequency Counter IC for TV Component Signals
TA1318NG TOSHIBA-TA1318NG Datasheet
897Kb / 41P
   SYNC Processor, Frequency Counter IC for TV Component Signals
TA1383AFG TOSHIBA-TA1383AFG Datasheet
1,018Kb / 47P
   NTSC Chroma Decoder, Multi-Point Scan Sync Processor, H/V Frequency Counter IC for Color TV
logo
NXP Semiconductors
TDA4820T PHILIPS-TDA4820T Datasheet
63Kb / 10P
   Sync separation circuit for video applications
June 1990
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com