Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPU45-302 Datasheet(PDF) 1 Page - Astrodyne Corporation

Part # SPU45-302
Description  45 Watt Desktop Switching Power Adapters
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTRODYNE [Astrodyne Corporation]
Direct Link  http://www.astrodyne.com
Logo ASTRODYNE - Astrodyne Corporation

SPU45-302 Datasheet(HTML) 1 Page - Astrodyne Corporation

  SPU45-302 Datasheet HTML 1Page - Astrodyne Corporation SPU45-302 Datasheet HTML 2Page - Astrodyne Corporation SPU45-302 Datasheet HTML 3Page - Astrodyne Corporation SPU45-302 Datasheet HTML 4Page - Astrodyne Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
45 Watt Desktop Switching Power Adapters
s p u 4 5 series
300 Myles standish Blvd., Taunton, MA 02780
ph: 1-800-823-8082
Fax: 508-823-8181
WWW.AsTRODYNE.COM
Universal 85-265VAC Input
IEC-320-C14 Input Receptacle
Single, Dual and Triple Outputs
3000V Isolation
Splash Proof Case
Order On-Line!
astrodyne.com
5.75” x 3” x 1.7”
Model Number Output Watts
Output Voltage Output Amps
Min. Load
Total Regulation Output Connector
sINGLE OuTpuT
SPU45-100
20
2.5V
8A
0
7%
Coax
SPU45-101
26.4
3.3V
8A
0
5%
Coax
SPU45-102
40
5V
8A
0
5%
Coax
SPU45-103
42
6V
7A
0
5%
Coax
SPU45-104
45
10V
4.5A
0
4%
Coax
SPU45-105
45
12V
3.75A
0
3%
Coax
SPU45-106
45
15V
3A
0
3%
Coax
SPU45-107
50
18V
2.77A
0
3%
Coax
SPU45-108
50
24V
2.08A
0
2%
Coax
SPU45-109
50
30V
1.66A
0
2%
Coax
SPU45-110
50
36V
1.38A
0
2%
Coax
SPU45-111
50
48V
1.04A
0
2%
Coax
DuAL OuTpuT
SPU45-200
40
3.3/12
5/2A
0.5/0.3A
7/5%
DIN
SPU45-201
42
5/12V
5/2A
0.5/0.3A
5/5%
DIN
SPU45-202
42
5/15V
5/1.5A
0.8/0.3A
5/6%
DIN
SPU45-203
42
5/24V
5/1A
0.5/0.1A
5/5%
DIN
SPU45-204
26.5
3.3/5V
5/2A
0.5/0.2A
7/5%
DIN
SPU45-209
42
12/-12V
3/1A
0.3/0.1A
5/5%
DIN
SPU45-210
42
15/-15V
2/1A
0.2/0.1A
5/5%
DIN
SPU45-215
42
5/-24V
5/1A
0.5/0.1A
5/5%
DIN
SPU45-216
23.82
5.1/7.2V
1/2.6
0/0.2A
5/5%
DIN


Similar Part No. - SPU45-302

ManufacturerPart #DatasheetDescription
logo
Volgen Kaga Electronics...
SPU45-302 VOLGEN-SPU45-302 Datasheet
411Kb / 2P
   50W Desk Top Switching Power Supplies For I.T.E.
More results

Similar Description - SPU45-302

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
SPU130 ASTRODYNE-SPU130 Datasheet
571Kb / 3P
   130 Watt Desktop Switching Power Adapters
SPU24 ASTRODYNE-SPU24 Datasheet
994Kb / 3P
   24 Watt Desktop Switching Power Adapters
SPU15A ASTRODYNE-SPU15A Datasheet
918Kb / 5P
   15 Watt Desktop Switching Power Adapters
SPU50 ASTRODYNE-SPU50 Datasheet
1Mb / 3P
   40-60 Watt Desktop Switching Power Adapters
logo
Tumbler Technologies + ...
PUP60 TRUMPOWER-PUP60 Datasheet
177Kb / 2P
   60-130 WATT DESKTOP POWER ADAPTERS
3C-05-25 TRUMPOWER-3C-05-25 Datasheet
23Kb / 1P
   14 to 60 Watt Desktop Power Adapters
TRA42 TRUMPOWER-TRA42 Datasheet
77Kb / 1P
   42 Watt, 1-2 Output Desktop Power Adapters
logo
Astrodyne Corporation
MPU50 ASTRODYNE-MPU50 Datasheet
462Kb / 4P
   50W Medical Grade Desktop Switching Power Adapters
AMP500 ASTRODYNE-AMP500 Datasheet
218Kb / 4P
   50W Medical Grade Desktop Switching Power Adapters
AMP300 ASTRODYNE-AMP300 Datasheet
253Kb / 4P
   30W Medical Grade Desktop Switching Power Adapters
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com