Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TB1311AFG Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TB1311AFG
Description  Audio SW, Video SW, Sync Separation and H/V Frequency Counter IC for TVs
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TB1311AFG Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TB1311AFG Datasheet HTML 1Page - Toshiba Semiconductor TB1311AFG Datasheet HTML 2Page - Toshiba Semiconductor TB1311AFG Datasheet HTML 3Page - Toshiba Semiconductor TB1311AFG Datasheet HTML 4Page - Toshiba Semiconductor TB1311AFG Datasheet HTML 5Page - Toshiba Semiconductor TB1311AFG Datasheet HTML 6Page - Toshiba Semiconductor TB1311AFG Datasheet HTML 7Page - Toshiba Semiconductor TB1311AFG Datasheet HTML 8Page - Toshiba Semiconductor TB1311AFG Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 46 page
background image
TB1311AFG
2006-05-29
1
TOSHIBA Bi-CMOS Integrated Circuit
Silicon Monolithic
TB1311AFG
Audio SW, Video SW, Sync Separation and H/V Frequency Counter IC for TVs
The TB1311AFG includes audio and video SW blocks, prefilters
for A/D converters, sync separators, and an H/V format detector for
TV signals.
The TB1311AFG contributes to a reduction in the proportion of the
PCB occupied by LCR filters and to the simplification of designs on
analog interfaces.
The TB1311AFG has an I
2CBUS interface through which various
functions can be controlled.
Features
Audio SW block
・ Audio (L/R) inputs
・ Audio (L/R) output: 3 channels
Audio block
・ Attenuator
Video SW block
・ CVBS inputs
・ Y/C inputs
・ Component video inputs (co-use as RGB inputs)
・ SCART inputs
・ Output: 2 channels
・ Monitor output
Video block
・ Gain switching: -3 dB / 0 dB / +3 dB
・ Bandwidth filter: prefilter for ADC; 4.5 to 46 MHz variable
Sync separation block
・ Supports 525/30p/60i/60p, 625/50i/50p, 750/50p/60p, 1125/24p/24sf/25p/30p/50i/60i/50p/60p, 1250/50i,
VGA @60, SVGA@60, XGA@60, SXGA@60, UXGA@60
・ HD/VD input: 1 channel; positive and negative input acceptable
・ HD/VD output: positive and negative output selectable
・ Masking pseudo-sync for the copyguard signal
Others
・ Line detector for Japanese D-pin
・ S2, S1, insertion detection for S-pin
・ Horizontal and vertical frequency counter
・ Format detection circuit to input signal
・ No-input detection
・ Automatic sync process switching mode
・ Programmable number of audio/video inputs
P-QFP80-1420-0.80C
Weight: 1.6 g (typ.)


Similar Part No. - TB1311AFG

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TB1311AFG TOSHIBA-TB1311AFG Datasheet
1Mb / 46P
   Audio SW, Video SW, Sync Separation and H/V Frequency Counter IC for TVs
More results

Similar Description - TB1311AFG

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TB1311AFG TOSHIBA-TB1311AFG Datasheet
1Mb / 46P
   Audio SW, Video SW, Sync Separation and H/V Frequency Counter IC for TVs
TB1328FG TOSHIBA-TB1328FG Datasheet
822Kb / 47P
   Audio SW, Video SW, Sync Separation and H/V Frequency Counter IC for TVs
TB1305FG TOSHIBA-TB1305FG Datasheet
661Kb / 33P
   Component SW, Sync Separation and H/V Frequency Counter IC for TVs
logo
NXP Semiconductors
TDA4820T PHILIPS-TDA4820T Datasheet
63Kb / 10P
   Sync separation circuit for video applications
June 1990
logo
Toshiba Semiconductor
TA1219AN TOSHIBA-TA1219AN Datasheet
1Mb / 32P
   AUDIO/VIDEO SWITCHING IC FOR TVs
logo
Panasonic Semiconductor
AN18202A PANASONIC-AN18202A Datasheet
285Kb / 9P
   Audio Video SW for TV with multi-signal input output
logo
Toshiba Semiconductor
TA1218ANG TOSHIBA-TA1218ANG Datasheet
985Kb / 40P
   Audio/Video Switching IC for TVs
TC90L01NG TOSHIBA-TC90L01NG Datasheet
417Kb / 33P
   Audio/Video Switching IC for TVs
TA1318AFG TOSHIBA-TA1318AFG Datasheet
376Kb / 42P
   SYNC Processor, Frequency Counter IC for TV Component Signals
TA1383AFG TOSHIBA-TA1383AFG Datasheet
1,018Kb / 47P
   NTSC Chroma Decoder, Multi-Point Scan Sync Processor, H/V Frequency Counter IC for Color TV
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com