Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P11C68-35CGDPBS Datasheet(PDF) 1 Page - Zarlink Semiconductor Inc

Part # P11C68-35CGDPBS
Description  CMOS/SNOS NVSRAM HIGH PERFORMANCE 8 K x 8 NON-VOLATILE STATIC RAM
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

P11C68-35CGDPBS Datasheet(HTML) 1 Page - Zarlink Semiconductor Inc

  P11C68-35CGDPBS Datasheet HTML 1Page - Zarlink Semiconductor Inc P11C68-35CGDPBS Datasheet HTML 2Page - Zarlink Semiconductor Inc P11C68-35CGDPBS Datasheet HTML 3Page - Zarlink Semiconductor Inc P11C68-35CGDPBS Datasheet HTML 4Page - Zarlink Semiconductor Inc P11C68-35CGDPBS Datasheet HTML 5Page - Zarlink Semiconductor Inc P11C68-35CGDPBS Datasheet HTML 6Page - Zarlink Semiconductor Inc P11C68-35CGDPBS Datasheet HTML 7Page - Zarlink Semiconductor Inc P11C68-35CGDPBS Datasheet HTML 8Page - Zarlink Semiconductor Inc P11C68-35CGDPBS Datasheet HTML 9Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
P10C68/P11C68
1
DS3600-1.2 September 1992
PRELIMINARY INFORMATION
P10C68/P11C68
(Previously PNC10C68 and PNC11C68
)
CMOS/SNOS NVSRAM
HIGH PERFORMANCE 8 K x 8 NON-VOLATILE STATIC RAM
(Supersedes DS3159-1.3, DS3160-1.3, DS3234-1.1, DS3235-1.1)
The P10C68 and P11C68 are fast static RAMs (35 and 45
ns) with a non-volatile electically-erasable PROM (EEPROM)
cell incorporating in each static memory cell. The SRAM can
be read and written an unlimited number of times while
independent non-volatile data resides in PROM.
On the P10C68 data may easily be transferred from the
SRAM to the EEPROM (STORE) and from the EEPROM back
to the SRAM ( RECALL) using the NE (bar) pin. The Store and
Recall cycles are initiated through software sequences on the
P11C68. These devices combine the high performance and
ease of use of a fast SRAM with the data integrity of non-
volatility.
The P10C68 and P11C68 feature the industry standard
pinout for non-volatile RAMs in a 28-pin 0.3-inch plastic and
ceramic dual-in-line packages.
FEATURES
I Non-Volatile Data Integrity
I 10 year Data Retention in EEPROM
I 35ns and 45ns Address and Chip Enable Access Times
I 20ns and 25ns Output Enable Access
I Unlimited Read and Write to SRAM
I Unlimited Recall Cycles from EEPROM
I 10
4 Store Cycles to EEPROM
I Automatic Recall on Power up
I Automatic Store Timing
I Hardware Store Protection
I Single 5V ± 10% Operation
I Available in Standard Package 28-pin 0.3-inch DIL
plastic and ceramic
I Commercial and Industrial temperature ranges
Pin Name
Function
A0 - A12
Address inputs
W
Write enable
DQ0 - DQ7
Data in/out
E
Chip enable
G
Output enable
VCC
Power (+5V)
VSS
Ground
Pin 1 NE
Non volatile enable P10C68
Pin 1 N/C
No connection
P11C68
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
V
W
NC
A
A
A
G
A
E
DQ
DQ
DQ
DQ
DQ
7
6
5
4
3
8
9
11
10
CC
NE
A
A
A
A
A
A
A
A
A
DQ
DQ
DQ
V
12
7
6
5
4
3
2
1
0
0
1
2
ss
Figure 1. Pin connections - top view.
ORDERING INFORMATION
(See back page)


Similar Part No. - P11C68-35CGDPBS

ManufacturerPart #DatasheetDescription
logo
HuaXinAn Electronics CO...
P11C HUAXINAN-P11C Datasheet
376Kb / 7P
   SIDACtor Protection Thyristors
P11C HUAXINAN-P11C Datasheet
393Kb / 7P
   SIDACtor Protection Thyristors
More results

Similar Description - P11C68-35CGDPBS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
STK20C04 ETC-STK20C04 Datasheet
79Kb / 8P
   CMOS nvSRAM High Performance 512 x 8 Nonvolatile Static RAM
STK15C88 ETC-STK15C88 Datasheet
75Kb / 9P
   32K x 8 AutoStore nvSRAM High Performance CMOS Nonvolatile Static RAM
GR3281 ETC2-GR3281 Datasheet
153Kb / 2P
   32768 word by 8 bits (32K x 8) non-volatile CMOS Static Ram
logo
Simtek Corporation
STK20C04 SIMTEK-STK20C04 Datasheet
428Kb / 12P
   512 x 8 nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
STK10C68 SIMTEK-STK10C68 Datasheet
468Kb / 12P
   8K x 8 nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
logo
List of Unclassifed Man...
STK11C48 ETC-STK11C48 Datasheet
282Kb / 10P
   2K x 8 nvSRAM QuantumTrap CMOS Nonvolatile Static RAM
STK10C68 ETC1-STK10C68 Datasheet
332Kb / 12P
   8K X 8 nvSRAM QuantumTrap CMOS Nonvolatile Static RAM
STK14D88 ETC-STK14D88 Datasheet
216Kb / 15P
   32K x 8 AutoStore nvSRAM CMOS Nonvolatile Static RAM
STK11C68 ETC-STK11C68 Datasheet
58Kb / 10P
   8K x 8 nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
logo
Simtek Corporation
STK11C48 SIMTEK-STK11C48 Datasheet
368Kb / 10P
   2K x 8 nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com