Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TB6520PG Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # TB6520PG
Description  PWM TYPE 3−PHASE FULL−WAVE SENSORLESS MOTOR CONTROLLER
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TB6520PG Datasheet(HTML) 4 Page - Toshiba Semiconductor

  TB6520PG Datasheet HTML 1Page - Toshiba Semiconductor TB6520PG Datasheet HTML 2Page - Toshiba Semiconductor TB6520PG Datasheet HTML 3Page - Toshiba Semiconductor TB6520PG Datasheet HTML 4Page - Toshiba Semiconductor TB6520PG Datasheet HTML 5Page - Toshiba Semiconductor TB6520PG Datasheet HTML 6Page - Toshiba Semiconductor TB6520PG Datasheet HTML 7Page - Toshiba Semiconductor TB6520PG Datasheet HTML 8Page - Toshiba Semiconductor TB6520PG Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
TB6520P/PG
2006-3-6
4
FUNCTIONAL DESCRIPTION
1. Crystal oscillator (XT, XT )
The crystal oscillator is connected as shown in the following diagram:
The start transfer frequency fst and maximum transfer frequency fmx depend upon crystal oscillation
frequency fx. Please make sure of the start operation in determining your frequency.
fst = fx / 218
fmx = fx / 210
PWM chopping frequency fp is also determined as follows:
fp = fx / 256
2. Lead angle control
Operated at 0 lead angle during forced start transfer, and automatically switched to 15 lead angle upon
normal transfer.
3. PWM Duty Control
PWN duty is controlled through A−D conversion of the
analog voltage that is input to the DUTY pin.
0 (V) ≤ VDUTY ≤ VAD (L)
DUTY 0%
VAD (L) < VDUTY < VAD (H) (1 / 128 to 127 / 128)
in the figure to the right
VAD (H) ≤ VDUTY ≤ VDD
DUTY 100% (127 / 128)
4. FG output
FG, which represents the frequency of motor rotation, is output from the position detection signal input.
When stopped : LOW
When start is forcibly transferred : LOW
When normally rotated 1−pulse signal is output in one electric cycle.
4−polar motor
2 pulses / rotation
8−polar motor
4 pulses / rotation


Similar Part No. - TB6520PG

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TB6520P TOSHIBA-TB6520P Datasheet
580Kb / 16P
   PWM TYPE 3-PHASE FULL-WAVE SENSORSESS MOTOR CONTROLLER
More results

Similar Description - TB6520PG

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TB6520P TOSHIBA-TB6520P Datasheet
580Kb / 16P
   PWM TYPE 3-PHASE FULL-WAVE SENSORSESS MOTOR CONTROLLER
TB6575FNG TOSHIBA-TB6575FNG_06 Datasheet
240Kb / 14P
   PWM Sensorless Controller for 3-Phase Full-Wave BLDC Motors
TB6575FNG TOSHIBA-TB6575FNG Datasheet
122Kb / 13P
   PWM Sensorless Controller for 3-Phase Full-Wave BLDC Motors
TB6556FG TOSHIBA-TB6556FG_12 Datasheet
273Kb / 22P
   3-Phase Full-Wave Sine-Wave PWM Brushless Motor Controller
TB6584AFNG TOSHIBA-TB6584AFNG Datasheet
670Kb / 27P
   3-Phase Full-Wave Sine-Wave PWM Brushless Motor Controller
2016-02-22
TB6581H TOSHIBA-TB6581H_06 Datasheet
584Kb / 15P
   3-Phase Full-Wave Sine-Wave PWM Brushless Motor Controller
TB6556F TOSHIBA-TB6556F Datasheet
307Kb / 22P
   3-Phase Full-Wave Sine-Wave PWM Brushless Motor Controller
TB6581H TOSHIBA-TB6581H Datasheet
383Kb / 14P
   3-Phase Full-Wave Sine-Wave PWM Brushless Motor Controller
TB6631FNG TOSHIBA-TB6631FNG Datasheet
784Kb / 28P
   3-Phase Full-Wave Sine-Wave PWM Brushless Motor Controller
TB6634FNG TOSHIBA-TB6634FNG Datasheet
914Kb / 29P
   3-Phase Full-Wave Sine-Wave PWM Brushless Motor Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com