Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TB6552FN Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TB6552FN
Description  DUAL-BRIDGE DRIVER IC FOR DC MOTORS
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TB6552FN Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TB6552FN Datasheet HTML 1Page - Toshiba Semiconductor TB6552FN Datasheet HTML 2Page - Toshiba Semiconductor TB6552FN Datasheet HTML 3Page - Toshiba Semiconductor TB6552FN Datasheet HTML 4Page - Toshiba Semiconductor TB6552FN Datasheet HTML 5Page - Toshiba Semiconductor TB6552FN Datasheet HTML 6Page - Toshiba Semiconductor TB6552FN Datasheet HTML 7Page - Toshiba Semiconductor TB6552FN Datasheet HTML 8Page - Toshiba Semiconductor TB6552FN Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
TB6552FN/FNG/FL/FLG
2007-4-2
1
Toshiba Bi-CD Integrated Circuit
Silicon Monolithic
TB6552FN/FNG, TB6552FL/FLG
DUAL-BRIDGE DRIVER IC FOR DC MOTORS
The TB6552FN/FNG/FL/FLG is a dual-bridge driver IC for DC
motors with output transistors in an LD MOS structure with low
ON-resistance. Two input signals, IN1 and IN2, can chose one of
four modes such as CW, CCW, short brake, and stop mode. A
PWM drive system supports high heat efficiency driving.
Features
• Power supply voltage for motor: VM ≤ 15 V (max)
• Power supply voltage for control: VCC = 2.7 V to 6.0 V
• Output current: 1 A (max)
• Low ON resistor: 1.5 Ω (typ.)
(Upper side + lower side combined @ VM = 5 V)
• Direct PWM control
• Standby system (power saving)
• CW/CCW/short brake/stop function modes
• Built-in thermal shutdown circuit
• Package: SSOP16 for TB6552FN/FNG /QON24 for
TB6552FL/FLG
* This product has a MOS structure and is sensitive to electrostatic discharge. When handling this product,
ensure that the environment is protected against electrostatic discharge by using an earth strap, a conductive
mat and an ionizer. Ensure also that the ambient temperature and relative humidity are maintained at
reasonable levels.
TB6552FN/FNG
TB6552FL/FLG
Weight
SSOP16-P-225-0.65B : 0.07 g (typ.)
QON24-P-0505-0.50 : 0.05 g (typ.)
TB6552FNG/FLG:
The following conditions apply to solderability:
*Solderability
1. Use of Sn-37Pb solder bath
*solder bath temperature = 230
°C
*dipping time = 5 seconds
*number of times = once
*use of R-type flux
2. Use of Sn-3.0Ag-0.5Cu solder bath
*solder bath temperature = 245
°C
*dipping time = 5 seconds
*number of times = once
*use of R-type flux


Similar Part No. - TB6552FN

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TB6552FN TOSHIBA-TB6552FN Datasheet
231Kb / 12P
   DUAL-BRIDGE DRIVER IC FOR DC MOTORS
TB6552FNG TOSHIBA-TB6552FNG Datasheet
231Kb / 12P
   DUAL-BRIDGE DRIVER IC FOR DC MOTORS
More results

Similar Description - TB6552FN

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TB6552FN TOSHIBA-TB6552FN Datasheet
231Kb / 12P
   DUAL-BRIDGE DRIVER IC FOR DC MOTORS
TC78H600FNG TOSHIBA-TC78H600FNG Datasheet
482Kb / 23P
   DUAL-BRIDGE DRIVER IC FOR DC MOTORS
2012-09-05
TB6549F TOSHIBA-TB6549F_07 Datasheet
307Kb / 22P
   Full-Bridge Driver IC for DC Motors
TB6549F TOSHIBA-TB6549F Datasheet
341Kb / 18P
   Full-Bridge Driver IC for DC Motors
TB6562ANG TOSHIBA-TB6562ANG_07 Datasheet
283Kb / 19P
   Dual Full-Bridge Driver IC for Stepping Motors
TB6562ANG TOSHIBA-TB6562ANG Datasheet
254Kb / 16P
   Dual Full-Bridge Driver IC for Stepping Motors
TA8482FN TOSHIBA-TA8482FN Datasheet
545Kb / 17P
   BRIDGE DRIVER SENSOR AMP 1-CHIP IC FOR DC MOTORS
logo
Sipex Corporation
TB6592FL SIPEX-TB6592FL Datasheet
138Kb / 10P
   Dual-Bridge Driver IC for DC motor
logo
Toshiba Semiconductor
TB67H302HG TOSHIBA-TB67H302HG Datasheet
970Kb / 23P
   Dual Bridge Driver IC for DC motor
TC78H630FNG TOSHIBA-TC78H630FNG Datasheet
356Kb / 15P
   DC brushed motors driver IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com