Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TB6561FG Datasheet(PDF) 10 Page - Toshiba Semiconductor

Part # TB6561FG
Description  Dual Full-Bridge Driver IC
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TB6561FG Datasheet(HTML) 10 Page - Toshiba Semiconductor

Back Button TB6561FG Datasheet HTML 6Page - Toshiba Semiconductor TB6561FG Datasheet HTML 7Page - Toshiba Semiconductor TB6561FG Datasheet HTML 8Page - Toshiba Semiconductor TB6561FG Datasheet HTML 9Page - Toshiba Semiconductor TB6561FG Datasheet HTML 10Page - Toshiba Semiconductor TB6561FG Datasheet HTML 11Page - Toshiba Semiconductor TB6561FG Datasheet HTML 12Page - Toshiba Semiconductor TB6561FG Datasheet HTML 13Page - Toshiba Semiconductor TB6561FG Datasheet HTML 14Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
TB6561FG
2007-5-11
10
Application Circuit
Note 1: A power supply capacitor should be connected between VCC and P-GND as close as possible to the IC.
Note 2: C2 should be connected as close as possible to S-GND.
Note 3: Avoid connecting the resistor to detect the motor current. If necessary, connect the resistor to VM line.
Note 4: VCC (10 pin, 21 pin, 29 pin) should be shorted externally.
Note 5: When the power is turned on, set SB for low (standby mode) or IN1 and IN2 for low (stop mode).
Caution for using
Utmost care is necessary in the design of the output, VCC, VM, and GND lines since the IC may be destroyed by
short-circuiting between outputs, air contamination faults, or faults due to improper grounding, or by short-circuiting
between contiguous pins.
・The IC may be destroyed when mounted in the wrong orientation. Thus, please mount it with great care.
(Note 2)
VCC
Vreg
S-GND
OUT1A
P-GNDA
TB6561FG
2
29
10
21
3
4
5
6
27
26
25
11
14
13
20
17
18
PORT1
PORT2
PORT3
PORT4
PORT5
PORT6
PORT7
GND
SB
PWMA
IN1A
IN2A
PWMB
IN1B
IN2B
28
OUT2A
OUT1B
P-GNDB
OUT2BA
CLD
1, 7, 8, 9,15,16,22,23,24,30
(Note 4)
(Note 1)
VDD
5 V
Vcc
Vcc
(Note 3)
(Note 3)
Motor
Motor
Microcontroller
0.1μF


Similar Part No. - TB6561FG

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TB6561NG TOSHIBA-TB6561NG Datasheet
329Kb / 14P
   Dual Full-Bridge Driver IC
More results

Similar Description - TB6561FG

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TB6561NG TOSHIBA-TB6561NG Datasheet
329Kb / 14P
   Dual Full-Bridge Driver IC
logo
NXP Semiconductors
UBA2030T PHILIPS-UBA2030T Datasheet
94Kb / 20P
   Full bridge driver IC
1999 Aug 10
UBA2033 NXP-UBA2033 Datasheet
135Kb / 18P
   HF full bridge driver IC
2002 Oct 08
logo
Toshiba Semiconductor
TB6562ANG TOSHIBA-TB6562ANG_07 Datasheet
283Kb / 19P
   Dual Full-Bridge Driver IC for Stepping Motors
TB6562ANG TOSHIBA-TB6562ANG Datasheet
254Kb / 16P
   Dual Full-Bridge Driver IC for Stepping Motors
logo
NXP Semiconductors
UBA2033 PHILIPS-UBA2033 Datasheet
92Kb / 20P
   HF full bridge driver IC
2002 Oct 08
logo
Intersil Corporation
CA3275 INTERSIL-CA3275 Datasheet
37Kb / 5P
   Dual Full Bridge Driver
April 1994
logo
STMicroelectronics
L289 STMICROELECTRONICS-L289 Datasheet
603Kb / 13P
   DUAL FULL-BRIDGE DRIVER
Jenuary 2000
L298 STMICROELECTRONICS-L298 Datasheet
185Kb / 13P
   DUAL FULL-BRIDGE DRIVER
logo
National Semiconductor ...
LM18298 NSC-LM18298 Datasheet
147Kb / 8P
   Dual Full-Bridge Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com