Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TB6562ANG Datasheet(PDF) 6 Page - Toshiba Semiconductor

Part # TB6562ANG
Description  Dual Full-Bridge Driver IC for Stepping Motors
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TB6562ANG Datasheet(HTML) 6 Page - Toshiba Semiconductor

Back Button TB6562ANG Datasheet HTML 2Page - Toshiba Semiconductor TB6562ANG Datasheet HTML 3Page - Toshiba Semiconductor TB6562ANG Datasheet HTML 4Page - Toshiba Semiconductor TB6562ANG Datasheet HTML 5Page - Toshiba Semiconductor TB6562ANG Datasheet HTML 6Page - Toshiba Semiconductor TB6562ANG Datasheet HTML 7Page - Toshiba Semiconductor TB6562ANG Datasheet HTML 8Page - Toshiba Semiconductor TB6562ANG Datasheet HTML 9Page - Toshiba Semiconductor TB6562ANG Datasheet HTML 10Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
TB6562ANG/AFG
2007-3-22
6
Electrical Characteristics (VCC = 24 V, Ta = 25°C)
Characteristic
Symbol
Test
Circuit
Test Condition
Min
Typ.
Max
Unit
ICC1
XT1A = XT2A = H, XT1B = XT2B = H
Output = Open
6.5
10
ICC2
XT1A = XT2A = L, XT1B = XT2B = L
Output = Open
7.0
12
Supply current
ICC3
Standby mode
2.0
4.0
mA
VINH
2
5.5
Input voltage
VINL
-0.2
0.8
Input hysteresis
voltage
VIN (HYS)
(Target spec.)
0.4
V
IINH
VIN = 5 V
30
50
75
Control circuit
(Note 1)
Input current
IINL
VIN = 0 V
5
μA
VINSH
2.3
5.5
Input voltage
VINSL
–0.2
0.8
Input hysteresis
voltage
VIN (HYS)
(Target spec.)
0.4
V
IINSH
VIN = 5 V
30
50
75
Standby circuit
Input current
IINSL
VIN = 0 V
5
μA
IO = 0.2 A
1.5
2.0
Output ON-resistance
Ron (U + L)
IO = 1.5 A
1.5
2.0
Ω
IL (U)
VCC = 40 V
10
Output leakage current
IL (L)
VCC = 40 V
10
μA
VF (U)
IO = 1.5 A
1.3
2.0
Diode forward voltage
VF (L)
IO = 1.5 A
1.3
2.0
V
Internal reference voltage
Vreg
1 mA
4.75
5
5.25
V
Input current
Iref
Vref = 0.5 V
5
10
μA
Vref (1/10)
X1
= X2 = L
Vref = 5 V
0.45
0.5
0.55
Vref (1/15)
X1
= L, X2 = H
Vref = 5 V
0.28
0.33
0.38
Vref circuit
Current limit
voltage
Vref (1/30)
X1
= H, X2 = L
Vref =5 V
0.12
0.17
0.22
V
Triangular-wave oscillation
frequency
fosc
C = 4700 pF
88
110
132
kHz
Thermal shutdown circuit operating
temperature
TSD
(Target spec.)
160
°C
Note 1: Phase, X1 and X2 pins


Similar Part No. - TB6562ANG

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TB6562ANG TOSHIBA-TB6562ANG Datasheet
254Kb / 16P
   Dual Full-Bridge Driver IC for Stepping Motors
More results

Similar Description - TB6562ANG

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TB6562ANG TOSHIBA-TB6562ANG Datasheet
254Kb / 16P
   Dual Full-Bridge Driver IC for Stepping Motors
TB6598FN TOSHIBA-TB6598FN Datasheet
255Kb / 17P
   Dual Full-Bridge Driver for Stepping Motors
TB6598FN TOSHIBA-TB6598FN_06 Datasheet
323Kb / 18P
   Dual Full-Bridge Driver for Stepping Motors
TB6549F TOSHIBA-TB6549F_07 Datasheet
307Kb / 22P
   Full-Bridge Driver IC for DC Motors
TB6549F TOSHIBA-TB6549F Datasheet
341Kb / 18P
   Full-Bridge Driver IC for DC Motors
TB6552FN TOSHIBA-TB6552FN_07 Datasheet
238Kb / 14P
   DUAL-BRIDGE DRIVER IC FOR DC MOTORS
TB6552FN TOSHIBA-TB6552FN Datasheet
231Kb / 12P
   DUAL-BRIDGE DRIVER IC FOR DC MOTORS
TC78H600FNG TOSHIBA-TC78H600FNG Datasheet
482Kb / 23P
   DUAL-BRIDGE DRIVER IC FOR DC MOTORS
2012-09-05
TB6561FG TOSHIBA-TB6561FG Datasheet
220Kb / 14P
   Dual Full-Bridge Driver IC
TB6561NG TOSHIBA-TB6561NG Datasheet
329Kb / 14P
   Dual Full-Bridge Driver IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com