Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TB6562ANG Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # TB6562ANG
Description  Dual Full-Bridge Driver IC for Stepping Motors
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TB6562ANG Datasheet(HTML) 3 Page - Toshiba Semiconductor

  TB6562ANG Datasheet HTML 1Page - Toshiba Semiconductor TB6562ANG Datasheet HTML 2Page - Toshiba Semiconductor TB6562ANG Datasheet HTML 3Page - Toshiba Semiconductor TB6562ANG Datasheet HTML 4Page - Toshiba Semiconductor TB6562ANG Datasheet HTML 5Page - Toshiba Semiconductor TB6562ANG Datasheet HTML 6Page - Toshiba Semiconductor TB6562ANG Datasheet HTML 7Page - Toshiba Semiconductor TB6562ANG Datasheet HTML 8Page - Toshiba Semiconductor TB6562ANG Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
TB6562ANG/AFG
2007-3-22
3
Pin Description
< TB6562ANG >
Pin No.
Symbol
Function Description
Remarks
1
GND
Ground pin
2
Vreg
5 V output pin
Connect a capacitor between this pin and the GND pin.
3
SB
Standby pin
H: start, L: Standby, Built-in pull down resistance of 100kΩ(typ.)
4
Phase A
Rotation direction control pin (Ch. A)
Apply a 0 V / 5 V signal, Built-in pull down resistance of 100kΩ(typ.)
5
X1A
Input pin used to set output current level (Ch. A)
Apply a 0 V / 5 V signal, Built-in pull down resistance of 100kΩ(typ.)
6
X2A
Input pin used to set output current level (Ch. A)
Apply a 0 V / 5 V signal, Built-in pull down resistance of 100kΩ(typ.)
7
Vcc
Power supply voltage input pin
Vcc (opr)
= 10 V to 34 V
8
OUT1A
Output pin 1 (Ch. A)
Connect to a motor coil pin.
9
VrefA
Input pin for external reference voltage (Ch. A)
10
RSA
Output current detection resistor connection pin (Ch. A).
11
OUT2A
Output pin 2 (Ch. A)
Connect to a motor coil pin.
12
GND
Ground pin
13
GND
Ground pin
14
OUT2B
Output pin 2 (Ch. B)
Connect to a motor coil pin.
15
RSB
Output current detection resistor connection pin (Ch. B)
16
VrefB
Input pin for external reference voltage (Ch. B)
17
OUT1B
Output pin 1 (Ch. B)
Connect to a motor coil pin.
18
Vcc
Power supply voltage input pin
Vcc (opr)
= 10 V to 34 V
19
X2B
Input pin used to set output current level (Ch. B)
Apply a 0 V / 5 V signal, Built-in pull down resistance of 100kΩ(typ.)
20
X1B
Input pin used to set output current level (Ch. B)
Apply a 0 V / 5 V signal, Built-in pull down resistance of 100kΩ(typ.)
21
Phase B
Rotation direction control pin (Ch. B)
Apply a 0 V / 5 V signal, Built-in pull down resistance of 100kΩ(typ.)
22
OSC
External capacitor pin for triangular-wave oscillation
23
VCC
Power supply voltage input pin
VCC (opr) = 10 V to 34 V
24
GND
Ground pin
GND
124
GND
Vreg
223
Vcc
SB
322
OSC
Phase A
421
Phase B
X1A
520
X1B
X2A
619
X2B
Vcc
718
Vcc
OUT1A
817
OUT1B
VrefA
916
VrefB
RSA
10
15
RSB
OUT2A
11
14
OUT2B
GND
12
13
GND
<Top View>
GND
130
GND
Vreg
229
Vcc
SB
328
OSC
Phase A
427
Phase B
X1A
526
X1B
X2A
625
X2B
GND
724
GND
GND
823
GND
GND
922
GND
Vcc
10
21
Vcc
OUT1A
11
20
OUT1B
VrefA
12
19
VrefB
RSA
13
18
RSB
OUT2A
14
17
OUT2B
GND
15
16
GND
TB6562ANG
TB6562AFG


Similar Part No. - TB6562ANG

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TB6562ANG TOSHIBA-TB6562ANG Datasheet
254Kb / 16P
   Dual Full-Bridge Driver IC for Stepping Motors
More results

Similar Description - TB6562ANG

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TB6562ANG TOSHIBA-TB6562ANG Datasheet
254Kb / 16P
   Dual Full-Bridge Driver IC for Stepping Motors
TB6598FN TOSHIBA-TB6598FN Datasheet
255Kb / 17P
   Dual Full-Bridge Driver for Stepping Motors
TB6598FN TOSHIBA-TB6598FN_06 Datasheet
323Kb / 18P
   Dual Full-Bridge Driver for Stepping Motors
TB6549F TOSHIBA-TB6549F_07 Datasheet
307Kb / 22P
   Full-Bridge Driver IC for DC Motors
TB6549F TOSHIBA-TB6549F Datasheet
341Kb / 18P
   Full-Bridge Driver IC for DC Motors
TB6552FN TOSHIBA-TB6552FN_07 Datasheet
238Kb / 14P
   DUAL-BRIDGE DRIVER IC FOR DC MOTORS
TB6552FN TOSHIBA-TB6552FN Datasheet
231Kb / 12P
   DUAL-BRIDGE DRIVER IC FOR DC MOTORS
TC78H600FNG TOSHIBA-TC78H600FNG Datasheet
482Kb / 23P
   DUAL-BRIDGE DRIVER IC FOR DC MOTORS
2012-09-05
TB6561FG TOSHIBA-TB6561FG Datasheet
220Kb / 14P
   Dual Full-Bridge Driver IC
TB6561NG TOSHIBA-TB6561NG Datasheet
329Kb / 14P
   Dual Full-Bridge Driver IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com