Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TB7004FL Datasheet(PDF) 5 Page - Toshiba Semiconductor

Part # TB7004FL
Description  Synchronous Buck Converter Module for High-Current and Low-Voltage Applications
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TB7004FL Datasheet(HTML) 5 Page - Toshiba Semiconductor

  TB7004FL Datasheet HTML 1Page - Toshiba Semiconductor TB7004FL Datasheet HTML 2Page - Toshiba Semiconductor TB7004FL Datasheet HTML 3Page - Toshiba Semiconductor TB7004FL Datasheet HTML 4Page - Toshiba Semiconductor TB7004FL Datasheet HTML 5Page - Toshiba Semiconductor TB7004FL Datasheet HTML 6Page - Toshiba Semiconductor TB7004FL Datasheet HTML 7Page - Toshiba Semiconductor TB7004FL Datasheet HTML 8Page - Toshiba Semiconductor TB7004FL Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
TB7004FL
2007-11-13
5
Electrical Characteristics
(VCIN
= 12 V, VGIN = 5 V, VDISBL# = 12 V, Ta = 25°C, unless otherwise specified)
Characteristics
Symbol
Pin
Test Condition
Min
Typ.
Max
Unit
Power supply
Operating input voltage
VIN (OPR)
VIN
19
V
Operating input voltage
VCIN (OPR)
VCIN
10
12
14
V
Quiescent current
ICIN (OFF)
VCIN
VDISBL# = 0, VPWM = 0
1.3
mA
Operating VGIN current
IGIN (OPR)
VGIN
fC = 1 MHz, duty = 10%
60
mA
Undervoltage lockout threshold
VUVLO
VCIN
6.5
7.2
7.9
V
Undervoltage lockout hysteresis
Vhys-UVLO
VCIN
2.0
V
PWM signal input
PWM input rising threshold
VH (PWM)
PWM
3.2
3.5
3.8
V
PWM input falling threshold
VL (PWM)
PWM
1.3
1.5
1.7
V
PWM input resistance
RPWM
PWM
VPWM = 5 V
33
50
77
k
Ω
3-state window
VW (PWM)
PWM
VL (PWM)
VH (PWM)
V
3-state shutdown hold-off time
thold
PWM
VPWM = VW (PWM)
200
(Note 1)
ns
DISBL# signal input
DISBL# input rising threshold
VH (DISBL#)
DISBL#
3.2
3.5
3.8
V
DISBL# input falling threshold
VL (DISBL#)
DISBL#
1.3
1.5
1.7
V
DISBL# input current
IDISBL#
DISBL#
VDISBL# = 0
5.0
μA
REG5V output
REG5V output voltage
VOUT(REG5V)
REG5V
IREG5V = −10 mA
4.75
5.0
5.25
V
Line regulation
Reg
⋅ line
REG5V
IREG5V = −10 mA,
VCIN = 10 to 14 V
20
mV
Load regulation
Reg
⋅ load
REG5V
IREG5V = 0 to −10 mA
20
mV
Thermal shutdown
Thermal shutdown threshold
Ttsdn
150
°C
Thermal shutdown hysteresis
Thys - tsdn
15
°C
THDN output low voltage
VOUT (THDN)
THDN
ITHDN = 2 mA
0.4
V
THDN sink current
ITHDN
THDN
5
mA
Note 1: Design target only. Not 100% tested in production.
Note 2: Don’t use the TB7004FL after thermal shutdown is tripped, because the thermal shutdown circuitry operates
beyond the rated absolute maximum temperature. The thermal shutdown circuitry cannot always protect the
device from failure. The device may be permanently damaged before thermal shutdown is tripped, depending
on usage conditions. Refer to the description of thermal shutdown on page 13.


Similar Part No. - TB7004FL

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TB7001FL TOSHIBA-TB7001FL Datasheet
67Kb / 6P
   For high current and low voltage applications Synchronous buck converter module
More results

Similar Description - TB7004FL

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TB7001FL TOSHIBA-TB7001FL Datasheet
67Kb / 6P
   For high current and low voltage applications Synchronous buck converter module
logo
ON Semiconductor
NCP3235 ONSEMI-NCP3235 Datasheet
318Kb / 16P
   High Current Synchronous Buck Converter
May, 2016 ??Rev. 0
NCP3233 ONSEMI-NCP3233 Datasheet
128Kb / 17P
   High Current Synchronous Buck Converter
November, 2015 ??Rev. 4
NCP3231B ONSEMI-NCP3231B Datasheet
296Kb / 14P
   Buck Converter - Synchronous, High Current
August, 2019 ??Rev. 0
NCP3231A ONSEMI-NCP3231A Datasheet
153Kb / 14P
   High Current Synchronous Buck Converter
May, 2015 ??Rev. 3
NCP3233 ONSEMI-NCP3233_16 Datasheet
135Kb / 17P
   High Current Synchronous Buck Converter
February, 2016 ??Rev. 5
NCP3230 ONSEMI-NCP3230 Datasheet
156Kb / 15P
   High Current Synchronous Buck Converter
August, 2016 ??Rev. 0
NCP3231 ONSEMI-NCP3231 Datasheet
157Kb / 15P
   High Current Synchronous Buck Converter
May, 2015 ??Rev. 5
NCP3232N ONSEMI-NCP3232N Datasheet
185Kb / 14P
   High Current Synchronous Buck Converter
June, 2015 ??Rev. 5
NCP4060A ONSEMI-NCP4060A Datasheet
1Mb / 21P
   Buck Converter - High Voltage, Synchronous
August, 2019 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com