Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TB7100F Datasheet(PDF) 6 Page - Toshiba Semiconductor

Part # TB7100F
Description  Step-down DC-DC Converter IC
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TB7100F Datasheet(HTML) 6 Page - Toshiba Semiconductor

Back Button TB7100F Datasheet HTML 2Page - Toshiba Semiconductor TB7100F Datasheet HTML 3Page - Toshiba Semiconductor TB7100F Datasheet HTML 4Page - Toshiba Semiconductor TB7100F Datasheet HTML 5Page - Toshiba Semiconductor TB7100F Datasheet HTML 6Page - Toshiba Semiconductor TB7100F Datasheet HTML 7Page - Toshiba Semiconductor TB7100F Datasheet HTML 8Page - Toshiba Semiconductor TB7100F Datasheet HTML 9Page - Toshiba Semiconductor TB7100F Datasheet HTML 10Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
TB7100F
2004-09-10
6
Application Circuit Example
Figure 1: TB7100F application circuit example
Component constants
The following values are given only for your reference and may need tuning depending on your input/output conditions and board
layout.
CIN: Input smoothing capacitance of 10 μF (multilayer ceramic capacitor JMK212BJ106KG, manufactured by Taiyo Yuden Co.,
Ltd.)
COUT: Output smoothing capacitance of 10 μF
(multilayer ceramic capacitor JMK212BJ106KG manufactured by Taiyo Yuden Co., Ltd.)
CCOMP1: Error amplifier phase compensation capacitance of 3300 pF (@ VIN = 5 V, VOUT = 3.3 V, and RT = 120 kΩ)
CCOMP2: Error amplifier phase compensation capacitance (not used if phase compensation is possible only with RCOMP
and CCOMP1)
CFB: Error amplifier phase compensation capacitance (not used if phase compensation is possible only with RCOMP
and CCOMP1)
RCOMP: Error amplifier phase compensation resistance of 1 kΩ (@ VIN = 5 V, VOUT = 3.3 V, and RT = 120 kΩ)
RT: Oscillation frequency setting resistance of 120 kΩ (@ fOSC = 550 kHz)
RFB1: Output voltage setting resistance of 75 kΩ (@ VIN = 5 V, VOUT = 3.3 V, and RT = 120 kΩ)
RFB2: Output voltage setting resistance of 24 kΩ (@ VIN = 5 V, VOUT = 3.3 V, and RT = 120 kΩ)
L: Inductor 6.8
μH (@ VIN = 5 V, VOUT = 3.3 V, and RT = 120 kΩ); CDRH4D28C/LD series, manufactured by Sumida Corporation
SBD: Schottky barrier diode CRS06 (@ VRRM = 20 V and IF(AV) = 1 A), manufactured by Toshiba Corporation
How to use
Setting the Inductance
The required inductance can be calculated by using the following equation:
⎟⎟
⎜⎜
Δ
=
IN
V
OUT
V
1
L
I
OSC
f
OUT
V
L
(1)
VIN: Input voltage (V)
fOSC: Oscillation frequency (Hz)
VOUT: Output voltage (V)
Δ
IL: Inductor ripple current (A)
* Generally,
ΔIL should be set to 30% to 40% of the peak current flowing through the inductor. For the TB7100F, set ΔIL to 0.3 A, as
its peak switch current [ISW(PEAK)] is 1 A (min). Therefore select an inductor whose current rating is no lower than the peak
switch current [1 A (min)] of the TB7100F. If the current rating is exceeded, the inductor becomes saturated, leading to an
unstable DC-DC converter operation.
If VIN = 5 V and VOUT = 3.3 V, the required inductance can be calculated as below. Be sure to select an inductor with an optimum
constant by taking VIN variations into consideration.
TB7100F
SBD
RFB1
RFB2
CFB
COUT
RT
CCOMP1
RCOMP
CCOMP2
CIN
FB
PGND
SGND
ENB
VIN
RT
COMP
VIN=5V
VOUT=3.3V
GND
GND
L
SW


Similar Part No. - TB7100F

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TB7101AF TOSHIBA-TB7101AF Datasheet
280Kb / 22P
   Buck DC-DC Converter IC
TB7101AFT5L1.2 TOSHIBA-TB7101AFT5L1.2 Datasheet
280Kb / 22P
   Buck DC-DC Converter IC
TB7101AFT5L1.2F TOSHIBA-TB7101AFT5L1.2F Datasheet
280Kb / 22P
   Buck DC-DC Converter IC
TB7101AFT5L1.5 TOSHIBA-TB7101AFT5L1.5 Datasheet
280Kb / 22P
   Buck DC-DC Converter IC
TB7101AFT5L1.5F TOSHIBA-TB7101AFT5L1.5F Datasheet
280Kb / 22P
   Buck DC-DC Converter IC
More results

Similar Description - TB7100F

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SI-8000TM SANKEN-SI-8000TM Datasheet
531Kb / 15P
   DC/DC Step-Down Converter IC
logo
Toshiba Semiconductor
TB7102F TOSHIBA-TB7102F Datasheet
280Kb / 13P
   Step-down DC-DC Converter IC
TB7101F TOSHIBA-TB7101F Datasheet
295Kb / 17P
   Step-down DC-DC Converter IC
logo
SHENZHEN FUMAN ELECTRON...
TC34093 FUMAN-TC34093 Datasheet
155Kb / 3P
   Step-down DC-DC converter control IC
logo
Shindengen Electric Mfg...
MD1323R SHINDENGEN-MD1323R Datasheet
558Kb / 2P
   Step Down DC - DC Converter Power IC
logo
SHENZHEN FUMAN ELECTRON...
TC34083 FUMAN-TC34083 Datasheet
153Kb / 3P
   Step-down DC-DC converter control IC
TC34053 FUMAN-TC34053 Datasheet
120Kb / 2P
   Step-down DC-DC converter control IC
SC34073 FUMAN-SC34073 Datasheet
137Kb / 2P
   Step-down DC-DC converter control IC
SC34073M FUMAN-SC34073M Datasheet
150Kb / 3P
   Step-down DC-DC converter control IC
logo
New Japan Radio
NJM2393 NJRC-NJM2393 Datasheet
137Kb / 7P
   Step-Down PWM DC/DC Converter IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com