Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P10C68-35IG Datasheet(PDF) 7 Page - Zarlink Semiconductor Inc

Part # P10C68-35IG
Description  CMOS/SNOS NVSRAM HIGH PERFORMANCE 8 K x 8 NON-VOLATILE STATIC RAM
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

P10C68-35IG Datasheet(HTML) 7 Page - Zarlink Semiconductor Inc

Back Button P10C68-35IG Datasheet HTML 3Page - Zarlink Semiconductor Inc P10C68-35IG Datasheet HTML 4Page - Zarlink Semiconductor Inc P10C68-35IG Datasheet HTML 5Page - Zarlink Semiconductor Inc P10C68-35IG Datasheet HTML 6Page - Zarlink Semiconductor Inc P10C68-35IG Datasheet HTML 7Page - Zarlink Semiconductor Inc P10C68-35IG Datasheet HTML 8Page - Zarlink Semiconductor Inc P10C68-35IG Datasheet HTML 9Page - Zarlink Semiconductor Inc P10C68-35IG Datasheet HTML 10Page - Zarlink Semiconductor Inc P10C68-35IG Datasheet HTML 11Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
P10C68/P11C68
7
tAVAV
tELWH
tAVWH
tWLWH
tAVWL
tDVWH
tWHDX
tWHQX
tWLQZ
tWHAX
ADDRESS
E
W
DATA IN
DATA OUT
DATA VALID
HIGH IMPEDANCE
PREVIOUS DATA
Figure 6. WRITE CYCLE 1: W (bar) controlled timing diagram (see notes 8 and 13).
Standard
tAVAV
tWLEH
tELEH
tDVEH
tEHDX
tAVEH
tEHAX
tAVWL
Alternative
tWC
tWP
tCW
tDW
tDH
tAW
tWR
tAS
Parameter
Write cycle time
Write pulse width
Chip enable to end of write
Data set-up to end of write
Data hold after end of write
Address set-up to end of write
Address hold after end of write
Address set-up to start of write
Units
ns
ns
ns
ns
ns
ns
ns
ns
Notes
P10C68-45
P11C68-45
P10C68-35
P11C68-35
Symbol
Min.
45
35
35
30
0
35
0
0
Max.
Min.
45
35
35
30
0
35
0
0
Max.
WRITE CYCLE 2 : E (BAR) CONTROLLED
(See notes 8 and 13)
tAVAV
tELEH
tAVEL
tEHAX
tAVEH
tWLEH
tDVEH
tEHDX
ADDRESS
E
W
DATA IN
DATA OUT
DATA VALID
HIGH IMPEDANCE
Figure 7. WRITE CYCLE 2: E (bar) controlled timing diagram (see notes 8 and 13).


Similar Part No. - P10C68-35IG

ManufacturerPart #DatasheetDescription
logo
HY-LINE Power Component...
P10C24D05W HY-LINE-P10C24D05W Datasheet
303Kb / 2P
   10W DC-DC Converter P10C-Series
Rev: 9 / 05 f
P10C24D12W HY-LINE-P10C24D12W Datasheet
303Kb / 2P
   10W DC-DC Converter P10C-Series
Rev: 9 / 05 f
P10C24D15W HY-LINE-P10C24D15W Datasheet
303Kb / 2P
   10W DC-DC Converter P10C-Series
Rev: 9 / 05 f
P10C24S05W HY-LINE-P10C24S05W Datasheet
303Kb / 2P
   10W DC-DC Converter P10C-Series
Rev: 9 / 05 f
P10C24S12W HY-LINE-P10C24S12W Datasheet
303Kb / 2P
   10W DC-DC Converter P10C-Series
Rev: 9 / 05 f
More results

Similar Description - P10C68-35IG

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
STK20C04 ETC-STK20C04 Datasheet
79Kb / 8P
   CMOS nvSRAM High Performance 512 x 8 Nonvolatile Static RAM
STK15C88 ETC-STK15C88 Datasheet
75Kb / 9P
   32K x 8 AutoStore nvSRAM High Performance CMOS Nonvolatile Static RAM
GR3281 ETC2-GR3281 Datasheet
153Kb / 2P
   32768 word by 8 bits (32K x 8) non-volatile CMOS Static Ram
logo
Simtek Corporation
STK20C04 SIMTEK-STK20C04 Datasheet
428Kb / 12P
   512 x 8 nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
STK10C68 SIMTEK-STK10C68 Datasheet
468Kb / 12P
   8K x 8 nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
logo
List of Unclassifed Man...
STK11C48 ETC-STK11C48 Datasheet
282Kb / 10P
   2K x 8 nvSRAM QuantumTrap CMOS Nonvolatile Static RAM
STK10C68 ETC1-STK10C68 Datasheet
332Kb / 12P
   8K X 8 nvSRAM QuantumTrap CMOS Nonvolatile Static RAM
STK14D88 ETC-STK14D88 Datasheet
216Kb / 15P
   32K x 8 AutoStore nvSRAM CMOS Nonvolatile Static RAM
STK11C68 ETC-STK11C68 Datasheet
58Kb / 10P
   8K x 8 nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
logo
Simtek Corporation
STK11C48 SIMTEK-STK11C48 Datasheet
368Kb / 10P
   2K x 8 nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com