Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TB62802F Datasheet(PDF) 7 Page - Toshiba Semiconductor

Part # TB62802F
Description  CCD Clock Drivers
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TB62802F Datasheet(HTML) 7 Page - Toshiba Semiconductor

Back Button TB62802F Datasheet HTML 3Page - Toshiba Semiconductor TB62802F Datasheet HTML 4Page - Toshiba Semiconductor TB62802F Datasheet HTML 5Page - Toshiba Semiconductor TB62802F Datasheet HTML 6Page - Toshiba Semiconductor TB62802F Datasheet HTML 7Page - Toshiba Semiconductor TB62802F Datasheet HTML 8Page - Toshiba Semiconductor TB62802F Datasheet HTML 9Page - Toshiba Semiconductor TB62802F Datasheet HTML 10Page - Toshiba Semiconductor TB62802F Datasheet HTML 11Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
TB62802F
2006-06-13
7
Reference Characteristics
Thermal Design
The junction temperature is expressed as follows:
Tj = Ta + (θjc + θca) × Pd
= Ta + θja × Pd
Tj: Junction temperature
Ta: Ambient temperature
θjc: Thermal resistance from chip to case (a specific value not affected by environment)
θja: Thermal resistance from chip to ambient temperature (affected by environment)
Pd: Power dissipation when driving external load
Here, the thermal performance of the heat dispersion on the PCB and of the ambient temperature setting
should be so designed that the calculated value is within the specified range.
Load Capacitance vs. Power Dissipation
Load capacitance
pF
0
1.2
0
0.4
0.8
1
0.6
0.2
20
40
60
80
100
120
140
160
180
200
220
240
260
280
300
Drive frequency: 25 MHz
(all bits are driven at the same frequency)
Supply voltage: 5.0 V
Light load capacitance: 20 pF
Light load internal equivalent capacitance:
18 pF
Heavy load internal equivalent capacitance:
57 pF
Ambient temperature: 25°C
Power Dissipation and Junction Temperature (reference value)
Drive frequency
MHz
0.00
1.0
3.0
5.0
7.0
9.0
11.0
13.0
15.0
17.0
19.0
21.0
23.0
25.0
0.10
0.20
0.30
0.40
0.50
0.60
0.70
0.80
0.90
1.00
120
0
60
20
40
80
100
Condition:
(1) Power dissipation
IC internal equivalent capacitance
Heavy load
= 57 pF
Light load
= 18 pF
CCD input capacitance
Main clock
= 250 pF
Control clock
= 20 pF
Driver supply voltage
= 5.0 V
Driver output amplitude
= 5.0 V
The main clock and control clock oscillate at
the same frequency.
(2) Junction temperature
Ta
= 25°C
θja = 83.3°C/W
(typical value for the IC itself)
Power dissipation
Junction temperature


Similar Part No. - TB62802F

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TB62802FG TOSHIBA-TB62802FG Datasheet
262Kb / 20P
   CCD Clock Drivers
More results

Similar Description - TB62802F

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TB62802FG TOSHIBA-TB62802FG Datasheet
262Kb / 20P
   CCD Clock Drivers
logo
Renesas Technology Corp
HD29026A RENESAS-HD29026A Datasheet
115Kb / 12P
   Dual CCD Drivers
logo
List of Unclassifed Man...
HD29029 ETC-HD29029 Datasheet
21Kb / 5P
   Dual CCD Drivers
logo
Renesas Technology Corp
J205001_HD29026A RENESAS-J205001_HD29026A Datasheet
235Kb / 18P
   Dual CCD Drivers
logo
List of Unclassifed Man...
HD29026A ETC-HD29026A Datasheet
47Kb / 12P
   Dual CCD Drivers
logo
Renesas Technology Corp
HD29029 RENESAS-HD29029 Datasheet
87Kb / 7P
   Dual CCD Drivers
logo
Hitachi Semiconductor
HD29026A HITACHI-HD29026A Datasheet
72Kb / 16P
   Dual CCD Drivers
logo
Sanyo Semicon Device
LB8901M SANYO-LB8901M Datasheet
121Kb / 5P
   CCD Clock Driver
LB8904M SANYO-LB8904M Datasheet
110Kb / 5P
   CCD Clock Driver?
logo
Toshiba Semiconductor
TB62801F TOSHIBA-TB62801F Datasheet
367Kb / 20P
   Linear CCD Clock Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com