Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QRS1450001 Datasheet(PDF) 2 Page - Powerex Power Semiconductors

Part # QRS1450001
Description  Fast Recovery Diode Module (500 Amps/1400 Volts)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

QRS1450001 Datasheet(HTML) 2 Page - Powerex Power Semiconductors

  QRS1450001 Datasheet HTML 1Page - Powerex Power Semiconductors QRS1450001 Datasheet HTML 2Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Preliminary
QRS1450001
Powerex, Inc., 200 Hillis St., Youngwood 15697 (724) 925-7272
Fast Recovery Diode Module
500 Amps/1400 Volts
Page 2
5/7/2001
Absolute Maximum Ratings, TJ=25
°°°°C unless otherwise specified
Characteristics
Conditions
Symbol
QRS1450001
Units
Repetitive Peak Reverse Blocking Voltage
-
VRRM
1400
Volts
Non-Repetitive Peak Reverse Blocking Voltage
-
VRSM
VRRM + 100
Volts
Average Forward Current
180
° Conduction, Tc=25°C
IF(AV)
500
Amperes
Peak Half Cycle Non-Repetitive Surge Current
t = 8.3mS, 100%VRRM Reapplied
IFSM
3330
Amperes
I
2t for Fusing for One Cycle
t = 8.3mS, 100%VRRM Reapplied
I
2t
46200
A
2sec
Operating Junction Temperature
-
TJ
-40 to 150
°C
Storage Temperature
-
TSTG
-40 to 125
°C
Maximum Mounting Torque, M6 Mounting Screw
-
-
26
In.-lb.
Maximum Terminal Torque, M6 Terminal Screw
-
-
26
In.-lb.
Module Weight (Typical)
-
-
400
Grams
V Isolation
60 Hz, circuit to base, all terminals
shorted, t = 1 sec
VRMS
3000
Volts
Electrical Characteristics, TJ=25
°°°°C unless otherwise specified
Characteristics
Symbol
Test Conditions
Min.
Typ.
Max
Units
Peak Reverse Leakage Current
IRRM
Rated VRRM
-
-
4
mA
Peak On-State Voltage
VFM
IF=500A
-
3.1
3.8
Volts
Reverse Recovery Time
trr
IF = 500A, di/dt =
−1000A/µs
-
-
300
ns
Reverse Recovery Charge
Qrr
IF = 500A, di/dt =
−1000A/µs
-
5
-
µC
Thermal Characteristics, TJ=25
°°°°C unless otherwise specified
Characteristics
Symbol
Min.
Typ.
Max.
Units
Thermal Resistance, Junction to Case
RΘJC
Per Diode
-
-
0.075
°C/Watt
Thermal Resistance, Case to Sink
Lubricated
RΘCS
Per Module
-
-
0.04
°C/Watt


Similar Part No. - QRS1450001

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
QRS1420T30 POWEREX-QRS1420T30 Datasheet
116Kb / 3P
   Fast Recovery Diode Module (200 Amp/1400 Volts)
QRS1440T30 POWEREX-QRS1440T30 Datasheet
111Kb / 3P
   Fast Recovery Diode Module (400 Amp/1400 Volts)
QRS1460T30 POWEREX-QRS1460T30 Datasheet
111Kb / 3P
   Fast Recovery Diode Module (600 Amp/1400 Volts)
More results

Similar Description - QRS1450001

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
QRS1460T30 POWEREX-QRS1460T30 Datasheet
111Kb / 3P
   Fast Recovery Diode Module (600 Amp/1400 Volts)
QR1410T30 POWEREX-QR1410T30 Datasheet
113Kb / 3P
   Fast Recovery Diode Module (100 Amp/1400 Volts)
QR1420T30 POWEREX-QR1420T30 Datasheet
116Kb / 3P
   Fast Recovery Diode Module (200 Amp/1400 Volts)
QRS1440T30 POWEREX-QRS1440T30 Datasheet
111Kb / 3P
   Fast Recovery Diode Module (400 Amp/1400 Volts)
QR1430T30 POWEREX-QR1430T30 Datasheet
106Kb / 3P
   Fast Recovery Diode Module (300 Amp/1400 Volts)
CS640525 POWEREX-CS640525 Datasheet
58Kb / 2P
   Fast Recovery Single Diode Module 250 Amperes/500 Volts
QRS171D001 POWEREX-QRS171D001 Datasheet
90Kb / 3P
   1700 Volts Fast Recovery Diode Module 1200 Amps Free Wheeling 700 Amps Average
QRS061K001 POWEREX-QRS061K001 Datasheet
237Kb / 3P
   600 Volts Fast Recovery Diode Module 1000 Amps Free Wheeling 420 Amps Average
R5020213 POWEREX-R5020213 Datasheet
491Kb / 4P
   Fast Recovery Rectifier (125 Amperes Average 1400 Volts)
R5020218 POWEREX-R5020218 Datasheet
489Kb / 4P
   Fast Recovery Rectifier (175 Amperes Average 1400 Volts)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com