Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC7MA2374FK Datasheet(PDF) 9 Page - Toshiba Semiconductor

Part # TC7MA2374FK
Description  Low-Voltage Octal D-Type Flip-Flop with 3.6 V Tolerant Inputs and Outputs
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC7MA2374FK Datasheet(HTML) 9 Page - Toshiba Semiconductor

Back Button TC7MA2374FK Datasheet HTML 3Page - Toshiba Semiconductor TC7MA2374FK Datasheet HTML 4Page - Toshiba Semiconductor TC7MA2374FK Datasheet HTML 5Page - Toshiba Semiconductor TC7MA2374FK Datasheet HTML 6Page - Toshiba Semiconductor TC7MA2374FK Datasheet HTML 7Page - Toshiba Semiconductor TC7MA2374FK Datasheet HTML 8Page - Toshiba Semiconductor TC7MA2374FK Datasheet HTML 9Page - Toshiba Semiconductor TC7MA2374FK Datasheet HTML 10Page - Toshiba Semiconductor TC7MA2374FK Datasheet HTML 11Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
TC7MA2374FK
2007-10-19
9
VCC
Symbol
3.3
± 0.3 V
2.5
± 0.2 V
1.8 V
VIH
2.7 V
VCC
VCC
VM
1.5 V
VCC/2
VCC/2
VX
VOL + 0.3 V
VOL + 0.15 V
VOL + 0.15 V
VY
VOH 0.3 V
VOH 0.15 V
VOH 0.15 V
90%
10%
VOL
3.0 V or VCC
GND
VIH
VM
tpHZ
tpZH
tr 2.0 ns
tf 2.0 ns
VM
GND
VOH
Outputs
enabled
VM
tpLZ
tpZL
VY
Outputs
disabled
Outputs
enabled
Output Enable
Control ( OE )
Output (Q)
Low to Off to Low
Output (Q)
High to Off to High
VX
Figure 3 tpLZ, tpHZ, tpZL, tpZH


Similar Part No. - TC7MA2374FK

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7MA2374FK TOSHIBA-TC7MA2374FK Datasheet
333Kb / 9P
   LOW-VOLTAGE OCTAL D-TYPE FLIP-FLOP WITH 3.6V TOLERANT INPUTS AND OUTPUTS
More results

Similar Description - TC7MA2374FK

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7MA374FK TOSHIBA-TC7MA374FK_07 Datasheet
234Kb / 12P
   Low-Voltage Octal D-Type Flip-Flop with 3.6 V Tolerant Inputs and Outputs
TC7MA2574FK TOSHIBA-TC7MA2574FK Datasheet
218Kb / 11P
   Low-Voltage Octal D-Type Flip-Flop with 3.6 V Tolerant Inputs and Outputs
TC74VCX374FT TOSHIBA-TC74VCX374FT_07 Datasheet
271Kb / 13P
   Low-Voltage Octal D-Type Flip-Flop with 3.6 V Tolerant Inputs and Outputs
TC7MA574FK TOSHIBA-TC7MA574FK_07 Datasheet
234Kb / 12P
   Low-Voltage Octal D-Type Flip-Flop with 3.6 V Tolerant Inputs and Outputs
TC74VCX374FT TOSHIBA-TC74VCX374FT_V01 Datasheet
273Kb / 15P
   Low-Voltage Octal D-Type Flip-Flop with 3.6 V Tolerant Inputs and Outputs
2010-09-17
TC74VCX2374FT TOSHIBA-TC74VCX2374FT_07 Datasheet
253Kb / 11P
   Low-Voltage Octal D-Type Flip-Flop with 3.6-V Tolerant Inputs and Outputs
TC74VCX2574FT TOSHIBA-TC74VCX2574FT_07 Datasheet
253Kb / 11P
   Low-Voltage Octal D-Type Flip-Flop with 3.6-V Tolerant Inputs and Outputs
TC74VCX574FT TOSHIBA-TC74VCX574FT_07 Datasheet
271Kb / 13P
   Low-Voltage Octal D-Type Flip-Flop with 3.6 V Tolerant Inputs and Outputs
TC74VCX74FT TOSHIBA-TC74VCX74FT_07 Datasheet
262Kb / 11P
   Low-Voltage Dual D-Type Flip-Flop with 3.6-V Tolerant Inputs and Outputs
TC74VCX16721FT TOSHIBA-TC74VCX16721FT Datasheet
217Kb / 12P
   Low-Voltage 20-Bit D-Type Flip-Flop with 3.6-V Tolerant Inputs and Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com