Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC7MH175FK Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # TC7MH175FK
Description  Quad D-Type Flip-Flop with Clear
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC7MH175FK Datasheet(HTML) 4 Page - Toshiba Semiconductor

  TC7MH175FK Datasheet HTML 1Page - Toshiba Semiconductor TC7MH175FK Datasheet HTML 2Page - Toshiba Semiconductor TC7MH175FK Datasheet HTML 3Page - Toshiba Semiconductor TC7MH175FK Datasheet HTML 4Page - Toshiba Semiconductor TC7MH175FK Datasheet HTML 5Page - Toshiba Semiconductor TC7MH175FK Datasheet HTML 6Page - Toshiba Semiconductor TC7MH175FK Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
TC7MH175FK
2007-10-19
4
Timing Requirements (Input: tr = tf = 3 ns)
Ta
= 25°C
Ta
= −40~85°C
Characteristics
Symbol
Test Condition
VCC (V)
Typ.
Limit
Limit
Unit
3.3
± 0.3
5.0
5.0
Minimum pulse width
(CK)
tw (L)
tw (H)
5.0
± 0.5
5.0
5.0
ns
3.3
± 0.3
5.0
5.0
Minimum pulse width
( CLR )
tw (L)
5.0
± 0.5
5.0
5.0
ns
3.3
± 0.3
5.0
5.0
Minimum set-up time
t s
5.0
± 0.5
4.0
4.0
ns
3.3
± 0.3
1.0
1.0
Minimum hold time
t h
5.0
± 0.5
1.0
1.0
ns
3.3
± 0.3
5.0
5.0
Minimum removal time
( CLR )
trem
5.0
± 0.5
5.0
5.0
ns
AC Characteristics (Input: tr = tf = 3 ns)
Ta
= 25°C
Ta
= −40~85°C
Characteristics
Symbol
Test Condition
VCC (V) CL (pF)
Min
Typ.
Max
Min
Max
Unit
15
7.5
11.5
1.0
13.5
3.3
± 0.3
50
10.0
15.0
1.0
17.0
15
4.8
7.3
1.0
8.5
Propagation delay time
(CK-Q)
tpLH
tpHL
5.0
± 0.5
50
6.3
9.3
1.0
10.5
ns
15
6.3
10.1
1.0
12.0
3.3
± 0.3
50
8.8
13.6
1.0
15.5
15
4.3
6.4
1.0
7.5
Propagation delay time
( CLR -Q)
tpHL
5.0
± 0.5
50
5.8
8.4
1.0
9.5
ns
15
90
140
75
3.3
± 0.3
50
50
75
45
15
150
210
125
Maximum clock frequency
fmax
5.0
± 0.5
50
85
115
75
MHz
3.3
± 0.3
50
1.5
1.5
Output to output skew
tosLH
tosHL
(Note 1)
5.0
± 0.5
50
1.0
1.0
ns
Input capacitance
CIN
4
10
10
pF
Power dissipation
capacitance
CPD
(Note 2)
44
pF
Note 1: Parameter guaranteed by design.
tosLH = |tpLHm − tpLHn|, tosHL = |tpHLm − tpHLn|
Note 2: CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating
current consumption without load.
Average operating current can be obtained by the equation:
ICC (opr) = CPD・VCC・fIN + ICC/4 (per bit)
And the total CPD when n pcs of flip-flop operate can be gained by the following equation:
CPD (total) = 30 + 14・n


Similar Part No. - TC7MH175FK

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7MH175FK TOSHIBA-TC7MH175FK Datasheet
149Kb / 7P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
More results

Similar Description - TC7MH175FK

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M74HC175 STMICROELECTRONICS-M74HC175_01 Datasheet
428Kb / 11P
   QUAD D-TYPE FLIP FLOP WITH CLEAR
logo
Toshiba Semiconductor
TC74VHC175F TOSHIBA-TC74VHC175F_12 Datasheet
229Kb / 10P
   Quad D-Type Flip Flop with Clear
TC74HC175AP TOSHIBA-TC74HC175AP Datasheet
281Kb / 7P
   QUAD D - TYPE FLIP FLOP WITH CLEAR
TC74VHC175F TOSHIBA-TC74VHC175F_07 Datasheet
270Kb / 11P
   Quad D-Type Flip Flop with Clear
TC74VHC175F TOSHIBA-TC74VHC175F_V01 Datasheet
336Kb / 7P
   QUAD D-TYPE FLIP-FLOP WITH CLEAR
1997-01-30
logo
Fairchild Semiconductor
MM74HC175 FAIRCHILD-MM74HC175 Datasheet
76Kb / 7P
   Quad D-Type Flip-Flop With Clear
logo
Toshiba Semiconductor
TC74AC175F TOSHIBA-TC74AC175F_12 Datasheet
228Kb / 9P
   Quad D-Type Flip Flop with Clear
TC74VHC175F TOSHIBA-TC74VHC175F Datasheet
257Kb / 7P
   QUAD D-TYPE FLIP-FLOP WITH CLEAR
TC74HC175AP TOSHIBA-TC74HC175AP_07 Datasheet
316Kb / 10P
   Quad D-Type Flip Flop with Clear
logo
ON Semiconductor
MM74HC175 ONSEMI-MM74HC175 Datasheet
179Kb / 9P
   Quad D-Type Flip-Flop With Clear
Revised February 1999
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com