Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC7MPH3245FTG Datasheet(PDF) 5 Page - Toshiba Semiconductor

Part # TC7MPH3245FTG
Description  Low Voltage/Low Power 4-Bit 횞 2 Dual Supply Bus Transceiver with Bushold
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC7MPH3245FTG Datasheet(HTML) 5 Page - Toshiba Semiconductor

  TC7MPH3245FTG Datasheet HTML 1Page - Toshiba Semiconductor TC7MPH3245FTG Datasheet HTML 2Page - Toshiba Semiconductor TC7MPH3245FTG Datasheet HTML 3Page - Toshiba Semiconductor TC7MPH3245FTG Datasheet HTML 4Page - Toshiba Semiconductor TC7MPH3245FTG Datasheet HTML 5Page - Toshiba Semiconductor TC7MPH3245FTG Datasheet HTML 6Page - Toshiba Semiconductor TC7MPH3245FTG Datasheet HTML 7Page - Toshiba Semiconductor TC7MPH3245FTG Datasheet HTML 8Page - Toshiba Semiconductor TC7MPH3245FTG Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
TC7MPH3245FTG
2007-10-19
5
Operating Ranges (Note 1)
Characteristics
Symbol
Rating
Unit
VCCA
1.1 to 2.7
Power supply voltage
(Note 2)
VCCB
1.65 to 3.6
V
Input voltage
(DIR,
OE )
VIN
0 to 3.6
V
0 to 3.6
(Note 3)
VI/OA
0 to VCCA (Note 4)
Bus I/O voltage
VI/OB
0 to VCCB (Note 4)
V
±9
(Note 5)
±3
(Note 6)
IOUTA
±1
(Note 7)
±12
(Note 8)
±9
(Note 9)
Output current
IOUTB
±3
(Note 10)
mA
Operating temperature
Topr
40 to 85
°C
Input rise and fall time
dt/dv
0 to 10 (Note 11)
ns/V
Note 1: The operating ranges must be maintained to ensure the normal operation of the device. Unused inputs and
bus inputs must be tied to either VCC or GND. Please connect both bus inputs and the bus outputs with
VCC or GND when the I/O of the bus terminal changes by the function. In this case, please note that the
output is not short-circuited.
Note 2: Don’t use in VCCA > VCCB
Note 3: Output in OFF state
Note 4: High or low state
Note 5: VCCB= 2.3 to 2.7 V
Note 6: VCCB = 1.65 to 1.95 V
Note 7: VCCB = 1.4 to 1.6 V
Note 8: VCCA = 3.0 to 3.6 V
Note 9: VCCA = 2.3 to 2.7 V
Note 10: VCCA = 1.65 to 1.95 V
Note 11: VIN = 0.8 to 2.0 V, VCCA = 2.5 V, VCCB = 3.0 V


Similar Part No. - TC7MPH3245FTG

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7MPH3125FK TOSHIBA-TC7MPH3125FK Datasheet
343Kb / 23P
   Low Voltage/Low Power 2-Bit 횞 2 Dual Supply Bus Transceiver with Bushold
TC7MPH3125FTG TOSHIBA-TC7MPH3125FTG Datasheet
343Kb / 23P
   Low Voltage/Low Power 2-Bit 횞 2 Dual Supply Bus Transceiver with Bushold
More results

Similar Description - TC7MPH3245FTG

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7MPH3125FK TOSHIBA-TC7MPH3125FK Datasheet
343Kb / 23P
   Low Voltage/Low Power 2-Bit 횞 2 Dual Supply Bus Transceiver with Bushold
TC7MP3245FTG TOSHIBA-TC7MP3245FTG Datasheet
294Kb / 22P
   Low Voltage/Low Power 4-Bit 횞 2 Dual Supply Bus Transceiver
TC7MPN3245FTG TOSHIBA-TC7MPN3245FTG Datasheet
294Kb / 22P
   Low Voltage/Low Power 4-Bit 횞 2 Dual Supply Bus Transceiver
TC7MP3125FK TOSHIBA-TC7MP3125FK Datasheet
332Kb / 23P
   Low Voltage/Low Power 2-Bit 횞 2 Dual Supply Bus Transceiver
TC7MPN3125FTG TOSHIBA-TC7MPN3125FTG Datasheet
307Kb / 22P
   Low Voltage/Low Power 2-Bit 횞 2 Dual Supply Bus Transceiver
TC74VCXHR162245FT TOSHIBA-TC74VCXHR162245FT Datasheet
165Kb / 11P
   Low-Voltage 16-Bit Bus Transceiver with Bushold
TC74VCXHR162245FT TOSHIBA-TC74VCXHR162245FT_07 Datasheet
199Kb / 11P
   Low-Voltage 16-Bit Bus Transceiver with Bushold
TC74VCXH16245FT TOSHIBA-TC74VCXH16245FT Datasheet
190Kb / 11P
   Low-Voltage 16-Bit Bus Transceiver with Bushold
TC74VCXH16652FT TOSHIBA-TC74VCXH16652FT Datasheet
238Kb / 15P
   Low-Voltage 16-Bit Bus Transceiver/Register with Bushold
TC74VCXH16646FT TOSHIBA-TC74VCXH16646FT_07 Datasheet
239Kb / 15P
   Low-Voltage 16-Bit Bus Transceiver/Register with Bushold
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com