Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC7MPN3245FTG Datasheet(PDF) 7 Page - Toshiba Semiconductor

Part # TC7MPN3245FTG
Description  Low Voltage/Low Power 4-Bit 횞 2 Dual Supply Bus Transceiver
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC7MPN3245FTG Datasheet(HTML) 7 Page - Toshiba Semiconductor

Back Button TC7MPN3245FTG Datasheet HTML 3Page - Toshiba Semiconductor TC7MPN3245FTG Datasheet HTML 4Page - Toshiba Semiconductor TC7MPN3245FTG Datasheet HTML 5Page - Toshiba Semiconductor TC7MPN3245FTG Datasheet HTML 6Page - Toshiba Semiconductor TC7MPN3245FTG Datasheet HTML 7Page - Toshiba Semiconductor TC7MPN3245FTG Datasheet HTML 8Page - Toshiba Semiconductor TC7MPN3245FTG Datasheet HTML 9Page - Toshiba Semiconductor TC7MPN3245FTG Datasheet HTML 10Page - Toshiba Semiconductor TC7MPN3245FTG Datasheet HTML 11Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
TC7MPN3245FTG
2007-10-19
7
DC Characteristics (1.65 V ≤ VCCA < 2.3 V, 2.7 V < VCCB ≤ 3.6 V)
Ta
= −40 to 85°C
Characteristics
Symbol
Test Condition
VCCA (V) VCCB (V)
Min
Max
Unit
VIHA
DIR, OE , An
1.65 to 2.3 2.7 to 3.6
0.65
×
VCCA
H-level input voltage
VIHB
Bn
1.65 to 2.3 2.7 to 3.6
2.0
V
VILA
DIR, OE , An
1.65 to 2.3 2.7 to 3.6
0.35
×
VCCA
L-level input voltage
VILB
Bn
1.65 to 2.3 2.7 to 3.6
0.8
V
IOHA = −100 μA 1.65 to 2.3 2.7 to 3.6
VCCA
0.2
VOHA
IOHA = −3 mA
1.65
2.7 to 3.6
1.25
IOHB = −100 μA 1.65 to 2.3 2.7 to 3.6
VCCB
0.2
H-level output voltage
VOHB
VIN = VIH or VIL
IOHB = −3 mA
1.65 to 2.3
3.0
2.2
V
IOLA = 100 μA
1.65 to 2.3 2.7 to 3.6
0.2
VOLA
IOLA = 3 mA
1.65
2.7 to 3.6
0.3
IOLB = 100 μA
1.65 to 2.3 2.7 to 3.6
0.2
L-level output voltage
VOLB
VIN = VIH or VIL
IOLB = 3 mA
1.65 to 2.3
3.0
0.55
V
IOZA
VIN = VIH or VIL
VOUT = 0 to 3.6 V
1.65 to 2.3 2.7 to 3.6
±5.0
3-state output OFF state current
IOZB
VIN = VIH or VIL
VOUT = 0 to 3.6 V
1.65 to 2.3 2.7 to 3.6
±5.0
μA
Input leakage current
IIN
VIN (DIR, OE ) = 0 to 3.6 V
1.65 to 2.3 2.7 to 3.6
±2.0
μA
IOFF1
0
0
5.0
IOFF2
1.65 to 2.3
0
5.0
Power-off leakage current
IOFF3
VIN, VOUT = 0 to 3.6 V
1.65 to 2.3
Open
5.0
μA
ICCA
VINA = VCCA or GND
VINB = VCCB or GND
1.65 to 2.3 2.7 to 3.6
5.0
ICCB
VINA = VCCA or GND
VINB = VCCB or GND
1.65 to 2.3 2.7 to 3.6
5.0
μA
ICCA
VCCA (VIN, VOUT) 3.6 V
1.65 to 2.3 2.7 to 3.6
±5.0
ICCB
VCCB (VIN, VOUT) 3.6 V
1.65 to 2.3 2.7 to 3.6
±5.0
μA
Quiescent supply current
ICCTB
VINB = VCCB 0.6 V per input
1.65 to 2.3 2.7 to 3.6
750.0
μA


Similar Part No. - TC7MPN3245FTG

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7MPN3125FK TOSHIBA-TC7MPN3125FK Datasheet
309Kb / 21P
   CMOS Digital Integrated Circuits Silicon Monolithic
2022-07-07 Rev.5.0
TC7MPN3125FT TOSHIBA-TC7MPN3125FT Datasheet
377Kb / 34P
   CMOS Digital Integrated Circuits Silicon Monolithic
2022-07-07 Rev.6.0
TC7MPN3125FTG TOSHIBA-TC7MPN3125FTG Datasheet
307Kb / 22P
   Low Voltage/Low Power 2-Bit 횞 2 Dual Supply Bus Transceiver
More results

Similar Description - TC7MPN3245FTG

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7MP3245FTG TOSHIBA-TC7MP3245FTG Datasheet
294Kb / 22P
   Low Voltage/Low Power 4-Bit 횞 2 Dual Supply Bus Transceiver
TC7MP3125FK TOSHIBA-TC7MP3125FK Datasheet
332Kb / 23P
   Low Voltage/Low Power 2-Bit 횞 2 Dual Supply Bus Transceiver
TC7MPN3125FTG TOSHIBA-TC7MPN3125FTG Datasheet
307Kb / 22P
   Low Voltage/Low Power 2-Bit 횞 2 Dual Supply Bus Transceiver
TC7MPH3245FTG TOSHIBA-TC7MPH3245FTG Datasheet
318Kb / 22P
   Low Voltage/Low Power 4-Bit 횞 2 Dual Supply Bus Transceiver with Bushold
TC7MPH3125FK TOSHIBA-TC7MPH3125FK Datasheet
343Kb / 23P
   Low Voltage/Low Power 2-Bit 횞 2 Dual Supply Bus Transceiver with Bushold
TC7WPB9306FC TOSHIBA-TC7WPB9306FC Datasheet
372Kb / 13P
   Low Voltage/Low Power 2-Bit Dual Supply Bus Switch
TC7MPS3125FTG TOSHIBA-TC7MPS3125FTG Datasheet
306Kb / 22P
   Low Voltage/Low Power 1 3-Bit Dual Supply Bus Transceiver
TC7MPS3125FK TOSHIBA-TC7MPS3125FK Datasheet
322Kb / 23P
   Low Voltage/Low Power 1 3-Bit Dual Supply Bus Transceiver
2011-07-21
TC7LX0104MU TOSHIBA-TC7LX0104MU Datasheet
222Kb / 16P
   Low-Voltage, Low-Power 4-Bit Dual-Supply Bus Transceiver with Auto Direction Sensing
logo
Texas Instruments
SN74AVCH4T245 TI1-SN74AVCH4T245_15 Datasheet
1Mb / 37P
[Old version datasheet]   4-Bit Dual-Supply Bus Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com