Electronic Components Datasheet Search
Selected language     English  ▼


AM26C31ID Datasheet(PDF) 1 Page - Texas Instruments

Part No. AM26C31ID
Description  QUADRUPLE DIFFERENTIAL LINE DRIVER
Download  18 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI [Texas Instruments]
Homepage  http://www.ti.com
Logo 

 
 1 page
background image
AM26C31
QUADRUPLE DIFFERENTIAL LINE DRIVER
SLLS103J − DECEMBER 1990 − REVISED NOVEMBER 2003
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Meets or Exceeds the Requirements of
TIA/EIA-422-B and ITU Recommendation
V.11
D Low Power, ICC = 100 µA Typ
D Operates From a Single 5-V Supply
D High Speed, tPLH = tPHL = 7 ns Typ
D Low Pulse Distortion, tsk(p) = 0.5 ns Typ
D High Output Impedance in Power-Off
Conditions
D Improved Replacement for AM26LS31
D Available in Q-Temp Automotive
− High-Reliability Automotive Applications
− Configuration Control/Print Support
− Qualification to Automotive Standards
description/ordering information
The AM26C31 is a differential line driver with
complementary outputs, designed to meet the
requirements of TIA/EIA-422-B and ITU (formerly
CCITT). The 3-state outputs have high-current
capability for driving balanced lines, such as
twisted-pair or parallel-wire transmission lines,
and they provide the high-impedance state in the
power-off condition. The enable functions are
common to all four drivers and offer the choice of
an active-high (G) or active-low (G) enable input.
BiCMOS circuitry reduces power consumption
without sacrificing speed.
The AM26C31C is characterized for operation from 0
°C to 70°C, the AM26C31I is characterized for operation
from −40
°C to 85°C, the AM26C31Q is characterized for operation over the automotive temperature range of
−40
°C to 125°C, and the AM26C31M is characterized for operation over the full military temperature range of
−55
°C to 125°C.
Copyright
 2003, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
On products compliant to MILPRF38535, all parameters are tested
unless otherwise noted. On all other products, production
processing does not necessarily include testing of all parameters.
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
1A
1Y
1Z
G
2Z
2Y
2A
GND
VCC
4A
4Y
4Z
G
3Z
3Y
3A
AM26C31M ...J OR W PACKAGE
AM26C31Q ...D PACKAGE
AM26C31C/I . . . D, DB, N, OR NS PACKAGE
(TOP VIEW)
AM26C31M . . . FK PACKAGE
(TOP VIEW)
32
1 20 19
91011 12 13
4
5
6
7
8
18
17
16
15
14
4Y
4Z
NC
G
3Z
1Z
G
NC
2Z
2Y
NC − No internal connection




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MC3487_06QUADRUPLE DIFFERENTIAL LINE DRIVER 1 2 3 4 5 MoreTexas Instruments
AM26LS31C_06QUADRUPLE DIFFERENTIAL LINE DRIVER 1 2 3 4 5 MoreTexas Instruments
ISL1540-52V Dual Channel Differential DSL Line Driver 1 2 Intersil Corporation
ISL1533Dual Channel Differential DSL Line Driver 1 2 Intersil Corporation
SN65LBC174A_07QUADRUPLE RS-485 DIFFERENTIAL LINE DRIVERS 1 2 3 4 5 MoreTexas Instruments
ISL1541_06-52V Dual Channel Differential DSL Line Driver 1 2 Intersil Corporation
ISL1534Dual Channel Fixed Gain Differential DSL Line Driver 1 2 Intersil Corporation
EL1529_05Dual Channel Differential DSL Line Driver for Globespan CO Chipsets 1 2 Intersil Corporation
SN75126QUADRUPLE LINE DRIVER 1 2 3 4 5 MoreTexas Instruments
EL1517AxDSL Differential Line Driver 1 2 Intersil Corporation

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl