Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD74HC574 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # CD74HC574
Description  High-Speed CMOS Logic Octal D-Type Flip-Flop, 3-State Positive-Edge Triggered
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD74HC574 Datasheet(HTML) 6 Page - Texas Instruments

  CD74HC574 Datasheet HTML 1Page - Texas Instruments CD74HC574 Datasheet HTML 2Page - Texas Instruments CD74HC574 Datasheet HTML 3Page - Texas Instruments CD74HC574 Datasheet HTML 4Page - Texas Instruments CD74HC574 Datasheet HTML 5Page - Texas Instruments CD74HC574 Datasheet HTML 6Page - Texas Instruments CD74HC574 Datasheet HTML 7Page - Texas Instruments CD74HC574 Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
Output Enable to Q
tPZL,tPZH
CL = 50pF
2
-
-
150
-
190
-
225
ns
4.5
-
-
30
-
38
-
45
ns
CL = 15pF
5
-
12
-
-
-
-
-
ns
CL = 50pF
6
-
-
26
-
33
-
38
ns
Maximum Clock Frequency
fMAX
CL = 15pF
5
-
60
-
-
-
-
-
MHz
Output Transition Time
tTHL, tTLH
CL = 50pF
2
-
-
60
-
75
-
90
ns
4.5
-
-
12
-
15
-
18
ns
6
-
-
10
-
13
-
15
ns
Input Capacitance
CI
CL = 50pF
-
10
-
10
-
10
-
10
pF
Three-State Output
Capacitance
CO
-
-
20
-
20
-
20
-
20
pF
Power Dissipation Capacitance
(Notes 3, 4)
CPD
CL = 15pF
5
-
39
-
-
-
-
-
pF
HCT TYPES
Propagation Delay
tPHL, tPLH
Clock to Output
CL = 50pF
4.5
-
-
33
-
41
-
50
ns
CL = 15pF
5
-
15
-
-
-
-
-
ns
Output Disable to Q
tPLZ,tPHZ
CL = 50pF
4.5
-
-
28
-
35
-
42
ns
CL = 15pF
5
-
11
-
-
-
-
-
ns
Output Enable to Q
tPZL,tPZH
CL = 50pF
4.5
-
-
30
-
38
-
45
ns
CL = 15pF
5
-
12
-
-
-
-
-
ns
Maximum Clock Frequency
fMAX
CL = 15pF
5
-
60
-
-
-
-
-
MHz
Output Transition Time
tTLH, tTHL
CL = 50pF
4.5
-
-
12
-
15
-
18
ns
Input Capacitance
CI
CL = 50pF
-
10
-
10
-
10
-
10
pF
Three-State Output
Capacitance
CO
-
-
20
-
20
-
20
-
20
pF
Power Dissipation Capacitance
(Notes 3, 4)
CPD
CL = 15pF
5
-
47
-
-
-
-
-
pF
NOTES:
3. CPD is used to determine the dynamic power consumption, per package.
4. PD =CPD VCC
2 f
i + ∑ VCC
2 f
O CL where fi = Input Frequency, fO = Output Frequency, CL = Output Load Capacitance, VCC = Supply
Voltage.
Switching Specifications CL = 50pF, Input tr, tf = 6ns (Continued)
PARAMETER
SYMBOL
TEST
CONDITIONS
VCC (V)
25oC
-40oC TO
85oC
-55oC TO
125oC
UNITS
MIN
TYP
MAX
MIN
MAX
MIN
MAX
CD54/74HC374, CD54/74HCT374, CD54/74HC574, CD54/74HCT574


Similar Part No. - CD74HC574

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74HC574 TI-CD74HC574 Datasheet
52Kb / 9P
[Old version datasheet]   High Speed CMOS Logic Octal D-Type Flip-Flop, Three-State Positive-Edge Triggered
CD74HC574 TI-CD74HC574 Datasheet
454Kb / 18P
[Old version datasheet]   High-Speed CMOS Logic Octal D-Type Flip-Flop, 3-State Positive-Edge Triggered
CD74HC574E TI-CD74HC574E Datasheet
52Kb / 9P
[Old version datasheet]   High Speed CMOS Logic Octal D-Type Flip-Flop, Three-State Positive-Edge Triggered
CD74HC574E TI-CD74HC574E Datasheet
293Kb / 15P
[Old version datasheet]   High-Speed CMOS Logic Octal D-Type Flip-Flop, 3-State Positive-Edge Triggered
CD74HC574E TI-CD74HC574E Datasheet
454Kb / 18P
[Old version datasheet]   High-Speed CMOS Logic Octal D-Type Flip-Flop, 3-State Positive-Edge Triggered
More results

Similar Description - CD74HC574

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74HCT574-EP TI1-CD74HCT574-EP Datasheet
622Kb / 14P
[Old version datasheet]   HIGH-SPEED CMOS LOGIC OCTAL D-TYPE FLIP-FLOP 3-STATE,POSITIVE-EDGE TRIGGERED
CD54HC374 TI-CD54HC374_07 Datasheet
454Kb / 18P
[Old version datasheet]   High-Speed CMOS Logic Octal D-Type Flip-Flop, 3-State Positive-Edge Triggered
CD54HC374 TI1-CD54HC374_16 Datasheet
1Mb / 22P
[Old version datasheet]   High-Speed CMOS Logic Octal D-Type Flip-Flop, 3-State Positive-Edge Triggered
CD74HCT574-Q1 TI1-CD74HCT574-Q1_16 Datasheet
1Mb / 16P
[Old version datasheet]   HIGH-SPEED CMOS LOGIC OCTAL D-TYPE FLIP-FLOP 3-STATE POSITIVE-EDGE TRIGGERED
CD54HC374 TI-CD54HC374 Datasheet
293Kb / 15P
[Old version datasheet]   High-Speed CMOS Logic Octal D-Type Flip-Flop, 3-State Positive-Edge Triggered
CD74HC374 TI-CD74HC374 Datasheet
52Kb / 9P
[Old version datasheet]   High Speed CMOS Logic Octal D-Type Flip-Flop, Three-State Positive-Edge Triggered
CD74HC534 TI-CD74HC534 Datasheet
52Kb / 9P
[Old version datasheet]   High Speed CMOS Logic Octal D-Type Flip-Flop, Three-State Inverting Positive-Edge Triggered
CD54HC534 TI-CD54HC534_07 Datasheet
431Kb / 16P
[Old version datasheet]   High-Speed CMOS Logic Octal D-Type Flip-Flop, Three-State Inverting Positive-Edge Triggered
CD54HC534 TI-CD54HC534 Datasheet
287Kb / 14P
[Old version datasheet]   High-Speed CMOS Logic Octal D-Type Flip-Flop, Three-State Inverting Positive-Edge Triggered
CD54HC534 TI-CD54HC534_08 Datasheet
461Kb / 16P
[Old version datasheet]   High-Speed CMOS Logic Octal D-Type Flip-Flop, Three-State Inverting Positive-Edge Triggered
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com