Electronic Components Datasheet Search
Selected language     English  ▼


AM26C31IDR Datasheet(PDF) 10 Page - Texas Instruments

Part No. AM26C31IDR
Description  QUADRUPLE DIFFERENTIAL LINE DRIVER
Download  18 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI [Texas Instruments]
Homepage  http://www.ti.com
Logo 

 10 page
background image
AM26C31
QUADRUPLE DIFFERENTIAL LINE DRIVER
SLLS103J − DECEMBER 1990 − REVISED NOVEMBER 2003
10
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
150
100
50
0
0
5
10
15
20
25
200
250
SUPPLY CURRENT
vs
SWITCHING FREQUENCY
300
30
35
40
f − Switching Frequency − MHz
VCC = 5 V
TA = 25°C
See Figure 2
S1 Open
All Four Channels Switching Simultaneously
N Package
Figure 5




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MC3487_06QUADRUPLE DIFFERENTIAL LINE DRIVER 1 2 3 4 5 MoreTexas Instruments
AM26LS31C_06QUADRUPLE DIFFERENTIAL LINE DRIVER 1 2 3 4 5 MoreTexas Instruments
ISL1540-52V Dual Channel Differential DSL Line Driver 1 2 Intersil Corporation
ISL1533Dual Channel Differential DSL Line Driver 1 2 Intersil Corporation
SN65LBC174A_07QUADRUPLE RS-485 DIFFERENTIAL LINE DRIVERS 1 2 3 4 5 MoreTexas Instruments
ISL1541_06-52V Dual Channel Differential DSL Line Driver 1 2 Intersil Corporation
ISL1534Dual Channel Fixed Gain Differential DSL Line Driver 1 2 Intersil Corporation
EL1529_05Dual Channel Differential DSL Line Driver for Globespan CO Chipsets 1 2 Intersil Corporation
SN75126QUADRUPLE LINE DRIVER 1 2 3 4 5 MoreTexas Instruments
EL1517AxDSL Differential Line Driver 1 2 Intersil Corporation

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl