Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD74HCT86E Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # CD74HCT86E
Description  High-Speed CMOS Logic Quad 2-Input EXCLUSIVE-OR Gate
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD74HCT86E Datasheet(HTML) 1 Page - Texas Instruments

  CD74HCT86E Datasheet HTML 1Page - Texas Instruments CD74HCT86E Datasheet HTML 2Page - Texas Instruments CD74HCT86E Datasheet HTML 3Page - Texas Instruments CD74HCT86E Datasheet HTML 4Page - Texas Instruments CD74HCT86E Datasheet HTML 5Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1
Data sheet acquired from Harris Semiconductor
SCHS137D
Features
• Typical Propagation Delay: 9ns at VCC = 5V,
CL = 15pF, TA = 25
oC
• Fanout (Over Temperature Range)
- Standard Outputs . . . . . . . . . . . . . . . 10 LSTTL Loads
- Bus Driver Outputs . . . . . . . . . . . . . 15 LSTTL Loads
• Wide Operating Temperature Range . . . -55oC to 125oC
• Balanced Propagation Delay and Transition Times
• Significant Power Reduction Compared to LSTTL
Logic ICs
• HC Types
- 2V to 6V Operation
- High Noise Immunity: NIL = 30%, NIH = 30% of VCC
at VCC = 5V
• HCT Types
- 4.5V to 5.5V Operation
- Direct LSTTL Input Logic Compatibility,
VIL= 0.8V (Max), VIH = 2V (Min)
- CMOS Input Compatibility, Il ≤ 1µA at VOL, VOH
Applications
• Logical Comparators
• Parity Generators and Checkers
• Adders and Subtractors
Description
The
’HC86
and
’HCT86
contain
four
independent
EXCLUSIVE OR gates in one package. They provide the
system designer with a means for implementation of the
EXCLUSIVE OR function. Logic gates utilize silicon gate
CMOS technology to achieve operating speeds similar to
LSTTL gates with the low power consumption of standard
CMOS integrated circuits. All devices have the ability to drive
10 LSTTL loads. The HCT logic family is functionally pin
compatible with the standard LS logic family.
Pinout
CD54HC86, CD54HCT86
(CERDIP)
CD74HC86, CD74HCT86
(PDIP, SOIC)
TOP VIEW
Ordering Information
PART NUMBER
TEMP. RANGE
(oC)
PACKAGE
CD54HC86F3A
-55 to 125
14 Ld CERDIP
CD54HCT86F3A
-55 to 125
14 Ld CERDIP
CD74HC86E
-55 to 125
14 Ld PDIP
CD74HC86M
-55 to 125
14 Ld SOIC
CD74HC86MT
-55 to 125
14 Ld SOIC
CD74HC86M96
-55 to 125
14 Ld SOIC
CD74HCT86E
-55 to 125
14 Ld PDIP
CD74HCT86M
-55 to 125
14 Ld SOIC
CD74HCT86MT
-55 to 125
14 Ld SOIC
CD74HCT86M96
-55 to 125
14 Ld SOIC
NOTE: When ordering, use the entire part number. The suffix 96
denotes tape and reel. The suffix T denotes a small-quantity reel of
250.
1A
1B
1Y
2A
2B
2Y
GND
VCC
4B
4A
4Y
3B
3A
3Y
1
2
3
4
5
6
7
14
13
12
11
10
9
8
August 1997 - Revised September 2003
CAUTION: These devices are sensitive to electrostatic discharge. Users should follow proper IC Handling Procedures.
Copyright
© 2003, Texas Instruments Incorporated
CD54HC86, CD74HC86,
CD54HCT86, CD74HCT86
High-Speed CMOS Logic
Quad 2-Input EXCLUSIVE-OR Gate
[ /Title
(CD74
HC86,
CD74
HCT86
)
/Sub-
ject
(High
Speed
CMOS
Logic
Quad
2-Input
EXCL
USIVE
OR


Similar Part No. - CD74HCT86E

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74HCT86E TI-CD74HCT86E Datasheet
45Kb / 6P
[Old version datasheet]   High Speed CMOS Logic Quad 2-Input EXCLUSIVE OR Gate
CD74HCT86E TI-CD74HCT86E Datasheet
270Kb / 11P
[Old version datasheet]   High-Speed CMOS Logic Quad 2-Input EXCLUSIVE-OR Gate
CD74HCT86E TI-CD74HCT86E Datasheet
414Kb / 13P
[Old version datasheet]   High-Speed CMOS Logic Quad 2-Input EXCLUSIVE-OR Gate
CD74HCT86E TI-CD74HCT86E Datasheet
443Kb / 13P
[Old version datasheet]   High-Speed CMOS Logic Quad 2-Input EXCLUSIVE-OR Gate
CD74HCT86EE4 TI-CD74HCT86EE4 Datasheet
270Kb / 11P
[Old version datasheet]   High-Speed CMOS Logic Quad 2-Input EXCLUSIVE-OR Gate
More results

Similar Description - CD74HCT86E

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD54HC86 TI-CD54HC86 Datasheet
270Kb / 11P
[Old version datasheet]   High-Speed CMOS Logic Quad 2-Input EXCLUSIVE-OR Gate
CD54HC86 TI-CD54HC86_07 Datasheet
414Kb / 13P
[Old version datasheet]   High-Speed CMOS Logic Quad 2-Input EXCLUSIVE-OR Gate
CD74HC86 TI-CD74HC86 Datasheet
45Kb / 6P
[Old version datasheet]   High Speed CMOS Logic Quad 2-Input EXCLUSIVE OR Gate
CD54HC86 TI-CD54HC86_08 Datasheet
443Kb / 13P
[Old version datasheet]   High-Speed CMOS Logic Quad 2-Input EXCLUSIVE-OR Gate
logo
ELM Technology Corporat...
ELM7SH86XB ELM-TECH-ELM7SH86XB Datasheet
278Kb / 3P
   HIGH SPEED CMOS LOGIC IC 2-input Exclusive OR gate
logo
IK Semicon Co., Ltd
IN74AC86 IKSEMICON-IN74AC86 Datasheet
149Kb / 5P
   Quad 2-Input Exclusive OR Gate High-Speed Silicon-Gate CMOS
logo
Integral Corp.
IN74AC86 INTEGRAL-IN74AC86 Datasheet
84Kb / 4P
   Quad 2-Input Exclusive OR Gate High-Speed Silicon-Gate CMOS
logo
Texas Instruments
CD54HC7266 TI-CD54HC7266 Datasheet
264Kb / 9P
[Old version datasheet]   High-Speed CMOS Logic Quad 2-Input EXCLUSIVE NOR Gate
CD74HC7266 TI-CD74HC7266 Datasheet
36Kb / 5P
[Old version datasheet]   High Speed CMOS Logic Quad 2-Input EXCLUSIVE NOR Gate
CD54HC7266 TI-CD54HC7266_07 Datasheet
409Kb / 12P
[Old version datasheet]   High-Speed CMOS Logic Quad 2-Input EXCLUSIVE NOR Gate
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com