Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC7MZ373FK Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # TC7MZ373FK
Description  Low-Voltage Octal D-Type Latch with 5 V Tolerant Inputs and Outputs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC7MZ373FK Datasheet(HTML) 4 Page - Toshiba Semiconductor

  TC7MZ373FK Datasheet HTML 1Page - Toshiba Semiconductor TC7MZ373FK Datasheet HTML 2Page - Toshiba Semiconductor TC7MZ373FK Datasheet HTML 3Page - Toshiba Semiconductor TC7MZ373FK Datasheet HTML 4Page - Toshiba Semiconductor TC7MZ373FK Datasheet HTML 5Page - Toshiba Semiconductor TC7MZ373FK Datasheet HTML 6Page - Toshiba Semiconductor TC7MZ373FK Datasheet HTML 7Page - Toshiba Semiconductor TC7MZ373FK Datasheet HTML 8Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
TC7MZ373FK
2007-10-19
4
Electrical Characteristics
DC Characteristics (Ta = −40~85°C)
Characteristics
Symbol
Test Condition
VCC (V)
Min
Max
Unit
High level
VIH
2.7~3.6
2.0
Input voltage
Low level
VIL
2.7~3.6
0.8
V
IOH = −100 μA
2.7~3.6
VCC
0.2
IOH = −12 mA
2.7
2.2
IOH = −18 mA
3.0
2.4
High level
VOH
VIN = VIH or VIL
IOH = −24 mA
3.0
2.2
IOL = 100 μA
2.7~3.6
0.2
IOL = 12 mA
2.7
0.4
IOL = 16 mA
3.0
0.4
Output voltage
Low level
VOL
VIN = VIH or VIL
IOL = 24 mA
3.0
0.55
V
Input leakage current
IIN
VIN = 0~5.5 V
2.7~3.6
±5.0
μA
3-state output off-state current
IOZ
VIN = VIH or VIL
VOUT = 0~5.5 V
2.7~3.6
±5.0
μA
Power off leakage current
IOFF
VIN/VOUT = 0~5.5 V
0
10.0
μA
VIN = VCC or GND
2.7~3.6
10.0
Quiescent supply current
ICC
VIN/VOUT = 3.6~5.5 V
2.7~3.6
±10.0
Increase in ICC per input
ΔICC
VIH = VCC 0.6 V
2.7~3.6
500
μA


Similar Part No. - TC7MZ373FK

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7MZ373FK TOSHIBA-TC7MZ373FK Datasheet
252Kb / 7P
   LOW-VOLTAGE OCTAL D-TYPE LATCH WITH 5V TOLERANT INPUTS AND OUTPUTS
More results

Similar Description - TC7MZ373FK

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7MZ573FK TOSHIBA-TC7MZ573FK_07 Datasheet
192Kb / 8P
   Low Voltage Octal D-Type Latch with 5 V Tolerant Inputs and Outputs
TC74LCX373F TOSHIBA-TC74LCX373F_07 Datasheet
249Kb / 10P
   Low-Voltage Octal D-Type Latch with 5-V Tolerant Inputs and Outputs
TC74LCX573F TOSHIBA-TC74LCX573F_07 Datasheet
249Kb / 10P
   Low-Voltage Octal D-Type Latch with 5-V Tolerant Inputs and Outputs
TC74LCX373F TOSHIBA-TC74LCX373F_10 Datasheet
236Kb / 11P
   Low-Voltage Octal D-Type Latch with 5-V Tolerant Inputs and Outputs
TC74LCX573F TOSHIBA-TC74LCX573F_10 Datasheet
236Kb / 11P
   Low-Voltage Octal D-Type Latch with 5-V Tolerant Inputs and Outputs
TC7MA2373FK TOSHIBA-TC7MA2373FK_07 Datasheet
229Kb / 11P
   Low-Voltage Octal D-Type Latch with 3.6 V Tolerant Inputs and Outputs
TC74VCX2373FT TOSHIBA-TC74VCX2373FT_07 Datasheet
253Kb / 11P
   Low-Voltage Octal D-Type Latch with 3.6-V Tolerant Inputs and Outputs
TC7MA573FK TOSHIBA-TC7MA573FK Datasheet
235Kb / 12P
   Low-Voltage Octal D-Type Latch with 3.6 V Tolerant Inputs and Outputs
TC74VCX373FT TOSHIBA-TC74VCX373FT_07 Datasheet
272Kb / 13P
   Low-Voltage Octal D-Type Latch with 3.6 V Tolerant Inputs and Outputs
TC74VCX573FT TOSHIBA-TC74VCX573FT_07 Datasheet
272Kb / 13P
   Low-Voltage Octal D-Type Latch with 3.6 V Tolerant Inputs and Outputs
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com