Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC7MZ574FK Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TC7MZ574FK
Description  Low Voltage Octal D-Type Flip-Flop with 5 V Tolerant Inputs and Outputs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC7MZ574FK Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TC7MZ574FK Datasheet HTML 1Page - Toshiba Semiconductor TC7MZ574FK Datasheet HTML 2Page - Toshiba Semiconductor TC7MZ574FK Datasheet HTML 3Page - Toshiba Semiconductor TC7MZ574FK Datasheet HTML 4Page - Toshiba Semiconductor TC7MZ574FK Datasheet HTML 5Page - Toshiba Semiconductor TC7MZ574FK Datasheet HTML 6Page - Toshiba Semiconductor TC7MZ574FK Datasheet HTML 7Page - Toshiba Semiconductor TC7MZ574FK Datasheet HTML 8Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
TC7MZ574FK
2007-10-19
1
TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC7MZ574FK
Low Voltage Octal D-Type Flip-Flop with 5 V Tolerant Inputs and Outputs
The TC7MZ574FK is a high performance CMOS octal D-type
flip flop. Designed for use in 3.3 V systems, it achieves high speed
operation while maintaining the CMOS low power dissipation.
The device is designed for low-voltage (3.3 V) VCC applications,
but it could be used to interface to 5 V supply environment for
both inputs and outputs.
This 8 bit D-type flip-flop is controlled by a clock input (CK)
and an output enable input (OE). When the OE input is high, the
eight outputs are in a high impedance state.
All inputs are equipped with protection circuits against static
discharge.
Features
• Low voltage operation: VCC = 2.0~3.6 V
• High speed operation: tpd = 8.5 ns (max) (VCC = 3.0~3.6 V)
• Output current: |IOH|/IOL = 24 mA (min) (VCC = 3.0 V)
• Latch-up performance: −500 mA
• Package: VSSOP (US20)
• Power down protection is provided on all inputs and outputs.
• Pin and function compatible with the 74 series (74AC/VHC/HC/F/ALS/LS etc.) 574 type.
Weight: 0.03 g (typ.)


Similar Part No. - TC7MZ574FK

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7MZ574FK TOSHIBA-TC7MZ574FK Datasheet
259Kb / 7P
   LOW-VOLTAGE OCTAL D-TYPE FLIP-FLOP WITH 5V TOLERANT INPUTS AND OUTPUTS
More results

Similar Description - TC7MZ574FK

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74LCX574F TOSHIBA-TC74LCX574F_10 Datasheet
234Kb / 11P
   Low-Voltage Octal D-Type Flip-Flop with 5-V Tolerant Inputs and Outputs
TC74LCX574F TOSHIBA-TC74LCX574F_07 Datasheet
249Kb / 10P
   Low-Voltage Octal D-Type Flip-Flop with 5-V Tolerant Inputs and Outputs
TC7MZ374FK TOSHIBA-TC7MZ374FK_07 Datasheet
191Kb / 8P
   Low Voltage Octal D-Type Flip-Flop with 5 V Tolerant Inputs and Outputs
TC74LCX374F TOSHIBA-TC74LCX374F_07 Datasheet
250Kb / 10P
   Low-Voltage Octal D-Type Flip-Flop with 5-V Tolerant Inputs and Outputs
TC7MZ273FK TOSHIBA-TC7MZ273FK_07 Datasheet
190Kb / 8P
   Low-Voltage Octal D-Type Flip-Flop with Clear with 5-V Tolerant Inputs and Outputs
TC74LCX273FT TOSHIBA-TC74LCX273FT Datasheet
183Kb / 10P
   Low-Voltage Octal D-Type Flip-Flop with Clear with 5-V Tolerant Inputs and Outputs
TC7MZ273FK TOSHIBA-TC7MZ273FK Datasheet
109Kb / 8P
   Low-Voltage Octal D-Type Flip-Flop with Clear with 5-V Tolerant Inputs and Outputs
TC74LCX273F TOSHIBA-TC74LCX273F_10 Datasheet
234Kb / 11P
   Low-Voltage Octal D-Type Flip-Flop with Clear with 5-V Tolerant Inputs and Outputs
TC74LCX273F TOSHIBA-TC74LCX273F_07 Datasheet
249Kb / 10P
   Low-Voltage Octal D-Type Flip-Flop with Clear with 5-V Tolerant Inputs and Outputs
TC7MA374FK TOSHIBA-TC7MA374FK_07 Datasheet
234Kb / 12P
   Low-Voltage Octal D-Type Flip-Flop with 3.6 V Tolerant Inputs and Outputs
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com