Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC7PA04FU Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # TC7PA04FU
Description  Dual Inverter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC7PA04FU Datasheet(HTML) 2 Page - Toshiba Semiconductor

  TC7PA04FU_07 Datasheet HTML 1Page - Toshiba Semiconductor TC7PA04FU_07 Datasheet HTML 2Page - Toshiba Semiconductor TC7PA04FU_07 Datasheet HTML 3Page - Toshiba Semiconductor TC7PA04FU_07 Datasheet HTML 4Page - Toshiba Semiconductor TC7PA04FU_07 Datasheet HTML 5Page - Toshiba Semiconductor TC7PA04FU_07 Datasheet HTML 6Page - Toshiba Semiconductor TC7PA04FU_07 Datasheet HTML 7Page - Toshiba Semiconductor TC7PA04FU_07 Datasheet HTML 8Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
TC7PA04FU
2007-11-01
2
Truth Table
IEC Logic Symbol
A
Y
L
H
H
L
Operating Ranges
Characteristics
Symbol
Value
Unit
1.8~3.6
Power supply voltage
VCC
1.2~3.6
(Note 4)
V
Input voltage
VIN
−0.3~3.6
V
0~3.6
(Note 5)
Output voltage
VOUT
0~VCC
(Note 6)
V
±24
(Note 7)
±18
(Note 8)
Output Current
IOH/IOL
±6
(Note 9)
mA
Operating temperature
Topr
−40~85
°C
Input rise and fall time
dt/dv
0~10
(Note 10)
ns/V
Note 4: Data retention only
Note 5: VCC = 0 V
Note 6: High or Low state
Note 7: VCC = 3.0~3.6 V
Note 8: VCC = 2.3~2.7 V
Note 9: VCC = 1.8 V
Note 10: VIN = 0.8~2.0 V, VCC = 3.0 V
IN A
1
OUT Y


Similar Part No. - TC7PA04FU_07

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7PA04FU TOSHIBA-TC7PA04FU Datasheet
155Kb / 8P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
More results

Similar Description - TC7PA04FU_07

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC2GU04 PHILIPS-74LVC2GU04 Datasheet
95Kb / 15P
   Dual inverter
2004 Sep 21
logo
Unisonic Technologies
U74LVC2G04 UTC-U74LVC2G04_10 Datasheet
163Kb / 5P
   DUAL INVERTER
logo
Nexperia B.V. All right...
74LVC2G04 NEXPERIA-74LVC2G04 Datasheet
252Kb / 16P
   Dual inverter
Rev. 12 - 26 January 2022
logo
ON Semiconductor
NLX2G04 ONSEMI-NLX2G04 Datasheet
93Kb / 8P
   Dual Inverter
March, 2008 - Rev. 0
logo
Toshiba Semiconductor
TC7PG04AFE TOSHIBA-TC7PG04AFE Datasheet
141Kb / 6P
   Dual Inverter
logo
Renesas Technology Corp
HD74LV1GW04A RENESAS-HD74LV1GW04A Datasheet
80Kb / 7P
   Dual Inverter
logo
NXP Semiconductors
74HC2G04 NXP-74HC2G04 Datasheet
79Kb / 14P
   Dual inverter
Rev. 01-15 November 2006
logo
ON Semiconductor
NLU2G04 ONSEMI-NLU2G04 Datasheet
98Kb / 8P
   Dual Inverter
March, 2008 - Rev. 2
logo
Renesas Technology Corp
HD74LV1GW04A RENESAS-HD74LV1GW04A_15 Datasheet
160Kb / 8P
   Dual Inverter
logo
Nexperia B.V. All right...
74HC2G04 NEXPERIA-74HC2G04 Datasheet
194Kb / 15P
   Dual inverter
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com