Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PS21964-A Datasheet(PDF) 1 Page - Powerex Power Semiconductors

Part # PS21964-A
Description  Intellimod??Module Dual-In-Line Intelligent Power Module 15 Amperes/600 Volts
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

PS21964-A Datasheet(HTML) 1 Page - Powerex Power Semiconductors

  PS21964-A Datasheet HTML 1Page - Powerex Power Semiconductors PS21964-A Datasheet HTML 2Page - Powerex Power Semiconductors PS21964-A Datasheet HTML 3Page - Powerex Power Semiconductors PS21964-A Datasheet HTML 4Page - Powerex Power Semiconductors PS21964-A Datasheet HTML 5Page - Powerex Power Semiconductors PS21964-A Datasheet HTML 6Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Powerex, Inc., 200 Hillis Street, Youngwood, Pennsylvania 15697-1800 (724) 925-7272
Intellimod™ Module
Dual-In-Line Intelligent
Power Module
15 Amperes/600 Volts
PS21964, PS21964-A,
PS21964-C
1
Description:
DIP-IPMs are intelligent power
modules that integrate power
devices, drivers, and protection
circuitry in an ultra compact
dual-in-line transfer-mold package
for use in driving small three
phase motors. Use of 5th
generation IGBTs, DIP packaging,
and application specific HVICs
allow the designer to reduce
inverter size and overall design
time.
Features:
Compact Packages
Single Power Supply
Integrated HVICs
Direct Connection to CPU
Reduced Rth
Applications:
Refrigerators
Air Conditioners
Small Servo Motors
Small Motor Control
Ordering Information:
PS21964 is a 600V, 15 Ampere
short pin DIP Intelligent Power
Module.
PS21964-A – long pin type
PS21964-C – zigzag pin type
Dimensions
Inches
Millimeters
A
1.50±0.02
38.0±0.5
B
0.94±0.02
24.0±0.5
C
0.14
3.5
D
1.40
35.56
E
0.57±0.02
14.4±0.5
F
0.74±0.02
18.9±0.5
G
1.15±0.02
29.2±0.5
H
0.14
3.5
J
0.13
3.3
K
0.016
0.4
L
0.06±0.02
1.5±0.05
M
0.031
0.8
N
1.39±0.019
35.0±0.3
O
0.07±0.008
1.778±0.2
P
0.02
0.5
Q
0.47
12.0
Dimensions
Inches
Millimeters
R
0.011
0.28
S
0.12
3.08
T
0.024
0.6
U
0.1±0.008
2.54±0.2
V
1.33±0.02
33.7±0.5
W
0.03
0.678
X
0.04
1.0
Y
0.05
1.2
Z
1.40
35.56
AA
0.55±0.02
14.0±0.5
BB
0.37±0.02
9.5±0.5
CC
0.22±0.02
5.5±0.5
DD
0 ~ 5°
0 ~ 5°
EE
0.06 MIN.
1.5 Min.
FF
0.05
1.2
GG
0.063 Rad.
1.6 Rad.
Outline Drawing and Circuit Diagram
D
N
O
P
A
HEATSINK
SIDE
HEATSINK SIDE
D
B
C
E
E
G
H
J
K
L
M
N
O
P
Q
R
R
S
T
U
P
P
W
W
Y
Y
W
W
Y
Y
CC
FF
GG
EE
DD
EE
DD
DD
AA
(PS21964-A)
BB
(PS21964 / PS21964-C)
A
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
25
24
23
22
21
20
19
18
11 VN
12 WN
13 VN1
14 FO
15 CIN
6 VP
7 WP
8 VP1
9 VNC
10 UN
1 (VNC)
2 VUFB
3 VVFB
4 VWFB
5 UP
21 W
22 V
23 U
24 P
25 NC
16 VNC
17 VNO
18 NC
19 NC
20 N
TERMINAL CODE
X
DETAIL "A"
PS21964-C
PS21964 / PS21964-A
PS21964 / PS21964-A
DETAIL "B"
DETAIL "B"
PS21964
PS21964-A
DETAIL "A"
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
Z
DETAIL "A"
D
N
O
P
A
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
PS21964-C
PS21964-C
X
R
HEATSINK
SIDE
C
E
G
H
J
L
M
DETAIL "B"
E
F
V
K
K


Similar Part No. - PS21964-A

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
PS21964-A MITSUBISHI-PS21964-A Datasheet
131Kb / 10P
   600V/15A low-loss 5th generation IGBT inverter bridge for three phase DC-to-AC power conversion
PS21964-AT MITSUBISHI-PS21964-AT Datasheet
183Kb / 10P
   600V/15A low-loss 5th generation IGBT inverter bridge for three phase DC-to-AC power conversion
PS21964-AT MITSUBISHI-PS21964-AT Datasheet
185Kb / 10P
   Dual-In-Line Package Intelligent Power Module TRANSFER-MOLD TYPE INSULATED TYPE
More results

Similar Description - PS21964-A

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
PS21564 POWEREX-PS21564 Datasheet
83Kb / 6P
   Intellimod??Module Dual-In-Line Intelligent Power Module (15 Amperes/600 Volts)
PS21254-E POWEREX-PS21254-E Datasheet
84Kb / 6P
   Intellimod??Module Dual-In-Line Intelligent Power Module (15 Amperes/600 Volts)
PS21244-E POWEREX-PS21244-E Datasheet
80Kb / 6P
   Intellimod??Module Dual-In-Line Intelligent Power Module (15 Amperes/600 Volts)
PS21444-E POWEREX-PS21444-E Datasheet
84Kb / 6P
   Intellimod??Module Dual-In-Line Intelligent Power Module (15 Amperes/600 Volts)
PS21564-P POWEREX-PS21564-P Datasheet
317Kb / 6P
   Intellimod??Module Dual-In-Line Intelligent Power Module 15 Amperes/600 Volts
PS21454-E POWEREX-PS21454-E Datasheet
85Kb / 6P
   Intellimod??Module Dual-In-Line Intelligent Power Module (15 Amperes/600 Volts)
PS21342-G POWEREX-PS21342-G Datasheet
89Kb / 6P
   Intellimod??Module Dual-In-Line Intelligent Power Module (5 Amperes/600 Volts)
PS21552-G POWEREX-PS21552-G Datasheet
89Kb / 6P
   Intellimod??Module Dual-In-Line Intelligent Power Module (5 Amperes/600 Volts)
PS21563-SP POWEREX-PS21563-SP Datasheet
221Kb / 6P
   Intellimod??Module Dual-In-Line Intelligent Power Module 10 Amperes/600 Volts
PS21867-P POWEREX-PS21867-P Datasheet
266Kb / 6P
   Intellimod??Module Dual-In-Line Intelligent Power Module 30 Amperes/600 Volts
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com