Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPA-0501-25 Datasheet(PDF) 1 Page - PREMIER DEVICES, INC.

Part # SPA-0501-25
Description  SURFACE MOUNT 2-WAY SPLITTER
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PDI [PREMIER DEVICES, INC.]
Direct Link  http://www.premierdevicesinc.com/
Logo PDI - PREMIER DEVICES, INC.

SPA-0501-25 Datasheet(HTML) 1 Page - PREMIER DEVICES, INC.

  SPA-0501-25 Datasheet HTML 1Page - PREMIER DEVICES, INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1860 Hartog Drive, San Jose, California 95131 USA
Tel: 001-408-436-7720
Fax: 001-408-436-7689
Email: Sales@premierdevices.com
Leffelholzstr. 20, D-90441, Nurnberg, Germany
Tel: +49(0)911/9411 233
Fax: +49(0)911/9411 198
Email: Sales.germany@premierdevices.com
2/1-2F, No.99 Lane 2535 Gudai Rd, Shanghai, China PC 201100
Tel: (86)21-5416-8648
Fax: (86)21-5416-8753
Email: Sales.china@premierdevices.com
SPA-0501-25
Features
SURFACE MOUNT 2-WAY SPLITTER
Frequency Range 1 – 500 MHz
Low Cost
Industry Standard SMT package
Available in Tape-and -Reel
50 Ohms Characteristic Impedance
Description
The SPA-0501-25 is a 0° In-phase two way power splitter
designed for applications that require small, low cost and highly
reliable surface mount components. Applications may be found
in broadband, wireless and other communications systems.
S-Parameters are available on request.
Specifications
Absolute Maximum Ratings
Note: Typical values represent Mid-band performance @ 25˚C.
Schematic
Package – S06
Pin Functions
Typical Test Data – Insertion Loss and Amplitude Balance
Typical Test Data – Return Loss and Output Isolation
Specifications and information on this data sheet are subject to change without notice..
Parameter
Minimum
Typical
Maximum
Frequency Range (MHz)
1
500
Insertion Loss (dB)
0.4
1.0
Isolation (dB)
20
35
Return Loss (dB)
20
14
Amplitude Balance (dB)
0.1
0.3
Phase Balance (Degrees)
1.0
4.0
Parameter
Maximum
RF Power
+33 dBm
Operating Temperature
-55 to +100 °C
Storage Temperature
-55 to +100 °C
Re-flow Temperature
+ 240 °C
Function
Pin
INPUT
1
OUTPUT 1
3
OUTPUT 2
4
GROUND
2,5,6
Insertion Loss and Am plitude Balance
-4
-3.8
-3.6
-3.4
-3.2
-3
1
51
101
151
201
251
300
350
400
450
500
F r eq u e n cy ( M H z )
dB
S21
S31
Return Loss and Isolation
-50
-45
-40
-35
-30
-25
-20
-15
-10
1
51
101
151
201
251
300
350
400
450
500
Fr e q u e nc y ( M H z )
dB
S11
S22
S33
S32


Similar Part No. - SPA-0501-25

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SPA-001T-P0.5 ETC2-SPA-001T-P0.5 Datasheet
232Kb / 8P
   Crimping tools and machines
SPA-001T-P0.5 ETC2-SPA-001T-P0.5 Datasheet
366Kb / 11P
   2.0mm pitch/Wire-to-board (Crimp style/IDC) / Wire-to-wire (Crimp style/IDC)
SPA-001T-P0.5 ETC2-SPA-001T-P0.5 Datasheet
224Kb / 8P
   APPLICATION TOOLING
logo
JST Mfg. Co., Ltd.
SPA-001T-P0.5 JST-SPA-001T-P0.5 Datasheet
340Kb / 12P
   2.0mm pitch/Wire-to-board (Crimp style/IDC) / Wire-to-wire (Crimp style/IDC)
logo
PREMIER DEVICES, INC.
SPA-0101-27 PDI-SPA-0101-27 Datasheet
49Kb / 1P
   SURFACE MOUNT 2-WAY SPLITTER
More results

Similar Description - SPA-0501-25

ManufacturerPart #DatasheetDescription
logo
PREMIER DEVICES, INC.
SPA-1002-27 PDI-SPA-1002-27 Datasheet
50Kb / 1P
   SURFACE MOUNT 2-WAY SPLITTER
SPA-1001-25 PDI-SPA-1001-25 Datasheet
50Kb / 1P
   SURFACE MOUNT 2-WAY SPLITTER
SPC-2201-25 PDI-SPC-2201-25 Datasheet
49Kb / 1P
   SURFACE MOUNT 2-WAY SPLITTER
SPE-1001-25 PDI-SPE-1001-25 Datasheet
49Kb / 1P
   SURFACE MOUNT 2-WAY SPLITTER
SPA-1001-27 PDI-SPA-1001-27 Datasheet
50Kb / 1P
   SURFACE MOUNT 2-WAY SPLITTER
SPA-0301-27 PDI-SPA-0301-27 Datasheet
49Kb / 1P
   SURFACE MOUNT 2-WAY SPLITTER
SPA-0101-27 PDI-SPA-0101-27 Datasheet
49Kb / 1P
   SURFACE MOUNT 2-WAY SPLITTER
SPC-2601-25 PDI-SPC-2601-25 Datasheet
50Kb / 1P
   SURFACE MOUNT 2-WAY SPLITTER
SPA-0701-25 PDI-SPA-0701-25 Datasheet
49Kb / 1P
   SURFACE MOUNT 2-WAY SPLITTER
SPC-1601-25 PDI-SPC-1601-25 Datasheet
49Kb / 1P
   SURFACE MOUNT 2-WAY SPLITTER
SPC-2001-25 PDI-SPC-2001-25 Datasheet
50Kb / 1P
   SURFACE MOUNT 2-WAY SPLITTER
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com