Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC74LCX257FN Datasheet(PDF) 5 Page - Toshiba Semiconductor

Part # TC74LCX257FN
Description  Low-Voltage Quad 2-Channel Multiplexer (3-state) with 5-V Tolerant Inputs and Outputs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74LCX257FN Datasheet(HTML) 5 Page - Toshiba Semiconductor

  TC74LCX257FN Datasheet HTML 1Page - Toshiba Semiconductor TC74LCX257FN Datasheet HTML 2Page - Toshiba Semiconductor TC74LCX257FN Datasheet HTML 3Page - Toshiba Semiconductor TC74LCX257FN Datasheet HTML 4Page - Toshiba Semiconductor TC74LCX257FN Datasheet HTML 5Page - Toshiba Semiconductor TC74LCX257FN Datasheet HTML 6Page - Toshiba Semiconductor TC74LCX257FN Datasheet HTML 7Page - Toshiba Semiconductor TC74LCX257FN Datasheet HTML 8Page - Toshiba Semiconductor TC74LCX257FN Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
TC74LCX257F/FN/FT
2007-10-19
5
Dynamic Switching Characteristics (Ta = 25°C, input: tr = tf = 2.5 ns, CL = 50 pF, RL = 500 Ω)
Characteristics
Symbol
Test Condition
VCC (V)
Typ.
Unit
Quiet output maximum
dynamic VOL
VOLP
VIH = 3.3 V, VIL = 0 V
3.3
0.8
V
Quiet output minimum
dynamic VOL
|VOLV| VIH = 3.3 V, VIL = 0 V
3.3
0.8
V
Capacitive Characteristics (Ta = 25°C)
Characteristics
Symbol
Test Condition
VCC (V)
Typ.
Unit
Input capacitance
CIN
3.3
7
pF
Output capacitance
COUT
3.3
8
pF
Power dissipation capacitance
CPD
fIN = 10 MHz
(Note)
3.3
25
pF
Note:
CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating
current consumption without load.
Average operating current can be obtained by the equation:
ICC (opr) = CPD・VCC・fIN + ICC
AC Test Circuit
AC Waveform
Figure 2 tpLH, tpHL
90%
10%
Non-Inverting
Output
Input
VOL
VOH
GND
2.7 V
1.5 V
tpLH
tpHL
tr 2.5 ns
tf 2.5 ns
1.5 V
Inverting
Output
VOL
VOH
1.5 V
tpHL
tpLH
Open
6.0 V
GND
Switch
Output
Measure
RL = 500 Ω
CL = 50 pF
Parameter
Switch
tpLH, tpHL
Open
tpLZ, tpZL
6.0 V
tpHZ, tpZH
GND
Figure 1


Similar Part No. - TC74LCX257FN

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74LCX257FN TOSHIBA-TC74LCX257FN Datasheet
298Kb / 9P
   LOW VOLTAGE QUAD 2-CHANNEL MULTIPLEXER (3-STATE) WITH 5V TOLERANT INPUTS AND OUTPUTS
More results

Similar Description - TC74LCX257FN

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74LCX257F TOSHIBA-TC74LCX257F_12 Datasheet
223Kb / 10P
   Low-Voltage Quad 2-Channel Multiplexer (3-state) with 5-V Tolerant Inputs and Outputs
TC74LCX157F TOSHIBA-TC74LCX157F_12 Datasheet
226Kb / 11P
   Low Voltage Quad 2-Channel Multiplexer with 5 V Tolerant Inputs and Outputs
TC7MZ157FK TOSHIBA-TC7MZ157FK_07 Datasheet
187Kb / 8P
   Low Voltage Quad 2-Channel Multiplexer with 5 V Tolerant Inputs and Outputs
TC74LCX157F TOSHIBA-TC74LCX157F_07 Datasheet
279Kb / 11P
   Low Voltage Quad 2-Channel Multiplexer with 5 V Tolerant Inputs and Outputs
TC74LCX257F TOSHIBA-TC74LCX257F Datasheet
298Kb / 9P
   LOW VOLTAGE QUAD 2-CHANNEL MULTIPLEXER (3-STATE) WITH 5V TOLERANT INPUTS AND OUTPUTS
logo
NXP Semiconductors
74LVC257A PHILIPS-74LVC257A_15 Datasheet
193Kb / 18P
   Quad 2-input multiplexer with 5 V tolerant inputs/outputs; 3-state
Rev. 6-28 November 2011
logo
Nexperia B.V. All right...
74LVC257A NEXPERIA-74LVC257A Datasheet
262Kb / 14P
   Quad 2-input multiplexer with 5 V tolerant inputs/outputs; 3-state
Rev. 8 - 31 August 2021
logo
STMicroelectronics
74LCX257 STMICROELECTRONICS-74LCX257 Datasheet
288Kb / 13P
   LOW VOLTAGE CMOS QUAD 2 CHANNEL MULTIPLEXER WITH 5V TOLERANT INPUTS AND OUTPUTS (3-STATE)
logo
Toshiba Semiconductor
TC7MA257FK TOSHIBA-TC7MA257FK Datasheet
229Kb / 11P
   Low Voltage Quad 2-Channel Multiplexer with 3.6 V Tolerant Inputs and Outputs
TC74VCX157FT TOSHIBA-TC74VCX157FT_07 Datasheet
258Kb / 12P
   Low Voltage Quad 2-Channel Multiplexer with 3.6 V Tolerant Inputs and Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com