Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC74LCX164245FT Datasheet(PDF) 8 Page - Toshiba Semiconductor

Part # TC74LCX164245FT
Description  16-Bit Dual Supply Bus Transceiver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74LCX164245FT Datasheet(HTML) 8 Page - Toshiba Semiconductor

Back Button TC74LCX164245FT Datasheet HTML 3Page - Toshiba Semiconductor TC74LCX164245FT Datasheet HTML 4Page - Toshiba Semiconductor TC74LCX164245FT Datasheet HTML 5Page - Toshiba Semiconductor TC74LCX164245FT Datasheet HTML 6Page - Toshiba Semiconductor TC74LCX164245FT Datasheet HTML 7Page - Toshiba Semiconductor TC74LCX164245FT Datasheet HTML 8Page - Toshiba Semiconductor TC74LCX164245FT Datasheet HTML 9Page - Toshiba Semiconductor TC74LCX164245FT Datasheet HTML 10Page - Toshiba Semiconductor TC74LCX164245FT Datasheet HTML 11Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
TC74LCX164245FT
2007-10-19
8
AC Characteristics (input: tr = tf = 2.5 ns, RL = 500 Ω)
VCCA = 3.3 ± 0.3 V
Ta
= −40 to
85°C
Characteristics
Symbol
Test Condition
CL (pF)
VCCB (V)
Min
Max
Unit
Propagation delay time
(Bn
An)
tpLH
tpHL
50
5.0
± 0.5
1.0
5.8
3-state output enable time
( OE
An)
tpZL
tpZH
50
5.0
± 0.5
1.0
9.0
3-state output disable time
( OE An)
tpLZ
tpHZ
Input: Bn
Output: An
(DIR
= “L”)
50
5.0
± 0.5
1.0
9.0
ns
Propagation delay time
(An
Bn)
tpLH
tpHL
50
5.0
± 0.5
1.0
5.8
3-state output enable time
( OE Bn)
tpZL
tpZH
50
5.0
± 0.5
1.0
8.9
3-state output disable time
( OE
Bn)
tpLZ
tpHZ
Input: An
Output: Bn
(DIR
= “H”)
50
5.0
± 0.5
1.0
9.0
ns
Output to output skew
tosLH
tosHL
(Note)
50
5.0
± 0.5
1.0
ns
Note:
Parameter guaranteed by design.
(tosLH = |tpLHm − tpLHn|, tosHL = |tpHLm − tpHLn|)
VCCA = 2.5 ± 0.2 V
Ta
= −40 to
85°C
Characteristics
Symbol
Test Condition
CL (pF)
VCCB (V)
Min
Max
Unit
Propagation delay time
(Bn
An)
tpLH
tpHL
30
5.0
± 0.5
1.0
8.4
3-state output enable time
(
OE
An)
tpZL
tpZH
30
5.0
± 0.5
1.0
11.0
3-state output disable time
( OE
An)
tpLZ
tpHZ
Input: Bn
Output: An
(DIR
= “L”)
30
5.0
± 0.5
1.0
10.0
ns
Propagation delay time
(An
Bn)
tpLH
tpHL
50
5.0
± 0.5
1.0
9.0
3-state output enable time
( OE
Bn)
tpZL
tpZH
50
5.0
± 0.5
1.0
10.5
3-state output disable time
( OE Bn)
tpLZ
tpHZ
Input: An
Output: Bn
(DIR
= “H”)
50
5.0
± 0.5
1.0
10.3
ns
Output to output skew
tosLH
tosHL
(Note) 30 or 50 5.0
± 0.5
1.0
ns
Note:
Parameter guaranteed by design.
(tosLH = |tpLHm − tpLHn|, tosHL = |tpHLm − tpHLn|)


Similar Part No. - TC74LCX164245FT

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74LCX164245FT TOSHIBA-TC74LCX164245FT Datasheet
158Kb / 11P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
More results

Similar Description - TC74LCX164245FT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AVC16T245 TI1-SN74AVC16T245_15 Datasheet
1Mb / 28P
[Old version datasheet]   16-Bit Dual-Supply Bus Transceiver
logo
Toshiba Semiconductor
TC74VCX164245FT TOSHIBA-TC74VCX164245FT_07 Datasheet
224Kb / 15P
   16-Bit Dual Supply Bus Transceiver
logo
Texas Instruments
SN74LVC16T245 TI1-SN74LVC16T245_15 Datasheet
1Mb / 30P
[Old version datasheet]   16-bit Dual-Supply Bus Transceiver
logo
Toshiba Semiconductor
TC74VCX163245FT TOSHIBA-TC74VCX163245FT_07 Datasheet
224Kb / 15P
   16-Bit Dual Supply Bus Transceiver
TC74LCX163245FT TOSHIBA-TC74LCX163245FT_07 Datasheet
194Kb / 11P
   16-Bit Dual Supply Bus Transceiver
logo
Texas Instruments
SN74LVCH16T245 TI1-SN74LVCH16T245_15 Datasheet
1,020Kb / 30P
[Old version datasheet]   16-bit Dual-supply Bus Transceiver
logo
Toshiba Semiconductor
TC74VCX164245FT TOSHIBA-TC74VCX164245FT Datasheet
193Kb / 15P
   16-Bit Dual Supply Bus Transceiver
logo
Texas Instruments
SN74AVC16T245 TI-SN74AVC16T245 Datasheet
431Kb / 18P
[Old version datasheet]   16 BIT DUAL SUPPLY BUS TRANSCEIVER
SN74AVCH16T245 TI1-SN74AVCH16T245_15 Datasheet
1Mb / 30P
[Old version datasheet]   16-Bit Dual-Supply Bus Transceiver
logo
Toshiba Semiconductor
TC74LCX163245FT TOSHIBA-TC74LCX163245FT Datasheet
327Kb / 8P
   16-BIT DUAL SUPPLY BOLTAGE INTERFACE BUS TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com