Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC74LCXR164245FT Datasheet(PDF) 9 Page - Toshiba Semiconductor

Part # TC74LCXR164245FT
Description  16-Bit Dual Supply Bus Transceiver with Series Resistor
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74LCXR164245FT Datasheet(HTML) 9 Page - Toshiba Semiconductor

Back Button TC74LCXR164245FT Datasheet HTML 3Page - Toshiba Semiconductor TC74LCXR164245FT Datasheet HTML 4Page - Toshiba Semiconductor TC74LCXR164245FT Datasheet HTML 5Page - Toshiba Semiconductor TC74LCXR164245FT Datasheet HTML 6Page - Toshiba Semiconductor TC74LCXR164245FT Datasheet HTML 7Page - Toshiba Semiconductor TC74LCXR164245FT Datasheet HTML 8Page - Toshiba Semiconductor TC74LCXR164245FT Datasheet HTML 9Page - Toshiba Semiconductor TC74LCXR164245FT Datasheet HTML 10Page - Toshiba Semiconductor TC74LCXR164245FT Datasheet HTML 11Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
TC74LCXR164245FT
2007-10-19
9
Capacitive Characteristics (Ta = 25°C)
VCCB = 5.0 V
Characteristics
Symbol
Test
Circuit
Test Condition
VCCA (V)
Typ.
Unit
Input capacitance
CIN
DIR, OE
2.5, 3.3
7
pF
Output capacitance
CI/O
An, Bn
2.5, 3.3
8
pF
A
⇒ B (DIR = “H”)
2.5, 3.3
2
CPDA
B
⇒ A (DIR = “L”)
2.5, 3.3
26
pF
A
⇒ B (DIR = “H”)
2.5, 3.3
36
Power dissipation capacitance
(Note)
CPDB
B
⇒ A (DIR = “L”)
2.5, 3.3
4
pF
Note:
CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating
current consumption without load.
Average operating current can be obtained by the equation:
ICC (opr) = CPD・VCC・fIN + ICC/16 (per bit)


Similar Part No. - TC74LCXR164245FT

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74LCXR164245FT TOSHIBA-TC74LCXR164245FT Datasheet
130Kb / 11P
   16-Bit Dual Supply Bus Transceiver with Series Resistor
More results

Similar Description - TC74LCXR164245FT

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74LCXR164245FT TOSHIBA-TC74LCXR164245FT Datasheet
130Kb / 11P
   16-Bit Dual Supply Bus Transceiver with Series Resistor
TC74LCXR163245FT TOSHIBA-TC74LCXR163245FT_07 Datasheet
188Kb / 11P
   16-Bit Dual Supply Bus Transceiver with Series Resistor
TC74LCXR163245FT TOSHIBA-TC74LCXR163245FT Datasheet
332Kb / 8P
   16-BIT DUAL SUPPLY VOLTAGE INTERFACE BUS TRANSCEIVER WITH SERIES RESISTOR
logo
STMicroelectronics
74VCX1632245 STMICROELECTRONICS-74VCX1632245 Datasheet
662Kb / 18P
   16-BIT DUAL SUPPLY BUS TRANSCEIVER LEVEL TRANSLATOR WITH A SIDE SERIES RESISTOR
logo
Texas Instruments
SN74AVC16T245 TI1-SN74AVC16T245_15 Datasheet
1Mb / 28P
[Old version datasheet]   16-Bit Dual-Supply Bus Transceiver
logo
Toshiba Semiconductor
TC74LCX164245FT TOSHIBA-TC74LCX164245FT_07 Datasheet
188Kb / 11P
   16-Bit Dual Supply Bus Transceiver
TC74VCX164245FT TOSHIBA-TC74VCX164245FT_07 Datasheet
224Kb / 15P
   16-Bit Dual Supply Bus Transceiver
logo
STMicroelectronics
74VCXH1632245 STMICROELECTRONICS-74VCXH1632245 Datasheet
386Kb / 17P
   16-BIT DUAL SUPPLY BUS TRANSCEIVER LEVEL TRANSLATOR WITH A SIDE SERIES RESISTOR
74VCX1632245TBR STMICROELECTRONICS-74VCX1632245TBR Datasheet
633Kb / 18P
   16-BIT DUAL SUPPLY BUS TRANSCEIVER LEVEL TRANSLATOR WITH A SIDE SERIES RESISTOR
logo
Texas Instruments
SN74LVC16T245 TI1-SN74LVC16T245_15 Datasheet
1Mb / 30P
[Old version datasheet]   16-bit Dual-Supply Bus Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com