Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC74LVX14FN Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # TC74LVX14FN
Description  Hex Schmitt Inverter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74LVX14FN Datasheet(HTML) 2 Page - Toshiba Semiconductor

  TC74LVX14FN Datasheet HTML 1Page - Toshiba Semiconductor TC74LVX14FN Datasheet HTML 2Page - Toshiba Semiconductor TC74LVX14FN Datasheet HTML 3Page - Toshiba Semiconductor TC74LVX14FN Datasheet HTML 4Page - Toshiba Semiconductor TC74LVX14FN Datasheet HTML 5Page - Toshiba Semiconductor TC74LVX14FN Datasheet HTML 6Page - Toshiba Semiconductor TC74LVX14FN Datasheet HTML 7Page - Toshiba Semiconductor TC74LVX14FN Datasheet HTML 8Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
TC74LVX14F/FN/FT
2007-10-17
2
Pin Assignment (top view)
IEC Logic Symbol
Truth Table
Inputs
Outputs
A
Y
L
H
H
L
System Diagram, Waveform
VN
VH
Y
VP
A
VIN (A)
VOUT (Y)
(3)
(1)
(9)
(5)
(13)
(11)
2A
1A
4A
3A
6A
5A
(2)
(6)
(10)
1Y
3Y
5Y
(4)
2Y
(8)
4Y
(12)
6Y
VCC
14
6A
6Y
5A
5Y
4A
13
12
11
10
9
8
1A
1
2
3
4
5
6
7
1Y
2A
2Y
3A
3Y
GND
4Y


Similar Part No. - TC74LVX14FN

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74LVX14FN TOSHIBA-TC74LVX14FN Datasheet
242Kb / 7P
   HEX SCHMITT INVERTER
More results

Similar Description - TC74LVX14FN

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC74AC14 MOTOROLA-MC74AC14 Datasheet
128Kb / 5P
   HEX INVERTER SCHMITT HEX INVERTER SCHMITT TRIGGER
logo
Toshiba Semiconductor
TC74VHCT14AF TOSHIBA-TC74VHCT14AF Datasheet
211Kb / 5P
   HEX SCHMITT INVERTER
TC74VHC14F TOSHIBA-TC74VHC14F_07 Datasheet
255Kb / 9P
   Hex Schmitt Inverter
logo
STMicroelectronics
M74HC14 STMICROELECTRONICS-M74HC14_08 Datasheet
320Kb / 14P
   Hex Schmitt inverter
logo
ON Semiconductor
74VHCT14A ONSEMI-74VHCT14A Datasheet
223Kb / 8P
   Hex Schmitt Inverter
December 2007 Rev. 1.5.0
MC74VHC14 ONSEMI-MC74VHC14_11 Datasheet
124Kb / 7P
   Hex Schmitt Inverter
May, 2011 ??Rev. 10
logo
Toshiba Semiconductor
TC74LVX14F TOSHIBA-TC74LVX14F Datasheet
242Kb / 7P
   HEX SCHMITT INVERTER
logo
STMicroelectronics
74AC14 STMICROELECTRONICS-74AC14 Datasheet
174Kb / 7P
   HEX SCHMITT INVERTER
74ACT14 STMICROELECTRONICS-74ACT14_01 Datasheet
178Kb / 8P
   HEX SCHMITT INVERTER
logo
Fairchild Semiconductor
74VHC14 FAIRCHILD-74VHC14_99 Datasheet
78Kb / 6P
   Hex Schmitt Inverter
logo
Toshiba Semiconductor
TC74AC14F TOSHIBA-TC74AC14F Datasheet
255Kb / 6P
   HEX SCHMITT INVERTER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com