Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC74LVX4052F Datasheet(PDF) 8 Page - Toshiba Semiconductor

Part # TC74LVX4052F
Description  Multiplexer/Demultiplexer
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74LVX4052F Datasheet(HTML) 8 Page - Toshiba Semiconductor

Back Button TC74LVX4052F Datasheet HTML 4Page - Toshiba Semiconductor TC74LVX4052F Datasheet HTML 5Page - Toshiba Semiconductor TC74LVX4052F Datasheet HTML 6Page - Toshiba Semiconductor TC74LVX4052F Datasheet HTML 7Page - Toshiba Semiconductor TC74LVX4052F Datasheet HTML 8Page - Toshiba Semiconductor TC74LVX4052F Datasheet HTML 9Page - Toshiba Semiconductor TC74LVX4052F Datasheet HTML 10Page - Toshiba Semiconductor TC74LVX4052F Datasheet HTML 11Page - Toshiba Semiconductor TC74LVX4052F Datasheet HTML 12Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
TC74LVX4051,4052,4053F/FT
2007-10-17
8
AC Test Circuit
CIOS
C
VCC
I/O
O/I
VEE
GND
(Common pin)
VCC
(Switch pin)
Figure 2 CIOS, CIS, COS
VIN
C
VCC
I/O
O/I
VEE GND
0.1
μF
VCC
Figure 3 Frequency Response (switch on)
Figure 4 Feedthrough
VIN
C
VCC
I/O
O/I
VEE GND
0.1
μF
VCC
Figure 1 tpLZ, tpHZ, tpZL, tpZH
3 ns
90%
10%
50%
3 ns
VCC
GND
VC
50%
VOH
VOL
50%
tpZH
90%
10%
tpHZ
tpLZ
tpZL
VOH
VOL
VO/I
(S1 = VCC, S2 = GND)
VO/I
(S1 = GND, S2 = VCC)
VCC
C
VCC
I/O
O/I
S2
S1
VEE GND
from
P.G
1 k
Ω


Similar Part No. - TC74LVX4052F

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74LVX4052FK TOSHIBA-TC74LVX4052FK_08 Datasheet
269Kb / 13P
   8-Channel Analog Multiplexer/Demultiplexer , Dual 4-Channel Analog Multiplexer/Demultiplexer , Triple 2-Channel Analog Multiplexer/Demultiplexer
TC74LVX4052FT TOSHIBA-TC74LVX4052FT Datasheet
167Kb / 11P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC74LVX4052FT TOSHIBA-TC74LVX4052FT_08 Datasheet
269Kb / 13P
   8-Channel Analog Multiplexer/Demultiplexer , Dual 4-Channel Analog Multiplexer/Demultiplexer , Triple 2-Channel Analog Multiplexer/Demultiplexer
TC74LVX4052F TOSHIBA-TC74LVX4052F_08 Datasheet
269Kb / 13P
   8-Channel Analog Multiplexer/Demultiplexer , Dual 4-Channel Analog Multiplexer/Demultiplexer , Triple 2-Channel Analog Multiplexer/Demultiplexer
More results

Similar Description - TC74LVX4052F

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
AAWG OPLINK-AAWG Datasheet
600Kb / 3P
   Multiplexer/Demultiplexer
logo
Texas Instruments
SN74CBTU4411 TI1-SN74CBTU4411_16 Datasheet
922Kb / 21P
[Old version datasheet]   Multiplexer/Demultiplexer
logo
Emcore Corporation
MDM-7001D EMCORE-MDM-7001D Datasheet
60Kb / 1P
   DWDM Multiplexer/Demultiplexer
logo
ON Semiconductor
MC74LVXT8053 ONSEMI-MC74LVXT8053 Datasheet
243Kb / 12P
   Analog Multiplexer/Demultiplexer
March, 2000 ??Rev. 2
MC74LVX4052 ONSEMI-MC74LVX4052 Datasheet
142Kb / 16P
   Analog Multiplexer/ Demultiplexer
January, 2002 ??Rev. 4
logo
System Logic Semiconduc...
SL4053B SLS-SL4053B Datasheet
61Kb / 6P
   Analog Multiplexer Demultiplexer
logo
ON Semiconductor
MC74LVX4051 ONSEMI-MC74LVX4051_14 Datasheet
168Kb / 15P
   Analog Multiplexer/ Demultiplexer
August, 2014 ??Rev. 9
logo
Texas Instruments
SN74CBT16214 TI1-SN74CBT16214_15 Datasheet
1Mb / 22P
[Old version datasheet]   FET Multiplexer/Demultiplexer
logo
ON Semiconductor
MC74LVX8053 ONSEMI-MC74LVX8053_14 Datasheet
172Kb / 12P
   Analog Multiplexer/ Demultiplexer
August, 2014 ??Rev. 6
MC74LVX4053 ONSEMI-MC74LVX4053_14 Datasheet
160Kb / 14P
   Analog Multiplexer/ Demultiplexer
August, 2014 ??Rev. 9
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com